Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14V104LA-BA45XIT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY14V104LA-BA45XIT
Description  4-Mbit (512 K x 8 / 256 K x 16) nvSRAM 25 ns and 45 ns access times
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14V104LA-BA45XIT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY14V104LA-BA45XIT Datasheet HTML 6Page - Cypress Semiconductor CY14V104LA-BA45XIT Datasheet HTML 7Page - Cypress Semiconductor CY14V104LA-BA45XIT Datasheet HTML 8Page - Cypress Semiconductor CY14V104LA-BA45XIT Datasheet HTML 9Page - Cypress Semiconductor CY14V104LA-BA45XIT Datasheet HTML 10Page - Cypress Semiconductor CY14V104LA-BA45XIT Datasheet HTML 11Page - Cypress Semiconductor CY14V104LA-BA45XIT Datasheet HTML 12Page - Cypress Semiconductor CY14V104LA-BA45XIT Datasheet HTML 13Page - Cypress Semiconductor CY14V104LA-BA45XIT Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
CY14V104LA
CY14V104NA
Document #: 001-53954 Rev. *F
Page 10 of 22
AC Test Conditions
Input pulse levels ................................................0 V to 1.8 V
Input rise and fall times (10%–90%) ......................... <1.8 ns
Input and output timing reference levels ....................... 0.9 V
AC Test Loads
Figure 3. AC Test Loads
1.8 V
Output
5 pF
R1
R2
450
1.8 V
Output
30 pF
R1
R2
450
for tri-state specs
450
450
[+] Feedback


Similar Part No. - CY14V104LA-BA45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14V101LA CYPRESS-CY14V101LA Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
CY14V101LA-BA25XI CYPRESS-CY14V101LA-BA25XI Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
CY14V101LA-BA25XIT CYPRESS-CY14V101LA-BA25XIT Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
CY14V101LA-BA45XI CYPRESS-CY14V101LA-BA45XI Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
CY14V101LA-BA45XIT CYPRESS-CY14V101LA-BA45XIT Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
More results

Similar Description - CY14V104LA-BA45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104LA_1106 CYPRESS-CY14B104LA_1106 Datasheet
961Kb / 25P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
CY14B104K_1106 CYPRESS-CY14B104K_1106 Datasheet
1Mb / 35P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM with Real Time Clock 25 ns and 45 ns access times
CY14B104NA-ZS25XI CYPRESS-CY14B104NA-ZS25XI Datasheet
988Kb / 26P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM
STK12C68 CYPRESS-STK12C68_11 Datasheet
1Mb / 24P
   64 Kbit (8K x 8) AutoStore nvSRAM 25 ns, 35 ns, and 45 ns access times
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B108K CYPRESS-CY14B108K_11 Datasheet
1,014Kb / 31P
   8 Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B108K_1106 CYPRESS-CY14B108K_1106 Datasheet
1Mb / 33P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B108L_1106 CYPRESS-CY14B108L_1106 Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
CG7501AA CYPRESS-CG7501AA Datasheet
498Kb / 20P
   4-Mbit (512 K 횞 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com