Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14ME064Q Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY14ME064Q
Description  64-Kbit (8 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14ME064Q Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY14ME064Q Datasheet HTML 1Page - Cypress Semiconductor CY14ME064Q Datasheet HTML 2Page - Cypress Semiconductor CY14ME064Q Datasheet HTML 3Page - Cypress Semiconductor CY14ME064Q Datasheet HTML 4Page - Cypress Semiconductor CY14ME064Q Datasheet HTML 5Page - Cypress Semiconductor CY14ME064Q Datasheet HTML 6Page - Cypress Semiconductor CY14ME064Q Datasheet HTML 7Page - Cypress Semiconductor CY14ME064Q Datasheet HTML 8Page - Cypress Semiconductor CY14ME064Q Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
CY14MC256J
CY14MB256J, CY14ME256J
Document #: 001-65233 Rev. *B
Page 3 of 31
Pinouts
Figure 1. Pin Diagram – 8-pin SOIC [2]
Figure 2. Pin Diagram – 16-pin SOIC
Pin Definitions
Pin Name
I/O Type
Description
SCL
Input
Clock. Runs at speeds up to a maximum of fSCL.
SDA
Input/Output
I/O. Input/Output of data through I2C interface.
WP
Input
Write Protect. Protects the memory from all writes. This pin is internally pulled LOW and hence can
be left open if not connected.
A2-A0[2]
Input
Slave Address. Defines the slave address for I2C. This pin is internally pulled LOW and hence can
be left open if not connected.
HSB
Input/Output
Hardware STORE Busy
Output: Indicates busy status of nvSRAM when LOW. After each Hardware and Software STORE
operation HSB is driven HIGH for a short time (tHHHD) with standard output high current and then a
weak internal pull-up resistor keeps this pin HIGH (External pull up resistor connection optional).
Input: Hardware STORE implemented by pulling this pin LOW externally.
VCAP
Power supply
AutoStore capacitor. Supplies power to the nvSRAM during power loss to STORE data from the
SRAM to nonvolatile elements. If not required, AutoStore must be disabled and this pin left as no
connect. It must never be connected to ground.
NC
No connect
No connect. This pin is not connected to the die.
VSS
Power supply
Ground.
VCC
Power supply
Power supply.
WP
SCL
1
2
3
4
5
A0
8
7
6
V
CC
SDA
A1
A2
V
Top View
not to scale
CY14MX256J1
SS
WP
SCL
1
2
3
4
5
8
7
6
V
CC
SDA
A1
A2
Top View
not to scale
CY14MX256J2
V
CAP
VSS
WP
V
CAP
1
2
3
4
5
6
7
8
9
10
11
12
13
NC
16
15
14
VCC
A2
SDA
SCL
A1
HSB
A0
Top View
not to scale
VSS
NC
NC
NC
NC
NC
CY14MX256J3
Note
2. A0 pin is not available in CY14MX256J2.


Similar Part No. - CY14ME064Q

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14ME064Q1B CYPRESS-CY14ME064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K x 8) SPI nvSRAM
CY14ME064Q1B-SXI CYPRESS-CY14ME064Q1B-SXI Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14ME064Q1B-SXIT CYPRESS-CY14ME064Q1B-SXIT Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14ME064Q2A-SXI CYPRESS-CY14ME064Q2A-SXI Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14ME064Q2A-SXIT CYPRESS-CY14ME064Q2A-SXIT Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
More results

Similar Description - CY14ME064Q

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C512Q CYPRESS-CY14C512Q Datasheet
1Mb / 33P
   512-Kbit (64 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C256Q CYPRESS-CY14C256Q Datasheet
1Mb / 33P
   256-Kbit (32 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C512J CYPRESS-CY14C512J Datasheet
1Mb / 31P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14B101Q1 CYPRESS-CY14B101Q1_11 Datasheet
1Mb / 26P
   1 Mbit (128 K x 8) Serial SPI nvSRAM Infinite read, write, and RECALL cycles
CY14V101LA CYPRESS-CY14V101LA Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
CY14C256PA CYPRESS-CY14C256PA Datasheet
1Mb / 44P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock Infinite read, write, and RECALL cycles
CY14B108L_1106 CYPRESS-CY14B108L_1106 Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
CY14C101J_1105 CYPRESS-CY14C101J_1105 Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14MB064Q1B CYPRESS-CY14MB064Q1B_13 Datasheet
913Kb / 28P
   64-Kbit (8 K x 8) SPI nvSRAM
STK15C88 CYPRESS-STK15C88_11 Datasheet
832Kb / 17P
   256-Kbit (32 K x 8) PowerStore nvSRAM Unlimited RECALL Cycles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com