Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14MB064J1-SXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY14MB064J1-SXI
Description  64-Kbit (8 K x 8) Serial (I2C) nvSRAM Nonvolatile STORE/RECALL
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14MB064J1-SXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY14MB064J1-SXI Datasheet HTML 3Page - Cypress Semiconductor CY14MB064J1-SXI Datasheet HTML 4Page - Cypress Semiconductor CY14MB064J1-SXI Datasheet HTML 5Page - Cypress Semiconductor CY14MB064J1-SXI Datasheet HTML 6Page - Cypress Semiconductor CY14MB064J1-SXI Datasheet HTML 7Page - Cypress Semiconductor CY14MB064J1-SXI Datasheet HTML 8Page - Cypress Semiconductor CY14MB064J1-SXI Datasheet HTML 9Page - Cypress Semiconductor CY14MB064J1-SXI Datasheet HTML 10Page - Cypress Semiconductor CY14MB064J1-SXI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
CY14MB064J
CY14ME064J
Document #: 001- 65051 Rev. *B
Page 7 of 31
Slave Device Address
Every slave device on an I2C bus has a device select address.
The first byte after START condition contains the slave device
address with which the master intends to communicate. The
seven MSBs are the device address and the LSB (R/W bit) is
used for indicating Read or Write operation. The CY14MX064J
reserves two sets of upper 4 MSBs [7:4] in the slave device
address field for accessing Memory and Control Registers. The
accessing mechanism is described in Memory Slave Device on
page 7.
The nvSRAM product provides two different functionalities:
Memory and Control Registers functions (such as serial number
and product ID). The two functions of the device are accessed
through different slave device addresses. The first four most
significant bits [7:4] in the device address register are used to
select between the nvSRAM functions.
Memory Slave Device
The nvSRAM device is selected for Read/Write if the master
issues the slave address as 1010b followed by two/three bits of
device select. For CY14MX064J1/J3 device select is 3 bits and
for CY14MX064J2 it is two bits with third bit don’t care. If slave
address sent by the master matches with the Memory Slave
device address then depending on the R/W bit of the slave
address, data is either read from (R/W = ‘1’) or written to (R/W =
’0’) the nvSRAM.
The address length for CY14MX064J is 13 bits and thus it
requires 2 address bytes to map the entire memory address
location. The dedicated two address bytes represent bit A0 to
A12. However, since the address is only 13-bits, it implies that
the first three MSB bits that is fed in is ignored by the device.
Although these bits are ‘don’t care’, Cypress recommends that
this bit is treated as 0 to enable seamless transition to higher
memory densities.
Control Registers Slave Device
The Control Registers Slave device includes the Serial Number,
Product ID, Memory Control and Command Register.
The nvSRAM Control Register Slave device is selected for
Read/Write if the master issues the Slave address as 0011b
followed
by
two/three
bits
of
device
select.
For
CY14MX064J1/J3 device select is 3 bits and for CY14MX064J2
it is two bits with third bit don’t care. If the slave address sent by
the master matches with the Memory Slave device address then
depending on the R/W bit of the slave address, data is either read
from (R/W = ‘1’) or written to (R/W = ’0’) the nvSRAM.
Table 1. Slave device Addressing
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
nvSRAM
Function Select
CY14MX064J Slave Devices
1
0
1
0
Device Select ID
R/W Selects Memory
Memory, 8 K × 8
0
0
1
1
Device Select ID
R/W Selects Control
Registers
Control Registers
- Memory Control Register, 1 × 8
- Serial Number, 8 × 8
- Device ID, 4 × 8
- Command Register, 1 × 8
Figure 8. Memory Slave Device Address
handbook, halfpage
R/W
LSB
MSB
Slave ID
10
1
0
A2
A0/X
A1
Device Select
Figure 9. Control Registers Slave Device Address
handbook, halfpage
R/W
LSB
MSB
Slave ID
0
0
1
1
A2
A0/X
A1
Device Select
[+] Feedback


Similar Part No. - CY14MB064J1-SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064J1-SXI CYPRESS-CY14MB064J1-SXI Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J1-SXI CYPRESS-CY14MB064J1-SXI Datasheet
1Mb / 30P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14MB064J1-SXIT CYPRESS-CY14MB064J1-SXIT Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J1-SXIT CYPRESS-CY14MB064J1-SXIT Datasheet
1Mb / 30P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
More results

Similar Description - CY14MB064J1-SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064J CYPRESS-CY14MB064J_13 Datasheet
1Mb / 30P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A_13 Datasheet
1Mb / 28P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14C512J CYPRESS-CY14C512J_13 Datasheet
1Mb / 30P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14C512J CYPRESS-CY14C512J Datasheet
1Mb / 31P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14C512J CYPRESS-CY14C512J_12 Datasheet
1Mb / 30P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
CY14C064I CYPRESS-CY14C064I_13 Datasheet
2Mb / 40P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064I CYPRESS-CY14C064I Datasheet
2Mb / 41P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com