Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B512J2-SXIT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY14B512J2-SXIT
Description  512-Kbit (64 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B512J2-SXIT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY14B512J2-SXIT Datasheet HTML 3Page - Cypress Semiconductor CY14B512J2-SXIT Datasheet HTML 4Page - Cypress Semiconductor CY14B512J2-SXIT Datasheet HTML 5Page - Cypress Semiconductor CY14B512J2-SXIT Datasheet HTML 6Page - Cypress Semiconductor CY14B512J2-SXIT Datasheet HTML 7Page - Cypress Semiconductor CY14B512J2-SXIT Datasheet HTML 8Page - Cypress Semiconductor CY14B512J2-SXIT Datasheet HTML 9Page - Cypress Semiconductor CY14B512J2-SXIT Datasheet HTML 10Page - Cypress Semiconductor CY14B512J2-SXIT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
CY14C512J
CY14B512J, CY14E512J
Document #: 001-65232 Rev. *B
Page 7 of 31
Slave Device Address
Every slave device on an I2C bus has a device select address.
The first byte after START condition contains the slave device
address with which the master intends to communicate. The
seven MSBs are the device address and the LSB (R/W bit) is
used for indicating Read or Write operation. The CY14X512J
reserves two sets of upper 4 MSBs [7:4] in the slave device
address field for accessing Memory and Control Registers. The
accessing mechanism is described in Memory Slave Device on
page 7.
The nvSRAM product provides two different functionalities:
Memory and Control Registers functions (such as serial number
and product ID). The two functions of the device are accessed
through different slave device addresses. The first four most
significant bits [7:4] in the device address register are used to
select between the nvSRAM functions.
Memory Slave Device
The nvSRAM device is selected for Read/Write if the master
issues the slave address as 1010b followed by two/three bits of
device select. For CY14X512J1/J3, the device select is three bits
and for CY14X512J2, it is two bits with the third bit don’t care. If
the slave address sent by the master matches with the Memory
Slave device address, then depending on the R/W bit of the slave
address, data is either read from (R/W = ‘1’) or written to (R/W =
’0’) the nvSRAM.
The address length for CY14X512J is 16 bits and thus it requires
two address bytes to map the entire memory address location.
The dedicated two address bytes represent bit A0 to A15.
Control Registers Slave Device
The Control Registers Slave device includes the Serial Number,
Product ID, Memory Control and Command Register.
The nvSRAM Control Register Slave device is selected for
Read/Write if the master issues the Slave address as 0011b
followed by two/three bits of device select. For CY14X512J1/J3
device select is 3 bits and for CY14X512J2 it is two bits with third
bit don’t care. If slave address sent by the master matches with
the Memory Slave device address then depending on the R/W
bit of the slave address, data is either read from (R/W = ‘1’) or
written to (R/W = ’0’) the nvSRAM.
Table 1. Slave device Addressing
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
nvSRAM
Function Select
CY14X512J Slave Devices
1
0
1
0
Device Select ID
R/W Selects Memory
Memory, 64 K × 8
0
0
1
1
Device Select ID
R/W
Selects Control
Registers
Control Registers
- Memory Control Register, 1 × 8
- Serial Number, 8 × 8
- Device ID, 4 × 8
- Command Register, 1 × 8
Figure 8. Memory Slave Device Address
handbook, halfpage
R/W
LSB
MSB
Slave ID
10
1
0
A2
A0/X
A1
Device Select
Figure 9. Control Registers Slave Device Address
Table 2. Control Registers Map
Address
Description
Read/Write
Details
0x00
Memory
Control
Register
Read/Write Contains Block
Protect Bits and Serial
Number Lock bit
0x01
Serial Number
8 Bytes
Read/Write
(Read only
when SNL
is set)
Programmable Serial
Number. Locked by
setting the Serial
Number lock bit in the
Memory Control
Register to ‘1’.
0x02
0x03
0x04
0x05
0x06
0x07
0x08
handbook, halfpage
R/W
LSB
MSB
Slave ID
0
0
1
1
A2
A0/X
A1
Device Select
[+] Feedback


Similar Part No. - CY14B512J2-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B512J2-SXIT CYPRESS-CY14B512J2-SXIT Datasheet
1Mb / 30P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
CY14B512J2-SXIT CYPRESS-CY14B512J2-SXIT Datasheet
1Mb / 30P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM
More results

Similar Description - CY14B512J2-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C512Q CYPRESS-CY14C512Q Datasheet
1Mb / 33P
   512-Kbit (64 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14MB064Q CYPRESS-CY14MB064Q Datasheet
938Kb / 29P
   64-Kbit (8 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C101J_1105 CYPRESS-CY14C101J_1105 Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14C256Q CYPRESS-CY14C256Q Datasheet
1Mb / 33P
   256-Kbit (32 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14B108L_1106 CYPRESS-CY14B108L_1106 Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
CY14B101Q1 CYPRESS-CY14B101Q1_11 Datasheet
1Mb / 26P
   1 Mbit (128 K x 8) Serial SPI nvSRAM Infinite read, write, and RECALL cycles
CY14V101LA CYPRESS-CY14V101LA Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
CY14C256PA CYPRESS-CY14C256PA Datasheet
1Mb / 44P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock Infinite read, write, and RECALL cycles
CY14C512J CYPRESS-CY14C512J_13 Datasheet
1Mb / 30P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J Datasheet
1Mb / 31P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM Nonvolatile STORE/RECALL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com