Electronic Components Datasheet Search |
|
CY14E256I Datasheet(PDF) 7 Page - Cypress Semiconductor |
|
CY14E256I Datasheet(HTML) 7 Page - Cypress Semiconductor |
7 / 41 page CY14C256I CY14B256I, CY14E256I Document #: 001-65230 Rev. *B Page 7 of 41 Slave Device Address Every slave device on an I2C bus has a device select address. The first byte after START condition contains the slave device address with which the master intends to communicate. The seven MSBs are the device address and the LSB (R/W bit) is used for indicating Read or Write operation. The CY14X256I reserves three sets of upper 4 MSBs [7:4] in the slave device address field for accessing the Memory, RTC Registers, and Control Registers. The accessing mechanism is described in the following section. The nvSRAM product provides three different functionalities: Memory, RTC Registers and Control Registers functions (such as serial number and product ID). The three functions of the device are accessed through different slave device addresses. The first four most significant bits [7:4] in the device address register are used to select between the nvSRAM functions. Memory Slave Device The nvSRAM device is selected for read/write if the master issues the slave address as 1010b followed by three bits of device select. If the slave address sent by the master matches with the Memory Slave device address then depending on the R/W bit of the slave address, the data will be either read from (R/W = ‘1’) or written to (R/W = ‘0’) the nvSRAM. The address length for CY14X256I is 15 bits, and thus it requires two address bytes to map the entire memory address location. The dedicated two address bytes represent bit A0 to A14. However, since the address is only 15-bits, it implies that the first MSB bit that is fed in is ignored by the device. Although this bit is ‘don’t care’, Cypress recommends that this bit is treated as 0 to enable seamless transition to higher memory densities. RTC Registers Slave Device The RTC Registers is selected for read/write if the master issues the slave address as 1101b followed by three bits of device select. Then, depending on the R/W bit of the slave address, data is either read from (R/W = ‘1’) or written to (R/W = ‘0’) the RTC Registers. The RTC Registers slave address is followed by one byte address of RTC Register for read/write operation. The RTC Registers map is explained in the Table 10. Control Registers Slave Device The Control Registers Slave device includes the serial number, product ID, Memory Control, and Command Register. The nvSRAM Control Register Slave device is selected for read/write if the master issues the slave address as 0011b followed by three bits of device select. Then, depending on the R/W bit of the slave address, data is either read from (R/W = ‘1’) or written to (R/W = ‘0’) the device. Table 1. Slave Device Addressing Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 nvSRAM Function Select CY14X256I Slave Devices 1 0 1 0 Device select ID R/W Selects Memory Memory, 32 K × 8 1 1 0 1 Device select ID R/W Selects RTC Registers RTC Registers, 16 × 8 0 0 1 1 Device select ID R/W Selects Control Registers Control Registers - Memory Control Register, 1 × 8 - Serial Number, 8 × 8 - Device ID, 4 × 8 - Command Register, 1 × 8 Figure 7. Memory Slave Device Address handbook, halfpage R/W LSB MSB Slave ID 10 1 0 A2 A0 A1 Device Select Figure 8. RTC Registers Slave Device Address handbook, halfpage R/W LSB MSB Slave ID 11 0 1 A2 A0 A1 Device Select [+] Feedback |
Similar Part No. - CY14E256I |
|
Similar Description - CY14E256I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |