Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101PA-SFXIT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY14B101PA-SFXIT
Description  1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101PA-SFXIT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY14B101PA-SFXIT Datasheet HTML 1Page - Cypress Semiconductor CY14B101PA-SFXIT Datasheet HTML 2Page - Cypress Semiconductor CY14B101PA-SFXIT Datasheet HTML 3Page - Cypress Semiconductor CY14B101PA-SFXIT Datasheet HTML 4Page - Cypress Semiconductor CY14B101PA-SFXIT Datasheet HTML 5Page - Cypress Semiconductor CY14B101PA-SFXIT Datasheet HTML 6Page - Cypress Semiconductor CY14B101PA-SFXIT Datasheet HTML 7Page - Cypress Semiconductor CY14B101PA-SFXIT Datasheet HTML 8Page - Cypress Semiconductor CY14B101PA-SFXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
CY14C101PA
CY14B101PA
CY14E101PA
Document #: 001-54392 Rev. *E
Page 3 of 44
Pinout
Figure 1. Pin Diagram - 16-pin SOIC
Pin Definitions
Pin Name
I/O Type
Description
CS
Input
Chip select: Activates the device when pulled LOW. Driving this pin HIGH puts the device in low
power standby mode.
SCK
Input
Serial clock: Runs at speeds up to a maximum of fSCK. Serial input is latched at the rising edge of
this clock. Serial output is driven at the falling edge of the clock.
SI
Input
Serial input: Pin for input of all SPI instructions and data.
SO
Output
Serial output: Pin for output of data through SPI.
WP
Input
Write Protect: Implements hardware write protection in SPI.
HOLD
Input
HOLD pin: Suspends Serial Operation
HSB
Input/Output
Hardware STORE Busy:
Output: Indicates busy status of nvSRAM when LOW. After each Hardware and Software STORE
operation HSB is driven HIGH for a short time (tHHHD) with standard output high current and then
a weak internal pull-up resistor keeps this pin HIGH (external pull-up resistor connection optional).
Input: Hardware STORE implemented by pulling this pin LOW externally.
VCAP
Power supply
AutoStore capacitor. Supplies power to the nvSRAM during power loss to STORE data from the
SRAM to nonvolatile elements. If AutoStore is not needed, this pin must be left as No Connect. It
must never be connected to ground.
VRTCcap
Power supply
Capacitor backup for RTC: Left unconnected if VRTCbat is used.
VRTCbat
Power supply
Battery backup for RTC: Left unconnected if VRTCcap is used.
Xout
Output
Crystal output connection
Xin
Input
Crystal input connection
INT/SQW
Output
Interrupt output/calibration/square wave. Programmable to respond to the clock alarm, the
watchdog timer, and the power monitor. Also programmable to either active HIGH (push or pull) or
LOW (open drain). In calibration mode, a 512 Hz square wave is driven out. In the square wave
mode, you may select a frequency of 1 Hz, 512 Hz, 4,096 Hz, or 32,768 Hz to be used as a
continuous output.
NC
No connect
No connect. This pin is not connected to the die.
VSS
Power supply
Ground
VCC
Power supply
Power supply
INT/SQW
WP
V
CAP
1
2
3
4
5
6
7
8
9
10
11
12
13
NC
16
15
14
V
CC
SO
SI
SCK
CS
HSB
HOLD
Top View
not to scale
VRTCbat
Xout
Xin
V
RTCcap
V
SS


Similar Part No. - CY14B101PA-SFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101PA-SFXIT CYPRESS-CY14B101PA-SFXIT Datasheet
1Mb / 44P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101PA-SFXIT CYPRESS-CY14B101PA-SFXIT Datasheet
1Mb / 43P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
More results

Similar Description - CY14B101PA-SFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101P CYPRESS-CY14B101P_13 Datasheet
1Mb / 36P
   1-Mbit (128 K x 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_13 Datasheet
1Mb / 43P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101PA_1107 CYPRESS-CY14B101PA_1107 Datasheet
1Mb / 35P
   1-Mbit (128 K x 8) Automotive Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_11 Datasheet
1Mb / 35P
   1-Mbit (128 K x 8) Automotive Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_12 Datasheet
934Kb / 36P
   1-Mbit (128 K 횞 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA Datasheet
1Mb / 44P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_12 Datasheet
1Mb / 43P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I_13 Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I_12 Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com