Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B108L-ZS25XIT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY14B108L-ZS25XIT
Description  8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B108L-ZS25XIT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY14B108L-ZS25XIT Datasheet HTML 6Page - Cypress Semiconductor CY14B108L-ZS25XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B108L-ZS25XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B108L-ZS25XIT Datasheet HTML 9Page - Cypress Semiconductor CY14B108L-ZS25XIT Datasheet HTML 10Page - Cypress Semiconductor CY14B108L-ZS25XIT Datasheet HTML 11Page - Cypress Semiconductor CY14B108L-ZS25XIT Datasheet HTML 12Page - Cypress Semiconductor CY14B108L-ZS25XIT Datasheet HTML 13Page - Cypress Semiconductor CY14B108L-ZS25XIT Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
CY14B108L
CY14B108N
Document #: 001-45523 Rev. *J
Page 10 of 25
AC Test Conditions
Input pulse levels ...................................................0 V to 3 V
Input rise and fall times (10%–90%) ........................... < 3 ns
Input and output timing reference levels ...................... 1.5 V
Data Retention and Endurance
Over the Operating Range
Parameter
Description
Min
Unit
DATAR
Data retention
20
Years
NVC
Nonvolatile STORE operations
1,000
K
Capacitance
Parameter[11]
Description
Test Conditions
Max
Unit
CIN
Input capacitance
TA = 25 C, f = 1 MHz, VCC = VCC(Typ)
14
pF
COUT
Output capacitance
14
pF
Thermal Resistance
Parameter[11]
Description
Test Conditions
48-ball FBGA 44-pin TSOP II 54-pin TSOP II Unit
JA
Thermal resistance
(Junction to ambient)
Test conditions follow
standard test methods and
procedures for measuring
thermal impedance, in
accordance with
EIA/JESD51.
42.2
45.3
44.22
C/W
JC
Thermal resistance
(Junction to case)
6.3
5.2
8.26
C/W
AC Test Loads
Figure 4. AC Test Loads
3.0 V
OUTPUT
5 pF
R1
R2
789
3.0 V
OUTPUT
30 pF
R1
R2
789
for tristate specs
577
577
Note
11. These parameters are guaranteed by design but not tested.
[+] Feedback


Similar Part No. - CY14B108L-ZS25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B108L-ZS25XIT CYPRESS-CY14B108L-ZS25XIT Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14B108L-ZS25XIT CYPRESS-CY14B108L-ZS25XIT Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
More results

Similar Description - CY14B108L-ZS25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14V101LA CYPRESS-CY14V101LA Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
CY14C512Q CYPRESS-CY14C512Q Datasheet
1Mb / 33P
   512-Kbit (64 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C101J_1105 CYPRESS-CY14C101J_1105 Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14B101Q1 CYPRESS-CY14B101Q1_11 Datasheet
1Mb / 26P
   1 Mbit (128 K x 8) Serial SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C512J CYPRESS-CY14C512J Datasheet
1Mb / 31P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14MB064Q CYPRESS-CY14MB064Q Datasheet
938Kb / 29P
   64-Kbit (8 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C256Q CYPRESS-CY14C256Q Datasheet
1Mb / 33P
   256-Kbit (32 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C256PA CYPRESS-CY14C256PA Datasheet
1Mb / 44P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock Infinite read, write, and RECALL cycles
CY14B108K CYPRESS-CY14B108K_11 Datasheet
1,014Kb / 31P
   8 Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B108K_1106 CYPRESS-CY14B108K_1106 Datasheet
1Mb / 33P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com