Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B064I-SFXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY14B064I-SFXI
Description  64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B064I-SFXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY14B064I-SFXI Datasheet HTML 1Page - Cypress Semiconductor CY14B064I-SFXI Datasheet HTML 2Page - Cypress Semiconductor CY14B064I-SFXI Datasheet HTML 3Page - Cypress Semiconductor CY14B064I-SFXI Datasheet HTML 4Page - Cypress Semiconductor CY14B064I-SFXI Datasheet HTML 5Page - Cypress Semiconductor CY14B064I-SFXI Datasheet HTML 6Page - Cypress Semiconductor CY14B064I-SFXI Datasheet HTML 7Page - Cypress Semiconductor CY14B064I-SFXI Datasheet HTML 8Page - Cypress Semiconductor CY14B064I-SFXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
PRELIMINARY
CY14C064I
CY14B064I, CY14E064I
Document #: 001-68169 Rev. **
Page 4 of 41
I2C Interface
I2C bus consists of two lines – serial clock line (SCL) and serial
data line (SDA) – that carry information between multiple devices
on the bus. I2C supports multi-master and multi-slave
configurations. The data is transmitted from the transmitter to the
receiver on the SDA line and is synchronized with the clock SCL
generated by the master.
The SCL and SDA lines are open-drain lines and are pulled up
to VCC using resistors. The choice of a pull-up resistor on the
system depends on the bus capacitance and the intended speed
of operation. The master generates the clock, and all the data
I/Os are transmitted in synchronization with this clock. The
CY14X064I supports up to 3.4 MHz clock speed on SCL line.
Protocol Overview
This device supports only a 7-bit addressable scheme. The
master generates a START condition to initiate the
communication followed by broadcasting a slave select byte.
The slave select byte consists of a 7-bit slave address that the
master intends to communicate with and R/W bit indicating a
read or a write operation. The selected slave responds to this
with an acknowledgement (ACK). After a slave is selected, the
remaining part of the communication takes place between the
master and the selected slave device. The other devices on the
bus ignore the signals on the SDA line until a STOP or Repeated
START condition is detected. The data transfer is done between
the master and the selected slave device through the SDA pin
synchronized with the SCL clock generated by the master.
I2C
Protocol – Data Transfer
Each transaction in I2C protocol starts with the master
generating a START condition on the bus, followed by a 7-bit
slave address and eighth bit (R/W) indicating a read (1) or a write
(0) operation. All signals are transmitted on the open-drain SDA
line and are synchronized with the clock on SCL line. Each byte
of data transmitted on the I2C bus is acknowledged by the
receiver by holding the SDA line LOW on the ninth clock pulse.
The request for write by the master is followed by the memory
address and data bytes on the SDA line. The writes can be
performed in burst-mode by sending multiple bytes of data. The
memory
address
increments
automatically
after
the
receive/transmit of each byte on the falling edge of the ninth
clock cycle. The new address is latched just prior to
sending/receiving the acknowledgment bit. This allows the next
sequential byte to be accessed with no additional addressing. On
reaching the last memory location, the address rolls back to
0x0000 and writes continue. The slave responds to each byte
sent by the master during a write operation with an ACK. A write
sequence can be terminated by the master generating a STOP
or Repeated START condition.
A read request is performed at the current address location
(address next to the last location accessed for read or write). The
memory slave device responds to a read request by transmitting
the data on the current address location to the master. A random
address read may also be performed by first sending a write
request with the intended address of read. The master must
abort the write immediately after the last address byte and issue
a Repeated START or STOP signal to prevent any write
operation. The following read operation starts from this address.
The master acknowledges the receipt of one byte of data by
holding the SDA pin LOW for the ninth clock pulse. The reads
can be terminated by the master sending a no-acknowledge
(NACK) signal on the SDA line after the last data byte. The NACK
signal causes the CY14X064I to release the SDA line and the
master can then generate a STOP or a Repeated START
condition to initiate a new operation.
Figure 2. System Configuration using Serial (I2C) nvSRAM
Vcc
SDA
SCL
Vcc
Vcc
0
A
0
A
0
A
A1
A1
A1
L
C
S
L
C
S
L
C
S
SDA
A
D
S
A
D
S
P
W
P
W
P
W
CY14X064I
#0
#1
#7
A2
A2
A2
Microcontroller
CY14X064I
CY14X064I
RPmin = (VCC - VOLmax) / IOL
RPmax = tr / Cb
[+] Feedback


Similar Part No. - CY14B064I-SFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B064I-SFXI CYPRESS-CY14B064I-SFXI Datasheet
2Mb / 40P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B064I-SFXIT CYPRESS-CY14B064I-SFXIT Datasheet
2Mb / 40P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
More results

Similar Description - CY14B064I-SFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C064I CYPRESS-CY14C064I_13 Datasheet
2Mb / 40P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C512I CYPRESS-CY14C512I_13 Datasheet
2Mb / 41P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C512I CYPRESS-CY14C512I Datasheet
1Mb / 41P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064PA CYPRESS-CY14C064PA Datasheet
1Mb / 43P
   64-Kbit (8 K x 8) SPI nvSRAM with Real Time Clock with Real Time Clock
CY14C512I CYPRESS-CY14C512I_12 Datasheet
1Mb / 40P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064PA CYPRESS-CY14C064PA_13 Datasheet
1Mb / 43P
   64-Kbit (8 K x 8) SPI nvSRAM with Real Time Clock
CY14B512P CYPRESS-CY14B512P_13 Datasheet
1Mb / 35P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C256I CYPRESS-CY14C256I_13 Datasheet
2Mb / 41P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14MB064J CYPRESS-CY14MB064J_13 Datasheet
1Mb / 30P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A_13 Datasheet
1Mb / 28P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com