Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8CLED04DOCD1-56LTXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY8CLED04DOCD1-56LTXI
Description  PowerPSoC Intelligent LED Driver floating load buck-boost, and boost
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CLED04DOCD1-56LTXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY8CLED04DOCD1-56LTXI Datasheet HTML 7Page - Cypress Semiconductor CY8CLED04DOCD1-56LTXI Datasheet HTML 8Page - Cypress Semiconductor CY8CLED04DOCD1-56LTXI Datasheet HTML 9Page - Cypress Semiconductor CY8CLED04DOCD1-56LTXI Datasheet HTML 10Page - Cypress Semiconductor CY8CLED04DOCD1-56LTXI Datasheet HTML 11Page - Cypress Semiconductor CY8CLED04DOCD1-56LTXI Datasheet HTML 12Page - Cypress Semiconductor CY8CLED04DOCD1-56LTXI Datasheet HTML 13Page - Cypress Semiconductor CY8CLED04DOCD1-56LTXI Datasheet HTML 14Page - Cypress Semiconductor CY8CLED04DOCD1-56LTXI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
CY8CLED04D01, CY8CLED04D02, CY8CLED04G01
CY8CLED03D01, CY8CLED03D02, CY8CLED03G01
CY8CLED02D01, CY8CLED01D01
Document Number: 001-46319 Rev. *N
Page 11 of 55
the routing is done. Table 5-1 illustrates example values of
Rsense for different currents.
The method to calculate the Rsense value for a desired average
current is explained in the application note, Floating Load Buck
Topology for HB-LEDs - AN52699
Figure 5-3. High Side Current Measurement
5.6 Voltage Comparators
There are six comparators that provide high speed comparator
operation for over voltage, over current, and various other
system event detections. For example, the comparators may be
used for zero crossing detection for an AC input line or
monitoring total DC bus current. Programmable internal analog
routing enables these comparators to monitor various analog
signals. These comparators include the following key features:
High speed comparator operation: 100 ns response time
Programmable interrupt generation
Low input offset voltage and input bias currents
Six precision voltage comparators are available. The differential
positive and negative inputs of the comparators are routed from
the analog multiplexer and the output goes to the digital
multiplexer. A programmable inverter is used to select the output
polarity. User-selectable hysteresis can be enabled or disabled
to trade-off noise immunity versus comparator sensitivity.
5.7 Reference DACs
The reference DACs are used to generate set points for various
analog modules such as Hysteretic controllers and comparators.
The reference DACs include the following key features:
8-bit resolution
Guaranteed monotonic operation
Low gain errors
10 us settling time
These DACs are available to provide programmable references
for the various analog and comparator functions and are
controlled by memory mapped registers.
DAC[0:7] are embedded in the hysteretic controllers and are
required to set the upper and lower thresholds for channel 0 to 3.
DAC [8:13] are connected to the Power Peripherals Analog
Multiplexer and provide programmable references to the
comparator bank. These are used to set trip points which enable
over voltage, over current, and other system event detection.
5.8 Built-in Switching Regulator
The switching regulator is used to power the low voltage (5 V
portion of the PowerPSoC) from the input line. This regulator is
based upon a peak current control loop which can support up to
250 mA of output current. The current not being consumed by
PowerPSoC is used to power additional system peripherals. The
key features of the built-in switching regulator include:
Ability to self power device from input line
Small filter component sizes
Fast response to transients
Refer to Table 16-20 for component values.
The 'Ref' signal that forms the reference to the Error Amplifier is
internally generated and there is no user control over it.
Figure 5-4. Built-in Switching Regulator
5.9 Analog Multiplexer
The PowerPSoC family’s analog MUX is designed to route
signals from the CSA output, function I/O pins and the DACs to
comparator inputs and the current sense inputs of the hysteretic
controllers. Additionally, CSA outputs can be routed to the AINX
block using this MUX.
For a full matrix representation of all possible routing using this
MUX, refer to the PowerPSoC Technical Reference Manual.
The CPU configures the Power Peripherals Analog Multiplexer
connections using memory mapped registers. The analog
multiplexer includes the following key features:
Signal integrity for minimum signal corruption
Table 5-1. Rsense Values for Different Currents
Max Load Current (mA)
Typical Rsense (m)
1000
100
750
130
500
200
350
300
CSP0
CSN0
CSP3
CSN3
CS3
CS0
.
.
.
Rsense3
Rsense0
Error
Amplifier
Comparator
Ref
C IN
SREGFB
SREGSW
Current
Sense
Amplifier
SREGHVIN
VREGIN
SREGCSP
SREGCSN
Osc
Logic and
Gate
Drive
SREGCOMP
VREGOUT= 5V
1
D
L
Rsense
Ccomp
Rcomp
Rfb1
Rfb2
C1
ESR
[+] Feedback


Similar Part No. - CY8CLED04DOCD1-56LTXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED04DOCD1-56LTXI CYPRESS-CY8CLED04DOCD1-56LTXI Datasheet
1Mb / 52P
   PowerPSoC Intelligent LED Driver
CY8CLED04DOCD1-56LTXI CYPRESS-CY8CLED04DOCD1-56LTXI Datasheet
1Mb / 55P
   PowerPSoC짰 Intelligent LED Driver
CY8CLED04DOCD1-56LTXI CYPRESS-CY8CLED04DOCD1-56LTXI Datasheet
800Kb / 55P
   PowerPSoC짰 Intelligent LED Driver
More results

Similar Description - CY8CLED04DOCD1-56LTXI

ManufacturerPart #DatasheetDescription
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
   Boost, Buck and Buck-Boost DC/DC LED Driver
logo
Cypress Semiconductor
CY8CLED04D01 CYPRESS-CY8CLED04D01 Datasheet
1Mb / 52P
   PowerPSoC Intelligent LED Driver
logo
Shenzhen Huazhimei Semi...
HM3442 HMSEMI-HM3442 Datasheet
515Kb / 8P
   Buck-boost LED driver
logo
QX Micro Devices Co.,Lt...
QX5278 QXMD-QX5278 Datasheet
810Kb / 2P
   Buck-boost LED driver
logo
SYNC POWER Crop.
SP2354 SYNC-POWER-SP2354 Datasheet
286Kb / 8P
   1A Buck-Boost LED Driver
logo
Diodes Incorporated
ZXLD1371 DIODES-ZXLD1371 Datasheet
1Mb / 42P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
ZXLD1370 DIODES-ZXLD1370_11 Datasheet
731Kb / 35P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
ZXLD1370 DIODES-ZXLD1370 Datasheet
856Kb / 33P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
DS32165 Rev. 2 - 2
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
AL8820 DIODES-AL8820 Datasheet
420Kb / 15P
   40V, 2A BOOST/BUCK LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com