Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14E064I Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY14E064I
Description  64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E064I Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY14E064I Datasheet HTML 1Page - Cypress Semiconductor CY14E064I Datasheet HTML 2Page - Cypress Semiconductor CY14E064I Datasheet HTML 3Page - Cypress Semiconductor CY14E064I Datasheet HTML 4Page - Cypress Semiconductor CY14E064I Datasheet HTML 5Page - Cypress Semiconductor CY14E064I Datasheet HTML 6Page - Cypress Semiconductor CY14E064I Datasheet HTML 7Page - Cypress Semiconductor CY14E064I Datasheet HTML 8Page - Cypress Semiconductor CY14E064I Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
PRELIMINARY
CY14C064I
CY14B064I, CY14E064I
Document #: 001-68169 Rev. **
Page 3 of 41
Pinout
Figure 1. Pin Diagram - 16-pin SOIC
Pin Definitions
Pin Name
I/O Type
Description
SCL
Input
Clock: Runs at speeds up to a maximum of fSCL
SDA
Input/Output
I/O: Input/output of data through I2C interface
WP
Input
Write Protect: Protects the memory from all writes. This pin is internally pulled LOW and hence can
be left open if not connected.
A2-A0
Input
Slave Address: Defines the slave address for I2C. These pins are internally pulled LOW and hence
can be left open if not connected.
HSB
Input/Output
Hardware STORE Busy:
Output: Indicates busy status of nvSRAM when LOW. After each Hardware and Software STORE
operation HSB is driven HIGH for a short time (tHHHD) with standard output high current and then a
weak internal pull-up resistor keeps this pin HIGH (External pull-up resistor connection optional).
Input: Hardware STORE implemented by pulling this pin LOW externally.
VCAP
Power supply
AutoStore capacitor: Supplies power to the nvSRAM during power loss to STORE data from the
SRAM to nonvolatile elements. If not required, AutoStore must be disabled and this pin left as No
Connect. It must never be connected to ground.
VRTCcap
Power supply
Capacitor backup for RTC: Left unconnected if VRTCbat is used.
VRTCbat
Power supply
Battery backup for RTC: Left unconnected if VRTCcap is used.
Xout
Output
Crystal output connection
Xin
Input
Crystal input connection
INT/SQW
Output
Interrupt output/calibration/square wave. Programmable to respond to the clock alarm, the watchdog
timer, and the power monitor. Also programmable to either active HIGH (push or pull) or LOW (open
drain). In Calibration mode, a 512 Hz square wave is driven out. In Square Wave mode, the user
may select a frequency of 1 Hz, 512 Hz, 4096 Hz, or 32768 Hz to be used as a continuous output.
NC
No connect
No connect. This pin is not connected to the die.
VSS
Power supply
Ground
VCC
Power supply
Power supply
INT/SQW
WP
V
CAP
1
2
3
4
5
6
7
8
9
10
11
12
13
NC
16
15
14
V
CC
A2
SDA
SCL
A1
HSB
Top View
not to scale
VRTCbat
Xout
Xin
V
RTCcap
V
SS
A0
[+] Feedback


Similar Part No. - CY14E064I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E064I CYPRESS-CY14E064I Datasheet
2Mb / 40P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
More results

Similar Description - CY14E064I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C064I CYPRESS-CY14C064I_13 Datasheet
2Mb / 40P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C512I CYPRESS-CY14C512I_13 Datasheet
2Mb / 41P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C512I CYPRESS-CY14C512I Datasheet
1Mb / 41P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064PA CYPRESS-CY14C064PA Datasheet
1Mb / 43P
   64-Kbit (8 K x 8) SPI nvSRAM with Real Time Clock with Real Time Clock
CY14C512I CYPRESS-CY14C512I_12 Datasheet
1Mb / 40P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064PA CYPRESS-CY14C064PA_13 Datasheet
1Mb / 43P
   64-Kbit (8 K x 8) SPI nvSRAM with Real Time Clock
CY14B512P CYPRESS-CY14B512P_13 Datasheet
1Mb / 35P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C256I CYPRESS-CY14C256I_13 Datasheet
2Mb / 41P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14MB064J CYPRESS-CY14MB064J_13 Datasheet
1Mb / 30P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A_13 Datasheet
1Mb / 28P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com