Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B256P-SFXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY14B256P-SFXI
Description  256-Kbit (32 K x 8) Serial (SPI) nvSRAM with Real Time Clock
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256P-SFXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY14B256P-SFXI Datasheet HTML 4Page - Cypress Semiconductor CY14B256P-SFXI Datasheet HTML 5Page - Cypress Semiconductor CY14B256P-SFXI Datasheet HTML 6Page - Cypress Semiconductor CY14B256P-SFXI Datasheet HTML 7Page - Cypress Semiconductor CY14B256P-SFXI Datasheet HTML 8Page - Cypress Semiconductor CY14B256P-SFXI Datasheet HTML 9Page - Cypress Semiconductor CY14B256P-SFXI Datasheet HTML 10Page - Cypress Semiconductor CY14B256P-SFXI Datasheet HTML 11Page - Cypress Semiconductor CY14B256P-SFXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
CY14B256P
Document Number: 001-53881 Rev. *F
Page 8 of 36
SPI Operating Features
Power-Up
Power-up is defined as the condition when the power supply is
turned on and VCC crosses Vswitch voltage. During this time, the
CS must be enabled to follow the VCC voltage. Therefore, CS
must be connected to VCC through a suitable pull-up resistor. As
a built in safety feature, CS is both edge-sensitive and
level-sensitive. After power-up, the device is not selected until a
falling edge is detected on CS. This ensures that CS must have
been HIGH, before going LOW to start the first operation.
As described earlier, nvSRAM performs a Power-Up RECALL
operation after power-up and therefore, all memory accesses are
disabled for tFA duration after power-up. The HSB pin can be
probed to check the Ready/Busy status of nvSRAM after
power-up.
Power On Reset
A power on reset (POR) circuit is included to prevent inadvertent
writes. At power-up, the device does not respond to any
instruction until the VCC reaches the POR threshold voltage
(VSWITCH). After VCC transitions the POR threshold, the device
is internally reset and performs an Power-Up RECALL operation.
During Power-Up RECALL all device accesses are inhibited.
The device is in the following state after POR:
Deselected (after power-up, a falling edge is required on CS
before any instructions are started).
Standby power mode
Not in the HOLD condition
Status Register state:
Write enable (WEN) bit is reset to ‘0’.
WPEN, BP1, BP0 unchanged from previous STORE
operation
Don’t care bits 4-6 are reset to ‘0’.
The WPEN, BP1, and BP0 bits of the Status Register are
nonvolatile bits and remain unchanged from the previous
STORE operation.
Prior to selecting and issuing instructions to the memory, a valid
and stable VCC voltage must be applied. This voltage must
remain valid until the end of the instruction transmission.
Power-Down
At power-down (continuous decay of VCC), when VCC drops from
the normal operating voltage and below the VSWITCH threshold
voltage, the device stops responding to any instruction sent to it.
If a write cycle is in progress and the last data bit D0 has been
received when the power goes down, it is allowed tDELAY time to
complete the write. After this, all memory accesses are inhibited
and a conditional AutoStore operation is performed (AutoStore is
not performed if no writes have happened since the last RECALL
cycle). This feature prevents inadvertent writes to nvSRAM from
happening during power-down.
However, to avoid the possibility of inadvertent writes during
power-down, ensure that the device is deselected and is in
standby power mode, and the CS follows the voltage applied on
VCC.
Active Power and Standby Power Modes
When CS is LOW, the device is selected and is in the active
power mode. The device consumes ICC current, as specified in
DC Electrical Characteristics on page 25. When CS is HIGH, the
device is deselected and the device goes into the standby power
mode if a STORE or RECALL cycle is not in progress. If a
STORE/RECALL cycle is in progress, the device goes into the
standby power mode after the STORE/RECALL cycle is
completed. In the standby power mode, the current drawn by the
device drops to ISB.
SPI Functional Description
The CY14B256P uses an 8-bit instruction register. Instructions
and their operation codes are listed in Table 2. All instructions,
addresses, and data are transferred with the MSB first and start
with a HIGH to LOW CS transition. There are, in all, 12 SPI
instructions that provide access to most of the functions in
nvSRAM. Further, the WP, HOLD and HSB pins provide
additional functionality driven through hardware.
The SPI instructions in CY14B256P are divided based on their
functionality in the following types:
Status Register access: RDSR and WRSR instructions
Write protection functions: WREN and WRDI instructions
along with WP pin and WEN, BP0, and BP1 bits
SRAM memory access: READ and WRITE instructions
RTC access: RDRTC and WRTC instructions
nvSRAM special instructions: STORE, RECALL, ASENB,
and ASDISB
Table 2. Instruction Set
Instruction
Category
Instruction
Name
Opcode
Operation
Status
Register
instructions
WREN
0000 0110
Set write enable
latch
WRDI
0000 0100
Reset write
enable latch
RDSR
0000 0101
Read Status
Register
WRSR
0000 0001
Write Status
Register
SRAM
read/write
instructions
READ
0000 0011
Read data from
memory array
WRITE
0000 0010
Write data to
memory array
RTC
read/write
instructions
RDRTC
0001 0011
Read RTC
registers
WRTC
0001 0010
Write RTC
registers
Special NV
instructions
STORE
0011 1100
Software STORE
RECALL
0110 0000
Software
RECALL
ASENB
0101 1001
AutoStore enable
ASDISB
0001 1001
AutoStore disable
Reserved
- Reserved -
0001 1110


Similar Part No. - CY14B256P-SFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256P-SFXI CYPRESS-CY14B256P-SFXI Datasheet
2Mb / 36P
   256-Kbit (32 K 횞 8) Serial (SPI) with nvSRAM Real Time Clock
CY14B256P-SFXIT CYPRESS-CY14B256P-SFXIT Datasheet
2Mb / 36P
   256-Kbit (32 K 횞 8) Serial (SPI) with nvSRAM Real Time Clock
More results

Similar Description - CY14B256P-SFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256P CYPRESS-CY14B256P_13 Datasheet
2Mb / 37P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C256PA CYPRESS-CY14C256PA_13 Datasheet
1Mb / 43P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock
CY14B256P CYPRESS-CY14B256P Datasheet
2Mb / 36P
   256-Kbit (32 K 횞 8) Serial (SPI) with nvSRAM Real Time Clock
CY14C256I CYPRESS-CY14C256I_13 Datasheet
2Mb / 41P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C256PA CYPRESS-CY14C256PA_12 Datasheet
1Mb / 43P
   256-Kbit (32 K 횞 8) SPI nvSRAM with Real Time Clock
CY14B256KA CYPRESS-CY14B256KA_12 Datasheet
934Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14C256I CYPRESS-CY14C256I_12 Datasheet
2Mb / 40P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B256KA CYPRESS-CY14B256KA_11 Datasheet
913Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14B256Q1 CYPRESS-CY14B256Q1_13 Datasheet
1Mb / 29P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM
CY14C064PA CYPRESS-CY14C064PA Datasheet
1Mb / 43P
   64-Kbit (8 K x 8) SPI nvSRAM with Real Time Clock with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com