Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C21X23 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8C21X23
Description  PSoC Programmable System-on-Chip Low power at high speed
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21X23 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8C21X23 Datasheet HTML 5Page - Cypress Semiconductor CY8C21X23 Datasheet HTML 6Page - Cypress Semiconductor CY8C21X23 Datasheet HTML 7Page - Cypress Semiconductor CY8C21X23 Datasheet HTML 8Page - Cypress Semiconductor CY8C21X23 Datasheet HTML 9Page - Cypress Semiconductor CY8C21X23 Datasheet HTML 10Page - Cypress Semiconductor CY8C21X23 Datasheet HTML 11Page - Cypress Semiconductor CY8C21X23 Datasheet HTML 12Page - Cypress Semiconductor CY8C21X23 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
CY8C21634B, CY8C21534B, CY8C21434B
CY8C21334B, CY8C21234B
Document Number: 001-67345 Rev. *A
Page 9 of 47
20-Pin Part Pinout
Figure 4. CY8C21334B 20-Pin PSoC Device
Note
4. These are the ISSP pins, which are not High Z at POR. See the PSoC Technical Reference Manual for details.
SSOP
VDD
P0[6], A, I, M
P0[4], A, I, M
P0[2], A, I, M
P0[0], A, I, M
XRES
P1[6], M
P1[4], EXTCLK, M
P1[2], M
P1[0], I2C SDA, M
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
A, I, M, P0[7]
A, I, M, P0[5]
A, I, M, P0[3]
A, I, M, P0[1]
M, I2C SCL, P1[7]
M, P1[3]
VSS
VSS
M, I2C SDA, P1[5]
M, I2C SCL, P1[1]
Table 3. Pin Definitions – CY8C21334B 20-Pin (SSOP)
Pin No.
Type
Name
Description
Digital
Analog
1
I/O
I, M
P0[7]
Analog column mux input
2
I/O
I, M
P0[5]
Analog column mux input
3
I/O
I, M
P0[3]
Analog column mux input, integrating input
4
I/O
I, M
P0[1]
Analog column mux input, integrating input
5
Power
VSS
Ground connection
6
I/O
M
P1[7]
I2C SCL
7
I/O
M
P1[5]
I2C SDA
8
I/O
M
P1[3]
9
I/O
M
P1[1]
I2C SCL, ISSP-SCLK[4]
10
Power
VSS
Ground connection.
11
I/O
M
P1[0]
I2C SDA, ISSP-SDATA[4]
12
I/O
M
P1[2]
13
I/O
M
P1[4]
Optional external clock input (EXTCLK)
14
I/O
M
P1[6]
15
Input
XRES
Active high external reset with internal pull-down
16
I/O
I, M
P0[0]
Analog column mux input
17
I/O
I, M
P0[2]
Analog column mux input
18
I/O
I, M
P0[4]
Analog column mux input
19
I/O
I, M
P0[6]
Analog column mux input
20
Power
VDD
Supply voltage
LEGEND A = Analog, I = Input, O = Output, and M = Analog Mux Input.
[+] Feedback


Similar Part No. - CY8C21X23

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21X23 CYPRESS-CY8C21X23 Datasheet
330Kb / 33P
   PSoC??Mixed-Signal Array
CY8C21x23 CYPRESS-CY8C21x23 Datasheet
1,005Kb / 37P
   PSoC Programmable System-on-Chip
CY8C21x23 CYPRESS-CY8C21x23 Datasheet
1,005Kb / 37P
   PSoC Programmable System-on-Chip
CY8C21X23 CYPRESS-CY8C21X23 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21X23 CYPRESS-CY8C21X23 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
More results

Similar Description - CY8C21X23

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21634 CYPRESS-CY8C21634_10 Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21123 CYPRESS-CY8C21123_11 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21345_1105 CYPRESS-CY8C21345_1105 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20134_1106 CYPRESS-CY8C20134_1106 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C29466 CYPRESS-CY8C29466_11 Datasheet
1Mb / 61P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24094 CYPRESS-CY8C24094_11 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24894 CYPRESS-CY8C24894_11 Datasheet
1Mb / 46P
   Automotive PSoC Programmable System-on-Chip Low power at high speed
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com