Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8CLED03D01 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY8CLED03D01
Description  PowerPSoC Intelligent LED Driver floating load buck-boost, and boost
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CLED03D01 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY8CLED03D01 Datasheet HTML 4Page - Cypress Semiconductor CY8CLED03D01 Datasheet HTML 5Page - Cypress Semiconductor CY8CLED03D01 Datasheet HTML 6Page - Cypress Semiconductor CY8CLED03D01 Datasheet HTML 7Page - Cypress Semiconductor CY8CLED03D01 Datasheet HTML 8Page - Cypress Semiconductor CY8CLED03D01 Datasheet HTML 9Page - Cypress Semiconductor CY8CLED03D01 Datasheet HTML 10Page - Cypress Semiconductor CY8CLED03D01 Datasheet HTML 11Page - Cypress Semiconductor CY8CLED03D01 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
CY8CLED04D01, CY8CLED04D02, CY8CLED04G01
CY8CLED03D01, CY8CLED03D02, CY8CLED03G01
CY8CLED02D01, CY8CLED01D01
Document Number: 001-46319 Rev. *N
Page 8 of 55
Figure 3-6. CY8CLED01D01 Logic Block Diagram
1 Channel PWM/
PrISM/DMM
From Analog Mux
Auxiliary
Power
Regulator
DAC0
CSP0
SW0
GD 0
Hysteretic Mode
Controller 0
PGND0
CSN0
DAC1
CSA0
FN0[0:3]
6
SREGSW
SREGHVIN
Gate Drive 0
External
Gate Drive 0
Power Peripherals Digital Mux
Power Peripherals Analog Mux
DIGITAL SYSTEM
SRAM
1K
Interrupt
Controller
Sleep and
Watchdog
Clock Sources
(Includes IMO and ILO)
Global Digital Interconnect
Global Analog Interconnect
PSoC CORE
CPU Core (M8C)
SROM
Flash 16K
Digital
Block
Array
Digital
Clocks
SYSTEM RESOURCES
ANALOG SYSTEM
Analog Ref.
Analog
Block Array
Internal
Voltage Ref.
POR and LVD
System Resets
2 MACs
Decimator Type
2
I2C
Analog
Input Muxing
4
4
P2[2]
P0[3,4,5,7]
P1[0,1,4,5,7]
AINX
SREGCSN
SREGCSP
SREGFB
SREGCOMP
[+] Feedback


Similar Part No. - CY8CLED03D01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED03D01 CYPRESS-CY8CLED03D01 Datasheet
1Mb / 52P
   PowerPSoC Intelligent LED Driver
CY8CLED03D01 CYPRESS-CY8CLED03D01 Datasheet
1Mb / 55P
   PowerPSoC짰 Intelligent LED Driver
CY8CLED03D01-56LTXI CYPRESS-CY8CLED03D01-56LTXI Datasheet
1Mb / 52P
   PowerPSoC Intelligent LED Driver
CY8CLED03D01-56LTXI CYPRESS-CY8CLED03D01-56LTXI Datasheet
1Mb / 55P
   PowerPSoC짰 Intelligent LED Driver
CY8CLED03D01-56LTXI CYPRESS-CY8CLED03D01-56LTXI Datasheet
800Kb / 55P
   PowerPSoC짰 Intelligent LED Driver
More results

Similar Description - CY8CLED03D01

ManufacturerPart #DatasheetDescription
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
   Boost, Buck and Buck-Boost DC/DC LED Driver
logo
Cypress Semiconductor
CY8CLED04D01 CYPRESS-CY8CLED04D01 Datasheet
1Mb / 52P
   PowerPSoC Intelligent LED Driver
logo
Shenzhen Huazhimei Semi...
HM3442 HMSEMI-HM3442 Datasheet
515Kb / 8P
   Buck-boost LED driver
logo
QX Micro Devices Co.,Lt...
QX5278 QXMD-QX5278 Datasheet
810Kb / 2P
   Buck-boost LED driver
logo
SYNC POWER Crop.
SP2354 SYNC-POWER-SP2354 Datasheet
286Kb / 8P
   1A Buck-Boost LED Driver
logo
Diodes Incorporated
ZXLD1371 DIODES-ZXLD1371 Datasheet
1Mb / 42P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
ZXLD1370 DIODES-ZXLD1370_11 Datasheet
731Kb / 35P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
ZXLD1370 DIODES-ZXLD1370 Datasheet
856Kb / 33P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
DS32165 Rev. 2 - 2
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
AL8820 DIODES-AL8820 Datasheet
420Kb / 15P
   40V, 2A BOOST/BUCK LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com