Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C29666-24PVXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C29666-24PVXI
Description  PSoC Programmable System-on-Chip Low power at high speed
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C29666-24PVXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C29666-24PVXI Datasheet HTML 6Page - Cypress Semiconductor CY8C29666-24PVXI Datasheet HTML 7Page - Cypress Semiconductor CY8C29666-24PVXI Datasheet HTML 8Page - Cypress Semiconductor CY8C29666-24PVXI Datasheet HTML 9Page - Cypress Semiconductor CY8C29666-24PVXI Datasheet HTML 10Page - Cypress Semiconductor CY8C29666-24PVXI Datasheet HTML 11Page - Cypress Semiconductor CY8C29666-24PVXI Datasheet HTML 12Page - Cypress Semiconductor CY8C29666-24PVXI Datasheet HTML 13Page - Cypress Semiconductor CY8C29666-24PVXI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
CY8C29466, CY8C29566
CY8C29666, CY8C29866
Document Number: 38-12013 Rev. *S
Page 10 of 61
48-Pin Part Pinout
Note
5. These are the ISSP pins, which are not High Z at POR. See the PSoC Programmable System-on-Chip Technical Reference Manual for details.
Table 4. 48-Pin Part Pinout (SSOP)
Pin
No.
Type
Pin
Name
Description
Figure 5. CY8C29666 48-Pin PSoC Device
Digital
Analog
1
I/O
I
P0[7]
Analog column mux input
2
I/O
I/O
P0[5]
Analog column mux input and column output
3
I/O
I/O
P0[3]
Analog column mux input and column output
4
I/O
I
P0[1]
Analog column mux input
5
I/O
P2[7]
6
I/O
P2[5]
7
I/O
I
P2[3]
Direct switched capacitor block input
8
I/O
I
P2[1]
Direct switched capacitor block input
9
I/O
P4[7]
10
I/O
P4[5]
11
I/O
P4[3]
12
I/O
P4[1]
13
Power
SMP
Switch mode pump (SMP) connection to
external components required
14
I/O
P3[7]
15
I/O
P3[5]
16
I/O
P3[3]
17
I/O
P3[1]
18
I/O
P5[3]
19
I/O
P5[1]
20
I/O
P1[7]
I2C SCL
21
I/O
P1[5]
I2C SDA
22
I/O
P1[3]
23
I/O
P1[1]
Crystal (XTALin), I2C SCL, ISSP-SCLK[5]
24
Power
VSS
Ground connection
25
I/O
P1[0]
Crystal (XTALout), I2C SDA, ISSP-SDATA[5]
26
I/O
P1[2]
27
I/O
P1[4]
Optional EXTCLK
28
I/O
P1[6]
29
I/O
P5[0]
30
I/O
P5[2]
31
I/O
P3[0]
32
I/O
P3[2]
33
I/O
P3[4]
34
I/O
P3[6]
35
Input
XRES
Active high external reset with internal
pull-down
36
I/O
P4[0]
37
I/O
P4[2]
38
I/O
P4[4]
39
I/O
P4[6]
40
I/O
I
P2[0]
Direct switched capacitor block input
41
I/O
I
P2[2]
Direct switched capacitor block input
42
I/O
P2[4]
External Analog Ground (AGND)
43
I/O
P2[6]
External Voltage Reference (VREF)
44
I/O
I
P0[0]
Analog column mux input
45
I/O
I/O
P0[2]
Analog column mux input and column output
46
I/O
I/O
P0[4]
Analog column mux input and column output
47
I/O
I
P0[6]
Analog column mux input
48
Power
VDD
Supply voltage
LEGEND: A = Analog, I = Input, and O = Output.
SSOP
A, I, P0[7]
VDD
A, IO, P0[5]
P0[6], A, I
A, IO, P0[3]
P0[2], A, IO
A, I, P0[1]
P0[4], A, IO
P2[7]
P0[0], A, I
P2[5]
P2[6], External VREF
A, I, P2[3]
P2[4], External AGND
A, I, P2[1]
P2[2], A, I
P4[7]
P2[0], A, I
P4[5]
P4[6]
P4[3]
P4[4]
P4[1]
P4[2]
SMP
P4[0]
P3[7]
XRES
P3[5]
P3[6]
P3[3]
P3[4]
P3[1]
P3[2]
P5[3]
P3[0]
P5[1]
P5[2]
I2C SCL, P1[7]
P5[0]
I2C SDA, P1[5]
P1[6]
P1[3]
P1[4], EXTCLK
I2C SCL, XTALin, P1[1]
P1[2]
VSS
P1[0], XTALout, I2C SDA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
43
44
42
40
41
39
38
37
36
35
33
34
32
31
30
29
28
27
26
25
[+] Feedback


Similar Part No. - CY8C29666-24PVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C29666-24PVXI CYPRESS-CY8C29666-24PVXI Datasheet
474Kb / 40P
   Mixed Signal Array
CY8C29666-24PVXI CYPRESS-CY8C29666-24PVXI Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C29666-24PVXI CYPRESS-CY8C29666-24PVXI Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C29666-24PVXI CYPRESS-CY8C29666-24PVXI Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C29666-24PVXI CYPRESS-CY8C29666-24PVXI Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C29666-24PVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21634 CYPRESS-CY8C21634_10 Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21123 CYPRESS-CY8C21123_11 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21345_1105 CYPRESS-CY8C21345_1105 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21634B CYPRESS-CY8C21634B Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20134_1106 CYPRESS-CY8C20134_1106 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24094 CYPRESS-CY8C24094_11 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24894 CYPRESS-CY8C24894_11 Datasheet
1Mb / 46P
   Automotive PSoC Programmable System-on-Chip Low power at high speed
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com