Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C21X45 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8C21X45
Description  PSoC Programmable System-on-Chip Low power at high speed
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21X45 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8C21X45 Datasheet HTML 1Page - Cypress Semiconductor CY8C21X45 Datasheet HTML 2Page - Cypress Semiconductor CY8C21X45 Datasheet HTML 3Page - Cypress Semiconductor CY8C21X45 Datasheet HTML 4Page - Cypress Semiconductor CY8C21X45 Datasheet HTML 5Page - Cypress Semiconductor CY8C21X45 Datasheet HTML 6Page - Cypress Semiconductor CY8C21X45 Datasheet HTML 7Page - Cypress Semiconductor CY8C21X45 Datasheet HTML 8Page - Cypress Semiconductor CY8C21X45 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
CY8C21634, CY8C21534, CY8C21434
CY8C21334, CY8C21234
Document Number: 38-12025 Rev. *V
Page 3 of 50
PSoC Functional Overview
The PSoC family consists of many devices with on-chip
controllers. These devices are designed to replace multiple
traditional MCU-based system components with one low-cost
single-chip programmable component. A PSoC device includes
configurable blocks of analog and digital logic, and
programmable interconnect. This architecture makes it possible
for you to create customized peripheral configurations, to match
the requirements of each individual application. Additionally, a
fast central processing unit (CPU), flash program memory,
SRAM data memory, and configurable I/O are included in a
range of convenient pinouts.
The PSoC architecture, shown in Figure 1, consists of four main
areas: the core, the system resources, the digital system, and
the analog system. Configurable global bus resources allow
combining all of the device resources into a complete custom
system. Each CY8C21x34 PSoC device includes four digital
blocks and four analog blocks. Depending on the PSoC
package, up to 28 GPIOs are also included. The GPIOs provide
access to the global digital and analog interconnects.
The PSoC Core
The PSoC core is a powerful engine that supports a rich
instruction set. It encompasses SRAM for data storage, an
interrupt controller, sleep and watchdog timers, and internal main
oscillator (IMO) and internal low speed oscillator (ILO). The CPU
core, called the M8C, is a powerful processor with speeds up to
24 MHz. The M8C is a four-million instructions per second
(MIPS) 8-bit Harvard-architecture microprocessor.
System resources provide these additional capabilities:
Digital clocks for increased flexibility
I2C functionality to implement an I2C master and slave
An internal voltage reference, multi-master, that provides an
absolute value of 1.3 V to a number of PSoC subsystems
A SMP that generates normal operating voltages from a single
battery cell
Various system resets supported by the M8C
The digital system consists of an array of digital PSoC blocks that
may be configured into any number of digital peripherals. The
digital blocks are connected to the GPIOs through a series of
global buses. These buses can route any signal to any pin,
freeing designs from the constraints of a fixed peripheral
controller.
The analog system consists of four analog PSoC blocks,
supporting comparators, and analog-to-digital conversion up to
10 bits of precision.
The Digital System
The digital system consists of four digital PSoC blocks. Each
block is an 8-bit resource that is used alone or combined with
other blocks to form 8-, 16-, 24-, and 32-bit peripherals, which
are called user modules. Digital peripheral configurations
include:
PWMs (8- to 32-bit)
PWMs with dead band (8- to 32-bit)
Counters (8- to 32-bit)
Timers (8- to 32-bit)
UART 8- with selectable parity
Serial peripheral interface (SPI) master and slave
I2C slave and multi-master
CRC/generator (8-bit)
IrDA
PRS generators (8-bit to 32-bit)
The digital blocks are connected to any GPIO through a series
of global buses that can route any signal to any pin. The buses
also allow for signal multiplexing and for performing logic
operations. This configurability frees your designs from the
constraints of a fixed peripheral controller.
Digital blocks are provided in rows of four, where the number of
blocks varies by PSoC device family. This allows the optimum
choice of system resources for your application. Family
resources are shown in Table 1 on page 5.
Figure 1. Digital System Block Diagram
DIGITAL SYSTEM
To System Bus
Digital Clocks
From Core
Digital PSoC Block Array
To Analog
System
8
8
8
8
Row 0
DBB00
DBB01
DCB02
DCB03
4
4
GIE[7:0]
GIO[7:0]
GOE[7:0]
GOO[7:0]
Global Digital
Interconnect
Port 3
Port 2
Port 1
Port 0
[+] Feedback


Similar Part No. - CY8C21X45

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21X45 CYPRESS-CY8C21X45 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21X45 CYPRESS-CY8C21X45 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21X45 CYPRESS-CY8C21X45 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21X45 CYPRESS-CY8C21X45 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
More results

Similar Description - CY8C21X45

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21123 CYPRESS-CY8C21123_11 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21345_1105 CYPRESS-CY8C21345_1105 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21634B CYPRESS-CY8C21634B Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20134_1106 CYPRESS-CY8C20134_1106 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C29466 CYPRESS-CY8C29466_11 Datasheet
1Mb / 61P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24094 CYPRESS-CY8C24094_11 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24894 CYPRESS-CY8C24894_11 Datasheet
1Mb / 46P
   Automotive PSoC Programmable System-on-Chip Low power at high speed
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com