Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C22X45 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY8C22X45
Description  PSoC Programmable System-on-Chip Low power at high speed
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C22X45 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY8C22X45 Datasheet HTML 4Page - Cypress Semiconductor CY8C22X45 Datasheet HTML 5Page - Cypress Semiconductor CY8C22X45 Datasheet HTML 6Page - Cypress Semiconductor CY8C22X45 Datasheet HTML 7Page - Cypress Semiconductor CY8C22X45 Datasheet HTML 8Page - Cypress Semiconductor CY8C22X45 Datasheet HTML 9Page - Cypress Semiconductor CY8C22X45 Datasheet HTML 10Page - Cypress Semiconductor CY8C22X45 Datasheet HTML 11Page - Cypress Semiconductor CY8C22X45 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
CY8C21634, CY8C21534, CY8C21434
CY8C21334, CY8C21234
Document Number: 38-12025 Rev. *V
Page 8 of 50
Pin Information
The CY8C21x34 PSoC device is available in a variety of packages which are listed in the following tables. Every port pin (labeled with
a “P”) is capable of Digital I/O and connection to the common analog bus. However, VSS, VDD, SMP, and XRES are not capable of
Digital I/O.
16-Pin Part Pinout
Figure 3. CY8C21234 16-Pin PSoC Device
Note
3. These are the ISSP pins, which are not High Z at POR. See the PSoC Technical Reference Manual for details.
SOIC
VDD
P0[6], A, I, M
P0[4], A, I, M
P0[2], A, I, M
P0[0], A, I, M
P1[4], EXTCLK, M
P1[2], M
P1[0], I2C SDA, M
16
15
14
13
12
11
1
2
3
4
5
6
7
8
A, I, M, P0[7]
A, I, M, P0[5]
A, I, M, P0[3]
A, I, M, P0[1]
SMP
VSS
M, I2C SCL, P1[1]
VSS
10
9
Table 2. Pin Definitions – CY8C21234 16-Pin (SOIC)
Pin No.
Type
Name
Description
Digital
Analog
1
I/O
I, M
P0[7]
Analog column mux input
2
I/O
I, M
P0[5]
Analog column mux input
3
I/O
I, M
P0[3]
Analog column mux input, integrating input
4
I/O
I, M
P0[1]
Analog column mux input, integrating input
5
Power
SMP
Switch-mode pump (SMP) connection to required external components
6
Power
VSS
Ground connection
7
I/O
M
P1[1]
I2C serial clock (SCL), ISSP-SCLK[3]
8
Power
VSS
Ground connection
9
I/O
M
P1[0]
I2C serial data (SDA), ISSP-SDATA[3]
10
I/O
M
P1[2]
11
I/O
M
P1[4]
Optional external clock input (EXTCLK)
12
I/O
I, M
P0[0]
Analog column mux input
13
I/O
I, M
P0[2]
Analog column mux input
14
I/O
I, M
P0[4]
Analog column mux input
15
I/O
I, M
P0[6]
Analog column mux input
16
Power
VDD
Supply voltage
LEGEND A = Analog, I = Input, O = Output, and M = Analog Mux Input.
[+] Feedback


Similar Part No. - CY8C22X45

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C22X45 CYPRESS-CY8C22X45 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C22X45 CYPRESS-CY8C22X45 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C22X45 CYPRESS-CY8C22X45 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C22X45 CYPRESS-CY8C22X45 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
More results

Similar Description - CY8C22X45

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21123 CYPRESS-CY8C21123_11 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21345_1105 CYPRESS-CY8C21345_1105 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21634B CYPRESS-CY8C21634B Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20134_1106 CYPRESS-CY8C20134_1106 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C29466 CYPRESS-CY8C29466_11 Datasheet
1Mb / 61P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24094 CYPRESS-CY8C24094_11 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24894 CYPRESS-CY8C24894_11 Datasheet
1Mb / 46P
   Automotive PSoC Programmable System-on-Chip Low power at high speed
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com