Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8CLED03G01 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8CLED03G01
Description  PowerPSoC Intelligent LED Driver floating load buck-boost, and boost
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CLED03G01 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8CLED03G01 Datasheet HTML 5Page - Cypress Semiconductor CY8CLED03G01 Datasheet HTML 6Page - Cypress Semiconductor CY8CLED03G01 Datasheet HTML 7Page - Cypress Semiconductor CY8CLED03G01 Datasheet HTML 8Page - Cypress Semiconductor CY8CLED03G01 Datasheet HTML 9Page - Cypress Semiconductor CY8CLED03G01 Datasheet HTML 10Page - Cypress Semiconductor CY8CLED03G01 Datasheet HTML 11Page - Cypress Semiconductor CY8CLED03G01 Datasheet HTML 12Page - Cypress Semiconductor CY8CLED03G01 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
CY8CLED04D01, CY8CLED04D02, CY8CLED04G01
CY8CLED03D01, CY8CLED03D02, CY8CLED03G01
CY8CLED02D01, CY8CLED01D01
Document Number: 001-46319 Rev. *N
Page 9 of 55
4. PowerPSoC® Functional Overview
The PowerPSoC family incorporates programmable
system-on-chip technology with the best in class power
electronics controllers and switching devices to create easy to
use power-system-on-chip solutions for lighting applications.
All PowerPSoC family devices are designed to replace
traditional MCUs, system ICs, and the numerous discrete
components that surround them. PowerPSoC devices feature
high performance power electronics including 1 ampere 2 MHz
power FETs, hysteretic controllers, current sense amplifiers, and
PrISM/PWM modulators to create a complete power electronics
solution for LED power management. Configurable power,
analog, digital, and interconnect circuitry enables a high level of
integration in a host of industrial, commercial, and consumer
LED lighting applications.
This architecture integrates programmable analog and digital
blocks to enable you to create customized peripheral
configurations that match the requirements of each individual
application. Additionally, the device includes a 24 MHz CPU,
Flash program memory, SRAM data memory, and configurable
I/O in a range of convenient pinouts and packages.
The PowerPSoC architecture, as illustrated in the block
diagrams, comprises five main areas: PSoC core, digital system,
analog system, system resources, and power peripherals, which
include power FETs, hysteretic controllers, current sense
amplifiers, and PrISM/PWM modulators. Configurable global
busing combines all the device resources into a complete
custom system. The PowerPSoC family of devices have 10-port
I/Os that connect to the global digital and analog interconnects,
providing access to eight digital blocks and six analog blocks.
5. Power Peripherals
PowerPSoC is designed to operate at voltages from 7 V to 32 V,
drive up to 1 ampere of current using internal MOSFET switches,
and over 1 ampere with external MOSFETs.
This family of devices (CY8CLED0xD/G0y) combines up to four
independent channels of constant current drivers. These drivers
feature hysteretic controllers with the Programmable
System-on-Chip (PSoC) that contains an 8-bit microcontroller,
configurable digital and analog peripherals, and embedded flash
memory.
The CY8CLED0xD/G0y is the first product in the PowerPSoC
family to integrate power peripherals to add further integration for
your power electronics applications.The PowerPSoC family of
intelligent power controller ICs are used in lighting applications
that need traditional MCUs and discrete power electronics
support. The power peripherals of the CY8CLED0xD/G0y
include up to four 32 volt power MOSFETs with current ratings
up to 1 ampere each. It also integrates gate drivers that enable
applications to drive external MOSFETs for higher current and
voltage capabilities. The controller is a programmable threshold
hysteretic controller, with user-selectable feedback paths that
uses the IC in current mode floating load buck, floating load
buck-boost, and boost configurations.
5.1 Hysteretic Controllers
The PowerPSoC contains four hysteretic controllers. There is
one hysteretic controller for each channel of the device.
The hysteretic controllers provide cycle by cycle switch control
with fast transient response, which simplifies system design by
requiring no external compensation. The hysteretic controllers
include the following key features:
Four independent channels
DAC configurable thresholds
Wide switching frequency range from 20 kHz to 2 MHz
Programmable minimum on and off time
Floating load buck, floating load buck-boost and boost topology
controller
The reference inputs (REF_A and REF_B in Figure 5-1.) of the
hysteretic controller are provided by the reference DACs as
illustrated in the top level block diagram (see Figure 3-1. on page 3).
The hysteretic control function output is generated by comparing
the feedback value to two thresholds. Going below the lower
threshold turns the switch ON and exceeding the upper threshold
turns the switch OFF as shown in Figure 5-1. The output current
waveforms are shown in Figure 5-2.
The hysteretic controller also controls the minimum on-time and
off-time. This circuit prevents oscillation at very high frequencies;
which can be very destructive to output switches.
The output to the gate drivers is gated by the Trip, DIM and
Enable signals. The Enable signal is a direct result of the enable
bit in the control register for the hysteretic controller.
The Trip signal can be any digital signal that follows TTL logic
(logic high and logic low). It is an active high input.
The DIM Modulation signal is the output of the dedicated
modulators that are present in the power peripherals, or any
other digital modulation signal.
Figure 5-1. Generating Hysteretic Control Function Output
REF_B
REF_A
IFB
Lower Limit
Comparator
Upper Limit
Comparator
Min ON
Timer
Min Off
Timer
S
R
Q
CSA
FN0[x]
Hyst Out
DIM Modulation
Enable
Trip Function
[+] Feedback


Similar Part No. - CY8CLED03G01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED03G01 CYPRESS-CY8CLED03G01 Datasheet
1Mb / 52P
   PowerPSoC Intelligent LED Driver
CY8CLED03G01 CYPRESS-CY8CLED03G01 Datasheet
1Mb / 55P
   PowerPSoC짰 Intelligent LED Driver
CY8CLED03G01-56LTXI CYPRESS-CY8CLED03G01-56LTXI Datasheet
1Mb / 52P
   PowerPSoC Intelligent LED Driver
CY8CLED03G01-56LTXI CYPRESS-CY8CLED03G01-56LTXI Datasheet
1Mb / 55P
   PowerPSoC짰 Intelligent LED Driver
CY8CLED03G01-56LTXI CYPRESS-CY8CLED03G01-56LTXI Datasheet
800Kb / 55P
   PowerPSoC짰 Intelligent LED Driver
More results

Similar Description - CY8CLED03G01

ManufacturerPart #DatasheetDescription
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
   Boost, Buck and Buck-Boost DC/DC LED Driver
logo
Cypress Semiconductor
CY8CLED04D01 CYPRESS-CY8CLED04D01 Datasheet
1Mb / 52P
   PowerPSoC Intelligent LED Driver
logo
Shenzhen Huazhimei Semi...
HM3442 HMSEMI-HM3442 Datasheet
515Kb / 8P
   Buck-boost LED driver
logo
QX Micro Devices Co.,Lt...
QX5278 QXMD-QX5278 Datasheet
810Kb / 2P
   Buck-boost LED driver
logo
SYNC POWER Crop.
SP2354 SYNC-POWER-SP2354 Datasheet
286Kb / 8P
   1A Buck-Boost LED Driver
logo
Diodes Incorporated
ZXLD1371 DIODES-ZXLD1371 Datasheet
1Mb / 42P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
ZXLD1370 DIODES-ZXLD1370_11 Datasheet
731Kb / 35P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
ZXLD1370 DIODES-ZXLD1370 Datasheet
856Kb / 33P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
DS32165 Rev. 2 - 2
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
AL8820 DIODES-AL8820 Datasheet
420Kb / 15P
   40V, 2A BOOST/BUCK LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com