Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C24X94 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY8C24X94
Description  PSoC Programmable System-on-Chip Low power at high speed
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C24X94 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY8C24X94 Datasheet HTML 3Page - Cypress Semiconductor CY8C24X94 Datasheet HTML 4Page - Cypress Semiconductor CY8C24X94 Datasheet HTML 5Page - Cypress Semiconductor CY8C24X94 Datasheet HTML 6Page - Cypress Semiconductor CY8C24X94 Datasheet HTML 7Page - Cypress Semiconductor CY8C24X94 Datasheet HTML 8Page - Cypress Semiconductor CY8C24X94 Datasheet HTML 9Page - Cypress Semiconductor CY8C24X94 Datasheet HTML 10Page - Cypress Semiconductor CY8C24X94 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
CY8C24094, CY8C24794
CY8C24894, CY8C24994
Document Number: 38-12018 Rev. *Z
Page 7 of 59
read and write data memory, and read and write I/O registers.
You can read and write CPU registers, set and clear breakpoints,
and provide program run, halt, and step control. The debugger
also allows you to create a trace buffer of registers and memory
locations of interest.
6.1.4 Online Help System
The online help system displays online, context-sensitive help.
Designed for procedural and quick reference, each functional
subsystem has its own context-sensitive help. This system also
provides tutorials and links to FAQs and an online support forum
to aid the designer.
6.1.5 In-Circuit Emulator
A low-cost, high-functionality In-Circuit Emulator (ICE) is
available for development support. This hardware can program
single devices.
The emulator consists of a base unit that connects to the PC
using a USB port. The base unit is universal and operates with
all PSoC devices. Emulation pods for each device family are
available separately. The emulation pod takes the place of the
PSoC device in the target board and performs full speed
(24-MHz) operation.
7. Designing with PSoC Designer
The development process for the PSoC® device differs from that
of a traditional fixed function microprocessor. The configurable
analog and digital hardware blocks give the PSoC architecture a
unique flexibility that pays dividends in managing specification
change during development and by lowering inventory costs.
These configurable resources, called PSoC Blocks, have the
ability to implement a wide variety of user-selectable functions.
The PSoC development process is summarized in four steps:
1. Select User Modules
2. Configure User Modules
3. Organize and Connect
4. Generate, Verify, and Debug
7.1 Select User Modules
PSoC Designer provides a library of prebuilt, pretested hardware
peripheral components called “user modules.” User modules
make selecting and implementing peripheral devices, both
analog and digital, simple.
7.2 Configure User Modules
Each user module that you select establishes the basic register
settings that implement the selected function. They also provide
parameters and properties that allow you to tailor their precise
configuration to your particular application. For example, a PWM
User Module configures one or more digital PSoC blocks, one
for each 8 bits of resolution. The user module parameters permit
you to establish the pulse width and duty cycle. Configure the
parameters and properties to correspond to your chosen appli-
cation. Enter values directly or by selecting values from
drop-down menus. All the user modules are documented in
datasheets that may be viewed directly in PSoC Designer or on
the Cypress website. These user module datasheets explain the
internal operation of the user module and provide performance
specifications. Each datasheet describes the use of each user
module parameter, and other information you may need to
successfully implement your design.
7.3 Organize and Connect
You build signal chains at the chip level by interconnecting user
modules to each other and the I/O pins. You perform the
selection, configuration, and routing so that you have complete
control over all on-chip resources.
7.4 Generate, Verify, and Debug
When you are ready to test the hardware configuration or move
on to developing code for the project, you perform the “Generate
Configuration Files” step. This causes PSoC Designer to
generate source code that automatically configures the device to
your specification and provides the software for the system. The
generated code provides application programming interfaces
(APIs) with high-level functions to control and respond to
hardware events at run time and interrupt service routines that
you can adapt as needed.
A complete code development environment allows you to
develop and customize your applications in either C, assembly
language, or both.
The last step in the development process takes place inside
PSoC Designer’s debugger (access by clicking the Connect
icon). PSoC Designer downloads the HEX image to the ICE
where it runs at full speed. PSoC Designer debugging capabil-
ities rival those of systems costing many times more. In addition
to traditional single-step, run-to-breakpoint, and watch-variable
features, the debug interface provides a large trace buffer and
allows you to define complex breakpoint events. These include
monitoring address and data bus values, memory locations and
external signals.
[+] Feedback


Similar Part No. - CY8C24X94

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24X94 CYPRESS-CY8C24X94 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24x94 CYPRESS-CY8C24x94 Datasheet
1,005Kb / 37P
   PSoC Programmable System-on-Chip
CY8C24x94 CYPRESS-CY8C24x94 Datasheet
1,005Kb / 37P
   PSoC Programmable System-on-Chip
CY8C24X94 CYPRESS-CY8C24X94 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24X94 CYPRESS-CY8C24X94 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
More results

Similar Description - CY8C24X94

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21634 CYPRESS-CY8C21634_10 Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21123 CYPRESS-CY8C21123_11 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21345_1105 CYPRESS-CY8C21345_1105 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21634B CYPRESS-CY8C21634B Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20134_1106 CYPRESS-CY8C20134_1106 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C29466 CYPRESS-CY8C29466_11 Datasheet
1Mb / 61P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24894 CYPRESS-CY8C24894_11 Datasheet
1Mb / 46P
   Automotive PSoC Programmable System-on-Chip Low power at high speed
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com