Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8CLED16 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8CLED16
Description  EZ-Color HB LED Controller Visual embedded design Binning compensation
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CLED16 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8CLED16 Datasheet HTML 5Page - Cypress Semiconductor CY8CLED16 Datasheet HTML 6Page - Cypress Semiconductor CY8CLED16 Datasheet HTML 7Page - Cypress Semiconductor CY8CLED16 Datasheet HTML 8Page - Cypress Semiconductor CY8CLED16 Datasheet HTML 9Page - Cypress Semiconductor CY8CLED16 Datasheet HTML 10Page - Cypress Semiconductor CY8CLED16 Datasheet HTML 11Page - Cypress Semiconductor CY8CLED16 Datasheet HTML 12Page - Cypress Semiconductor CY8CLED16 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
CY8CLED16
Document Number: 001-13105 Rev. *H
Page 9 of 53
Pin Information
Pinouts
The CY8CLED16 device is available in three packages which are listed and illustrated in the following tables. Every port pin (labeled
with a “P”) is capable of Digital I/O. However, Vss, VDD, SMP, and XRES are not capable of Digital I/O.
28-Pin Part Pinout
Table 2. 28-Pin Part Pinout (SSOP)
Pin
No.
Type
Pin
Name
Description
Figure 3. 28-Pin Device
Digital
Analog
1
I/O
I
P0[7]
Analog column mux input.
2
I/O
I/O
P0[5]
Analog column mux input and column output.
3
I/O
I/O
P0[3]
Analog column mux input and column output.
4
I/O
I
P0[1]
Analog column mux input.
5
I/O
P2[7]
6
I/O
P2[5]
7
I/O
I
P2[3]
Direct switched capacitor block input.
8
I/O
I
P2[1]
Direct switched capacitor block input.
9
Power
SMP
Switch mode pump (SMP) connection to
external components required.
10
I/O
P1[7]
I2C serial clock (SCL).
11
I/O
P1[5]
I2C serial data (SDA).
12
I/O
P1[3]
13
I/O
P1[1]
Crystal (XTALin), I2C serial clock (SCL),
ISSP-SCLK[1].
14
Power
Vss
Ground connection.
15
I/O
P1[0]
Crystal (XTALout), I2C serial data (SDA),
ISSP-SDATA[1].
16
I/O
P1[2]
17
I/O
P1[4]
optional external clock input (EXTCLK).
18
I/O
P1[6]
19
Input
XRES
Active high external reset with internal
pull- down.
20
I/O
I
P2[0]
Direct switched capacitor block input.
21
I/O
I
P2[2]
Direct switched capacitor block input.
22
I/O
P2[4]
External analog ground (AGND).
23
I/O
P2[6]
External voltage reference (VREF).
24
I/O
I
P0[0]
Analog column mux input.
25
I/O
I/O
P0[2]
Analog column mux input and column output.
26
I/O
I/O
P0[4]
Analog column mux input and column output.
27
I/O
I
P0[6]
Analog column mux input.
28
Power
VDD
Supply voltage.
LEGEND: A = Analog, I = Input, and O = Output.
A, I, P0[7]
A, IO, P0[5]
A, IO, P0[3]
A, I, P0[1]
P2[7]
P2[5]
A, I,
P2[3]
A, I, P2[1]
SMP
I2C SCL, P1[7]
I2C SDA, P1[5]
P1[3]
I2C SCL, XTALin, P1[1]
Vss
Vdd
P0[6], A, I
P0[4], A, IO
P0[2], A, IO
P0[0], A, I
P2[6], External VREF
P2[4], External AGND
P2[2], A, I
P2[0], A, I
XRES
P1[6]
P1[4], EXTCLK
P1[2]
P1[0], XTALout, I2C SDA
SSOP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Note
1. These are the ISSP pins, which are not High Z at POR.


Similar Part No. - CY8CLED16

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED16 CYPRESS-CY8CLED16 Datasheet
1Mb / 39P
   EZ-Color??HB LED Controller
CY8CLED16 CYPRESS-CY8CLED16 Datasheet
1Mb / 43P
   EZ-Color??HB-LED Controller
CY8CLED16 CYPRESS-CY8CLED16 Datasheet
615Kb / 52P
   EZ-Color??HB LED Controller Binning compensation
CY8CLED16-28PVXI CYPRESS-CY8CLED16-28PVXI Datasheet
1Mb / 39P
   EZ-Color??HB LED Controller
CY8CLED16-28PVXI CYPRESS-CY8CLED16-28PVXI Datasheet
1Mb / 43P
   EZ-Color??HB-LED Controller
More results

Similar Description - CY8CLED16

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED08 CYPRESS-CY8CLED08_11 Datasheet
615Kb / 52P
   EZ-Color??HB LED Controller Binning compensation
CY8CLED08 CYPRESS-CY8CLED08_10 Datasheet
1Mb / 44P
   EZ-Color??HB LED Controller
CY8CLED02 CYPRESS-CY8CLED02_10 Datasheet
931Kb / 39P
   EZ-Color??HB LED Controller
CY8CLED16 CYPRESS-CY8CLED16_10 Datasheet
1Mb / 43P
   EZ-Color??HB-LED Controller
CY8CLED16 CYPRESS-CY8CLED16 Datasheet
1Mb / 39P
   EZ-Color??HB LED Controller
CY8CLED04 CYPRESS-CY8CLED04 Datasheet
1Mb / 33P
   EZ-Color??HB LED Controller
CY8CLED08 CYPRESS-CY8CLED08 Datasheet
1Mb / 37P
   EZ-Color??HB LED Controller
CY8CLED04 CYPRESS-CY8CLED04_10 Datasheet
996Kb / 37P
   EZ-Color??HB LED Controller
logo
STMicroelectronics
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
   Embedded temperature compensation
July 2016 Rev 1
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
   Embedded temperature compensation
February 2017 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com