Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C24X23A Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY8C24X23A
Description  PSoC Programmable System-on-Chip Low power at high speed
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C24X23A Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY8C24X23A Datasheet HTML 1Page - Cypress Semiconductor CY8C24X23A Datasheet HTML 2Page - Cypress Semiconductor CY8C24X23A Datasheet HTML 3Page - Cypress Semiconductor CY8C24X23A Datasheet HTML 4Page - Cypress Semiconductor CY8C24X23A Datasheet HTML 5Page - Cypress Semiconductor CY8C24X23A Datasheet HTML 6Page - Cypress Semiconductor CY8C24X23A Datasheet HTML 7Page - Cypress Semiconductor CY8C24X23A Datasheet HTML 8Page - Cypress Semiconductor CY8C24X23A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
CY8C21345
CY8C22345, CY8C22545
Document Number: 001-43084 Rev. *M
Page 4 of 34
Analog System
The Analog System consists of a 10-bit SAR ADC and six
configurable blocks.
The programmable 10-bit SAR ADC is an optimized ADC that
can be run up to 200 ksps with ± 1.5 LSB DNL and ± 2.5 LSB INL
(true for VDD ≥ 3.0 V and Vref ≥ 3.0 V). External filters are
required on ADC input channels for antialiasing. This ensures
that any out-of-band content is not folded into the input signal
band.
Reconfigurable analog resources allow creating complex analog
signal flows. Analog peripherals are very flexible and may be
customized to support specific application requirements. Some
of the more common PSoC analog functions (most available as
user modules) are:
Analog-to-Digital converters (Single or Dual, with 8-bit
resolution)
Pin-to-pin Comparator
Single ended comparators with absolute (1.3 V) reference or
5-bit DAC reference
1.3 V reference (as a System Resource)
Analog blocks are provided in columns of four, which include
CT-E (Continuous Time) and SC-E (Switched Capacitor) blocks.
These devices provide limited functionality Type “E” analog
blocks.
Figure 2. Analog System Block Diagram
Additional System Resources
System Resources, some of which are listed in the previous
sections, provide additional capability useful to complete
systems. Additional resources include a MAC, low voltage
detection, and power on reset. The merits of each system
resource are:
Digital clock dividers provide three customizable clock
frequencies for use in applications. The clocks may be routed
to both the digital and analog systems. Additional clocks can
be generated using digital PSoC blocks as clock dividers.
Additional Digital resources and clocks optimized for CSD.
Support “RTC” block into digital peripheral logic.
A multiply accumulate (MAC) provides a fast 8-bit multiplier
with 32-bit accumulate, to assist in both general math and
digital filters.
The I2C module provides 100 and 400 kHz communication over
two wires. Slave, master, and multi-master modes are all
supported.
Low Voltage Detection (LVD) interrupts can signal the
application of falling voltage levels, while the advanced POR
(Power On Reset) circuit eliminates the need for a system
supervisor.
An internal 1.3 V reference provides an absolute reference for
the analog system, including ADCs and DACs.
ACE01
Block Array
Array Input Configuration
ACI1[1:0]
ACI0[1:0]
Reference
Generators
Bandgap
AGND
ASE10
Interface to
Digital System
M8C Interface (Address Bus, Data Bus, Etc.)
Analog Reference
10 bit SAR ADC
ACI2[3:0]
P0[0:7]
ACE00
ASE11
ACI1[1:0]
ACI1[1:0]
AmuxR
AmuxL
ACE11
ACE10
[+] Feedback


Similar Part No. - CY8C24X23A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24X23A CYPRESS-CY8C24X23A Datasheet
330Kb / 33P
   PSoC??Mixed-Signal Array
CY8C24X23A CYPRESS-CY8C24X23A Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24x23A CYPRESS-CY8C24x23A Datasheet
1,005Kb / 37P
   PSoC Programmable System-on-Chip
CY8C24x23A CYPRESS-CY8C24x23A Datasheet
1,005Kb / 37P
   PSoC Programmable System-on-Chip
CY8C24X23A CYPRESS-CY8C24X23A Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
More results

Similar Description - CY8C24X23A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21634 CYPRESS-CY8C21634_10 Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21123 CYPRESS-CY8C21123_11 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21634B CYPRESS-CY8C21634B Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20134_1106 CYPRESS-CY8C20134_1106 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C29466 CYPRESS-CY8C29466_11 Datasheet
1Mb / 61P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24094 CYPRESS-CY8C24094_11 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24894 CYPRESS-CY8C24894_11 Datasheet
1Mb / 46P
   Automotive PSoC Programmable System-on-Chip Low power at high speed
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com