Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C21X45 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY8C21X45
Description  PSoC Programmable System-on-Chip Low power at high speed
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21X45 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY8C21X45 Datasheet HTML 1Page - Cypress Semiconductor CY8C21X45 Datasheet HTML 2Page - Cypress Semiconductor CY8C21X45 Datasheet HTML 3Page - Cypress Semiconductor CY8C21X45 Datasheet HTML 4Page - Cypress Semiconductor CY8C21X45 Datasheet HTML 5Page - Cypress Semiconductor CY8C21X45 Datasheet HTML 6Page - Cypress Semiconductor CY8C21X45 Datasheet HTML 7Page - Cypress Semiconductor CY8C21X45 Datasheet HTML 8Page - Cypress Semiconductor CY8C21X45 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
CY8C21123, CY8C21223, CY8C21323
Document Number: 38-12022 Rev. *Q
Page 5 of 43
PSoC Device Characteristics
Depending on your PSoC device characteristics, the digital and analog systems can have 16, 8, or 4 digital blocks, and 12, 6, or 4
analog blocks. Table 1 lists the resources available for specific PSoC device groups. The PSoC device covered by this datasheet is
highlighted.
Getting Started
The quickest way to understand PSoC silicon is to read this
datasheet and then use the PSoC Designer Integrated Devel-
opment Environment (IDE). This datasheet is an overview of the
PSoC integrated circuit and presents specific pin, register, and
electrical specifications.
For in depth information, along with detailed programming
details, see the Technical Reference Manual for this PSoC
device.
For up to date ordering, packaging, and electrical specification
information, see the latest PSoC device datasheets on the web
at http://www.cypress.com.
Application Notes
Application notes are an excellent introduction to the wide variety
of possible PSoC designs. They can be found at
http://www.cypress.com.
Development Kits
PSoC Development Kits are available online from Cypress at
http://www.cypress.com and through a growing number of
regional and global distributors, which include Arrow, Avnet,
Digi-Key, Farnell, Future Electronics, and Newark.
Training
Free PSoC technical training (on demand, webinars, and
workshops) is available online at http://www.cypress.com. The
training covers a wide variety of topics and skill levels to assist
you in your designs.
CYPros Consultants
Certified PSoC Consultants offer everything from technical
assistance to completed PSoC designs. To contact or become a
PSoC Consultant go to http://www.cypress.com and refer to
CYPros Consultants.
Solutions Library
Visit our growing library of solution focused designs at
http://www.cypress.com. Here you can find various application
designs that include firmware and hardware design files that
enable you to complete your designs quickly.
Technical Support
For assistance with technical issues, search KnowledgeBase
articles and forums at http://www.cypress.com. If you cannot find
an answer to your question, call technical support at
1-800-541-4736.
Table 1. PSoC Device Characteristics
PSoC Part
Number
Digital
I/O
Digital
Rows
Digital
Blocks
Analog
Inputs
Analog
Outputs
Analog
Columns
Analog
Blocks
SRAM
Size
Flash
Size
CY8C29x66
up to 64
4
16
up to 12
4
4
12
2 K
32 K
CY8C28xxx
up to 44
up to 3
up to 12
up to 44
up to 4
up to 6
up to
12 + 4[1]
1 K
16 K
CY8C27x43
up to 44
2
8
up to 12
4
4
12
256
16 K
CY8C24x94
up to 56
1
4
up to 48
2
2
6
1 K
16 K
CY8C24x23A
up to 24
1
4
up to 12
2
2
6
256
4 K
CY8C23x33
up to 26
1
4
up to 12
2
2
4
256
8 K
CY8C22x45
up to 38
2
8
up to 38
0
4
6[1]
1 K
16 K
CY8C21x45
up to 24
1
4
up to 24
0
4
6[1]
512
8 K
CY8C21x34
up to 28
1
4
up to 28
0
2
4[1]
512
8 K
CY8C21x23
up to 16
1
4
up to 8
0
2
4[1]
256
4 K
CY8C20x34
up to 28
0
0
up to 28
0
0
3[1,2]
512
8 K
CY8C20xx6
up to 36
0
0
up to 36
0
0
3[1,2]
up to
2 K
up to
32 K
Notes
1. Limited analog functionality.
2. Two analog blocks and one CapSense®.
[+] Feedback


Similar Part No. - CY8C21X45

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21X45 CYPRESS-CY8C21X45 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21X45 CYPRESS-CY8C21X45 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21X45 CYPRESS-CY8C21X45 Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21X45 CYPRESS-CY8C21X45 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
More results

Similar Description - CY8C21X45

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21634 CYPRESS-CY8C21634_10 Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21345_1105 CYPRESS-CY8C21345_1105 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21634B CYPRESS-CY8C21634B Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20134_1106 CYPRESS-CY8C20134_1106 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C29466 CYPRESS-CY8C29466_11 Datasheet
1Mb / 61P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24094 CYPRESS-CY8C24094_11 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24894 CYPRESS-CY8C24894_11 Datasheet
1Mb / 46P
   Automotive PSoC Programmable System-on-Chip Low power at high speed
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com