Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C21345 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C21345
Description  PSoC Programmable System-on-Chip Low power at high speed
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21345 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C21345 Datasheet HTML 6Page - Cypress Semiconductor CY8C21345 Datasheet HTML 7Page - Cypress Semiconductor CY8C21345 Datasheet HTML 8Page - Cypress Semiconductor CY8C21345 Datasheet HTML 9Page - Cypress Semiconductor CY8C21345 Datasheet HTML 10Page - Cypress Semiconductor CY8C21345 Datasheet HTML 11Page - Cypress Semiconductor CY8C21345 Datasheet HTML 12Page - Cypress Semiconductor CY8C21345 Datasheet HTML 13Page - Cypress Semiconductor CY8C21345 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
CY8C21345
CY8C22345, CY8C22545
Document Number: 001-43084 Rev. *M
Page 10 of 34
Registers
This section lists the registers of this PSoC device family by mapping tables. For detailed register information, refer the PSoC
Programmable System-on Chip Technical Reference Manual.
Register Conventions
Register Mapping Tables
The PSoC device has a total register address space of 512
bytes. The register space is also referred to as I/O space and is
broken into two parts. The XIO bit in the Flag register determines
which bank the user is currently in. When the XIO bit is set, the
user is said to be in the “extended” address space or the
“configuration” registers.
Note In the following register mapping tables, blank fields are
Reserved and must not be accessed.
Table 4. Abbreviations
Convention
Description
RW
Read and write register or bit(s)
R
Read register or bit(s)
W
Write register or bit(s)
L
Logical register or bit(s)
C
Clearable register or bit(s)
#
Access is bit specific
[+] Feedback


Similar Part No. - CY8C21345

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345 Datasheet
797Kb / 27P
   PSoC Programmable System-on-Chip
CY8C21345 CYPRESS-CY8C21345 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C21345 CYPRESS-CY8C21345 Datasheet
935Kb / 36P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C21345 CYPRESS-CY8C21345 Datasheet
531Kb / 39P
   PSoC짰 Programmable System-on-Chip
Revised April 9, 2013
CY8C21345-12PVXE CYPRESS-CY8C21345-12PVXE Datasheet
935Kb / 36P
   Automotive PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C21345

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21634 CYPRESS-CY8C21634_10 Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21123 CYPRESS-CY8C21123_11 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21634B CYPRESS-CY8C21634B Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20134_1106 CYPRESS-CY8C20134_1106 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C29466 CYPRESS-CY8C29466_11 Datasheet
1Mb / 61P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24094 CYPRESS-CY8C24094_11 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24894 CYPRESS-CY8C24894_11 Datasheet
1Mb / 46P
   Automotive PSoC Programmable System-on-Chip Low power at high speed
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com