Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20336H-24LQXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY8C20336H-24LQXI
Description  Haptics Enabled CapSense Controller 1.71-V to 5.5-V operating range
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20336H-24LQXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY8C20336H-24LQXI Datasheet HTML 1Page - Cypress Semiconductor CY8C20336H-24LQXI Datasheet HTML 2Page - Cypress Semiconductor CY8C20336H-24LQXI Datasheet HTML 3Page - Cypress Semiconductor CY8C20336H-24LQXI Datasheet HTML 4Page - Cypress Semiconductor CY8C20336H-24LQXI Datasheet HTML 5Page - Cypress Semiconductor CY8C20336H-24LQXI Datasheet HTML 6Page - Cypress Semiconductor CY8C20336H-24LQXI Datasheet HTML 7Page - Cypress Semiconductor CY8C20336H-24LQXI Datasheet HTML 8Page - Cypress Semiconductor CY8C20336H-24LQXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
CY8C20336H, CY8C20446H
Document Number: 001-56223 Rev. *C
Page 4 of 33
PSoC® Functional Overview
The PSoC family consists of on-chip controller devices, which
are designed to replace multiple traditional microcontroller unit
(MCU)-based components with one, low-cost single-chip
programmable component. A PSoC device includes
configurable analog and digital blocks, and programmable
interconnect. This architecture allows the user to create
customized peripheral configurations, to match the requirements
of each individual application. Additionally, a fast CPU, flash
program memory, SRAM data memory, and configurable I/O are
included in a range of convenient pinouts.
The architecture for this device family, as shown in the Logic
Block Diagram on page 2, consists of three main areas:
The core
CapSense analog system
System resources (including a full-speed USB port).
A common, versatile bus allows connection between the I/O and
the analog system.
Each CY8C20336H/446H PSoC device includes a dedicated
CapSense block that provides sensing and scanning control
circuitry for capacitive sensing applications. Depending on the
PSoC package, up to 28 GPIOs are also included. The GPIOs
provide access to the MCU and analog mux.
PSoC Core
The PSoC core is a powerful engine that supports a rich
instruction set. It encompasses SRAM for data storage, an
interrupt controller, sleep and watchdog timers, and IMO and
ILO. The CPU core, called the M8C, is a powerful processor with
speeds up to 24 MHz. The M8C is a 4-MIPS, 8-bit Harvard-
architecture microprocessor.
CapSense System
The analog system contains the capacitive sensing hardware.
Several hardware algorithms are supported. This hardware
performs capacitive sensing and scanning without requiring
external components. The analog system is composed of the
CapSense PSoC block and an internal 1-V or 1.2-V analog
reference, which together support capacitive sensing of up to 28
inputs[2]. Capacitive sensing is configurable on each GPIO pin.
Scanning of enabled CapSense pins are completed quickly and
easily across multiple ports.
SmartSense™
SmartSense is an innovative solution from Cypress that removes
manual tuning of CapSense applications. This solution is easy-
to-use and provides a robust noise immunity. It is the only auto-
tuning solution that establishes, monitors, and maintains all
required tuning parameters. SmartSense allows engineers to go
from prototyping to mass production without re-tuning for
manufacturing variations in PCB and/or overlay material
properties.
Figure 1. CapSense System Block Diagram
Analog Multiplexer System
The analog mux bus can connect to every GPIO pin. Pins are
connected to the bus individually or in any combination. The bus
also connects to the analog system for analysis with the
CapSense block comparator.
Switch-control logic enables selected pins to precharge
continuously under hardware control. This enables capacitive
measurement for applications such as touch sensing. Other
multiplexer applications include:
Complex capacitive sensing interfaces, such as sliders and
touchpads.
Chip-wide mux that allows analog input from any I/O pin.
■ Crosspoint connection between any I/O pin combinations.
Haptics TS2000 Controller
The CY8C20336H/CY8C20446H family of devices feature an
easy-to-use Haptics controller resource with up to 14 different
effects. These effects are available for use with three different,
selectable ERM modules.
Note
2. 36 GPIOs = 33 pins for capacitive sensing + 2 pins for I2C + 1 pin for modulator capacitor.
IDAC
Reference
Buffer
Vr
Cinternal
Cap Sense Counters
Comparator
Mux
Mux
Refs
CapSense
Clock Select
Oscillator
CSCLK
IMO
CS1
CS2
CSN
Cexternal (P0[1]
or P0[3])
[+] Feedback


Similar Part No. - CY8C20336H-24LQXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20336H-24LQXI CYPRESS-CY8C20336H-24LQXI Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
More results

Similar Description - CY8C20336H-24LQXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X36A CYPRESS-CY8C20X36A_10 Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
logo
Freescale Semiconductor...
KL26P121M48SF4 FREESCALE-KL26P121M48SF4 Datasheet
1Mb / 60P
   Operating Characteristics Voltage range: 1.71 to 3.6 V
logo
Cypress Semiconductor
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
NXP Semiconductors
K60P120M100SF2 NXP-K60P120M100SF2 Datasheet
2Mb / 72P
   Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
K60P100M100SF2 NXP-K60P100M100SF2 Datasheet
2Mb / 76P
   Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
K60P100M100SF2V2 NXP-K60P100M100SF2V2 Datasheet
1Mb / 80P
   Voltage range: 1.71 to 3.6 V
Rev. 3, 6/2013
logo
Freescale Semiconductor...
MKE02P64M20SF0 FREESCALE-MKE02P64M20SF0 Datasheet
1Mb / 36P
   Operating characteristics : Flash write voltage range: 2.7 to 5.5 V
logo
Texas Instruments
SN74AHCT1G02DBVR TI-SN74AHCT1G02DBVR Datasheet
867Kb / 13P
[Old version datasheet]   Operating Range of 4.5 V to 5.5 V, Inputs Are TTL-Voltage Compatible
logo
Infineon Technologies A...
6EDL7141 INFINEON-6EDL7141 Datasheet
8Mb / 132P
   5.5 V to 60 V operating supply voltage (recommended operating condition)
Revision 1.00 2021-06-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com