Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20134 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY8C20134
Description  PSoC Programmable System-on-Chip Low power at high speed
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20134 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY8C20134 Datasheet HTML 3Page - Cypress Semiconductor CY8C20134 Datasheet HTML 4Page - Cypress Semiconductor CY8C20134 Datasheet HTML 5Page - Cypress Semiconductor CY8C20134 Datasheet HTML 6Page - Cypress Semiconductor CY8C20134 Datasheet HTML 7Page - Cypress Semiconductor CY8C20134 Datasheet HTML 8Page - Cypress Semiconductor CY8C20134 Datasheet HTML 9Page - Cypress Semiconductor CY8C20134 Datasheet HTML 10Page - Cypress Semiconductor CY8C20134 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
CY8C20134, CY8C20234, CY8C20334
CY8C20434, CY8C20534, CY8C20634
Document Number: 001-05356 Rev. *O
Page 7 of 47
Pin Information
This section describes, lists, and illustrates the CY8C20234, CY8C20334, CY8C20434, CY8C20534, and CY8C20634 PSoC device
pins and pinout configurations.
The CY8C20x34 PSoC device is available in a variety of packages that are listed and shown in the following tables. Every port pin
(labeled with a “P”) is capable of Digital I/O and connection to the common analog bus. However, VSS, VDD, and XRES are not capable
of Digital I/O.
8-Pin SOIC Pinout
Figure 2. CY8C20134-12SXI 8-Pin SOIC Pinout
Table 2. Pin Definitions – CY8C20134 8-Pin (SOIC)
Pin No.
Digital
Analog
Name
Description
1
Power
VSS
Ground connection
2
I/O
I
P0[1]
Analog column mux input, integrating input
3
I/O
I
P1[7]
I2C serial clock (SCL)
4
I/O
I
P1[5]
I2C serial data (SDA)
5
I/O
I
P1[1]
I2C serial clock (SCL), ISSP-SCLK
6
I/O
I
P1[0]
I2C serial data (SDA), ISSP-SDATA
7
I/O
I
P2[2]
Analog column mux input
8
Power
VDD
Supply voltage
A = Analog, I = Input, O = Output, OH = 5 mA High Output Drive.
SOIC
1
2
3
4
8
7
6
5
Vdd
P0[4], A, I
P0[2], A, I
P1[0], I2CSDA
A, I, P0[5]
A, I, P0[3]
I2C SCL, P1[1]
Vss
VSS
VDD
AI, P0[1]
AI, I2C SCL, P1[7]
AI, I2C SDA, P1[5]
P2[2],AI
P1[0], I2C SDA, DATA *, AI
P1[1], I2C SCL, CLK*, AI
[+] Feedback


Similar Part No. - CY8C20134

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20134 CYPRESS-CY8C20134 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20134-12SXI CYPRESS-CY8C20134-12SXI Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20134-12SXI CYPRESS-CY8C20134-12SXI Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20134 CYPRESS-CY8C20134_12 Datasheet
800Kb / 48P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C20134

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21634 CYPRESS-CY8C21634_10 Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21123 CYPRESS-CY8C21123_11 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21345_1105 CYPRESS-CY8C21345_1105 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21634B CYPRESS-CY8C21634B Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C29466 CYPRESS-CY8C29466_11 Datasheet
1Mb / 61P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24094 CYPRESS-CY8C24094_11 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24894 CYPRESS-CY8C24894_11 Datasheet
1Mb / 46P
   Automotive PSoC Programmable System-on-Chip Low power at high speed
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com