Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20121-SX1I Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C20121-SX1I
Description  CapSense Express ??One Button and Two Button Capacitive Controllers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20121-SX1I Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C20121-SX1I Datasheet HTML 6Page - Cypress Semiconductor CY8C20121-SX1I Datasheet HTML 7Page - Cypress Semiconductor CY8C20121-SX1I Datasheet HTML 8Page - Cypress Semiconductor CY8C20121-SX1I Datasheet HTML 9Page - Cypress Semiconductor CY8C20121-SX1I Datasheet HTML 10Page - Cypress Semiconductor CY8C20121-SX1I Datasheet HTML 11Page - Cypress Semiconductor CY8C20121-SX1I Datasheet HTML 12Page - Cypress Semiconductor CY8C20121-SX1I Datasheet HTML 13Page - Cypress Semiconductor CY8C20121-SX1I Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
CY8C20111, CY8C20121
Document Number: 001-53516 Rev. *G
Page 10 of 43
8.1 OUTPUT_STATUS
Output Status Register
OUTPUT_STATUS: 00h
The Output Status register represents the actual logical levels on the output pins.
8.2 OUTPUT_PORT
Output Port Register
OUTPUT_PORT: 04h
This register is used to write data to DIG output port. Pins defined as output of combinational logic (in OP_SEL_x register) cannot be
changed using this register.
8.3 CS_ENABLE
Select CapSense Input Register
CS_ENABLE: 07h
(
Writable only in Setup mode)
1 Button
7654321
0
Access: FD
R:01
Bit Name
STS[0]
2 Button
7654321
0
Access: FD
R:03
Bit Name
STS[1:0]
Bit
Name
Description
1:0
STS [1:0]
Used to represent the output status
0
Output low
1
Output high
1 Button
7654321
0
Access: FD
W:01
Bit Name
DIG[0]
2 Button
7654321
0
Access: FD
W:03
Bit Name
DIG[1:0]
Bit
Name
Description
1:0
DIG [1:0]
A bit set in this register sets the logic level of the output.
0
Logic ‘0’
1
Logic ‘1’
1 Button
7654321
0
Access: FD
RW:01
Bit Name
CS[0]
2 Button
7654321
0
Access: FD
RW:03
Bit Name
CS[1:0]
[+] Feedback


Similar Part No. - CY8C20121-SX1I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20121-SX1I CYPRESS-CY8C20121-SX1I Datasheet
756Kb / 34P
   CapSense Express-One Button and Two Button Capacitive Controllers
CY8C20121-SX1I CYPRESS-CY8C20121-SX1I Datasheet
1Mb / 44P
   CapSense짰 Express????One Button and Two Button Capacitive Controllers
CY8C20121-SX1IT CYPRESS-CY8C20121-SX1IT Datasheet
756Kb / 34P
   CapSense Express-One Button and Two Button Capacitive Controllers
CY8C20121-SX1IT CYPRESS-CY8C20121-SX1IT Datasheet
1Mb / 44P
   CapSense짰 Express????One Button and Two Button Capacitive Controllers
More results

Similar Description - CY8C20121-SX1I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20111 CYPRESS-CY8C20111 Datasheet
756Kb / 34P
   CapSense Express-One Button and Two Button Capacitive Controllers
CY8C20110 CYPRESS-CY8C20110_09 Datasheet
1Mb / 29P
   CapSense Express Button Capacitive Controllers
CY8C20111 CYPRESS-CY8C20111_12 Datasheet
1Mb / 44P
   CapSense짰 Express????One Button and Two Button Capacitive Controllers
CY8C20110 CYPRESS-CY8C20110_12 Datasheet
1Mb / 43P
   CapSense짰 Express??Button Capacitive Controllers
CY8C20110 CYPRESS-CY8C20110_13 Datasheet
1Mb / 46P
   CapSense짰 Express??Button Capacitive Controllers
CY8CMBR2044 CYPRESS-CY8CMBR2044 Datasheet
1Mb / 26P
   Capacitive Button Controllers
CY8C201A0 CYPRESS-CY8C201A0_12 Datasheet
1Mb / 38P
   CapSense짰 Express??Slider Capacitive Controllers
logo
List of Unclassifed Man...
MLX90720 ETC1-MLX90720 Datasheet
151Kb / 12P
   One Button Timer
logo
Semtech Corporation
SX8661 SEMTECH-SX8661 Datasheet
1Mb / 88P
   Low Power, Capacitive Button Touch and Proximity Controller
SX8639 SEMTECH-SX8639 Datasheet
1Mb / 81P
   Low Power, Capacitive Button and Wheel Touch Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com