Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20121 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY8C20121
Description  CapSense Express ??One Button and Two Button Capacitive Controllers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20121 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY8C20121 Datasheet HTML 2Page - Cypress Semiconductor CY8C20121 Datasheet HTML 3Page - Cypress Semiconductor CY8C20121 Datasheet HTML 4Page - Cypress Semiconductor CY8C20121 Datasheet HTML 5Page - Cypress Semiconductor CY8C20121 Datasheet HTML 6Page - Cypress Semiconductor CY8C20121 Datasheet HTML 7Page - Cypress Semiconductor CY8C20121 Datasheet HTML 8Page - Cypress Semiconductor CY8C20121 Datasheet HTML 9Page - Cypress Semiconductor CY8C20121 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
CY8C20111, CY8C20121
Document Number: 001-53516 Rev. *G
Page 6 of 43
5.5 Circuit-5: Powering Down CapSense Express Device for Low Power Requirements
For low power requirements, if VDD is to be turned off, the above
concept can be used. The VDDs of CapSense Express, I
2C
pull-ups, and LEDs must be from the same source. Turning off
the VDD ensures that no signal is applied to the device while it is
unpowered. The I2C signals should not be driven high by the
master in this situation. If a port pin or group of port pins can cater
to the power supply requirement of the circuit, the LDO can be
avoided.
6. Operating Modes
6.1 Normal Mode
In normal mode of operation, the acknowledgment time is
optimized. The timings remain approximately the same for
different configurations of the slave. To reduce the acknowl-
edgment times in normal mode, the registers 0x07, 0x08, 0x11,
0x50, 0x51, 0x5C, 0x5D are given only read access. Writing to
these registers can be done only in setup mode.
6.2 Setup Mode
All registers have read and write access (except those which are
read only) in this mode. The acknowledgment times are longer
compared to normal mode. When CapSense scanning is
disabled (command code 0x0A in command register 0xA0), the
acknowledgment times can be improved to values similar to the
normal mode of operation.
7. I2C Interface
The CapSense Express devices support the industry standard
I2C protocol, which can be used to:
Configure the device
Read the status and data registers of the device
Control device operation
Execute commands
The I2C address can be modified during configuration.
7.1 I2C Device Addressing
The device uses a seven bit addressing protocol. The I2C data
transfer is always initiated by the master sending one byte
address; first 7-bit contains address and LSb indicates the data
transfer direction. Zero in the LSb indicates the write transaction
form master and one indicates read transfer by the master.
Table 3 shows example for different I2C addresses.
Master
Or
Host
LDO
CapSense Express
I2C Pull
UPs
LED
I2C
BUS
SDA
SCL
VDD
Output
Output
enable
Table 3. I2C Addresses
7 Bit Slave Address (in Dec)
D7
D6
D5
D4
D3
D2
D1
D0
8 Bit Slave Address (in Hex)
1
000
0
0
0
1
0(W)
02
1
0
0
0
0
0
0
1
1(R)
03
75
1
0
0
1
0
1
1
0(W)
96
75
1
0
0
1
0
1
1
1(W)
97
[+] Feedback


Similar Part No. - CY8C20121

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20121 CYPRESS-CY8C20121 Datasheet
756Kb / 34P
   CapSense Express-One Button and Two Button Capacitive Controllers
CY8C20121-SX1I CYPRESS-CY8C20121-SX1I Datasheet
756Kb / 34P
   CapSense Express-One Button and Two Button Capacitive Controllers
CY8C20121-SX1I CYPRESS-CY8C20121-SX1I Datasheet
1Mb / 44P
   CapSense짰 Express????One Button and Two Button Capacitive Controllers
CY8C20121-SX1IT CYPRESS-CY8C20121-SX1IT Datasheet
756Kb / 34P
   CapSense Express-One Button and Two Button Capacitive Controllers
CY8C20121-SX1IT CYPRESS-CY8C20121-SX1IT Datasheet
1Mb / 44P
   CapSense짰 Express????One Button and Two Button Capacitive Controllers
More results

Similar Description - CY8C20121

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20111 CYPRESS-CY8C20111 Datasheet
756Kb / 34P
   CapSense Express-One Button and Two Button Capacitive Controllers
CY8C20110 CYPRESS-CY8C20110_09 Datasheet
1Mb / 29P
   CapSense Express Button Capacitive Controllers
CY8C20111 CYPRESS-CY8C20111_12 Datasheet
1Mb / 44P
   CapSense짰 Express????One Button and Two Button Capacitive Controllers
CY8C20110 CYPRESS-CY8C20110_12 Datasheet
1Mb / 43P
   CapSense짰 Express??Button Capacitive Controllers
CY8C20110 CYPRESS-CY8C20110_13 Datasheet
1Mb / 46P
   CapSense짰 Express??Button Capacitive Controllers
CY8CMBR2044 CYPRESS-CY8CMBR2044 Datasheet
1Mb / 26P
   Capacitive Button Controllers
CY8C201A0 CYPRESS-CY8C201A0_12 Datasheet
1Mb / 38P
   CapSense짰 Express??Slider Capacitive Controllers
logo
List of Unclassifed Man...
MLX90720 ETC1-MLX90720 Datasheet
151Kb / 12P
   One Button Timer
logo
Semtech Corporation
SX8661 SEMTECH-SX8661 Datasheet
1Mb / 88P
   Low Power, Capacitive Button Touch and Proximity Controller
SX8639 SEMTECH-SX8639 Datasheet
1Mb / 81P
   Low Power, Capacitive Button and Wheel Touch Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com