Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20111 Datasheet(PDF) 41 Page - Cypress Semiconductor

Part # CY8C20111
Description  CapSense Express ??One Button and Two Button Capacitive Controllers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20111 Datasheet(HTML) 41 Page - Cypress Semiconductor

Back Button CY8C20111_11 Datasheet HTML 35Page - Cypress Semiconductor CY8C20111_11 Datasheet HTML 36Page - Cypress Semiconductor CY8C20111_11 Datasheet HTML 37Page - Cypress Semiconductor CY8C20111_11 Datasheet HTML 38Page - Cypress Semiconductor CY8C20111_11 Datasheet HTML 39Page - Cypress Semiconductor CY8C20111_11 Datasheet HTML 40Page - Cypress Semiconductor CY8C20111_11 Datasheet HTML 41Page - Cypress Semiconductor CY8C20111_11 Datasheet HTML 42Page - Cypress Semiconductor CY8C20111_11 Datasheet HTML 43Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
CY8C20111, CY8C20121
Document Number: 001-53516 Rev. *G
Page 41 of 43
tri-state
A function whose output can adopt three states: 0, 1, and Z (high-impedance). The function does
not drive any value in the Z state and, in many respects, may be considered to be disconnected
from the rest of the circuit, allowing another output to drive the same net.
UART
A UART or universal asynchronous receiver-transmitter translates between parallel bits of data
and serial bits.
user modules
Pre-build, pre-tested hardware/firmware peripheral functions that take care of managing and
configuring the lower level Analog and Digital PSoC Blocks. User Modules also provide high
level API (Application Programming Interface) for the peripheral function.
user space
The bank 0 space of the register map. The registers in this bank are more likely to be modified
during normal program execution and not just during initialization. Registers in bank 1 are most
likely to be modified only during the initialization phase of the program.
VDD
A name for a power net meaning "voltage drain." The most positive power supply signal. Usually
5 V or 3.3 V.
VSS
A name for a power net meaning "voltage source." The most negative power supply signal.
watchdog timer
A timer that must be serviced periodically. If it is not serviced, the CPU resets after a specified
period of time.
20. Glossary (continued)
[+] Feedback


Similar Part No. - CY8C20111_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20111 CYPRESS-CY8C20111_12 Datasheet
1Mb / 44P
   CapSense짰 Express????One Button and Two Button Capacitive Controllers
More results

Similar Description - CY8C20111_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20111 CYPRESS-CY8C20111 Datasheet
756Kb / 34P
   CapSense Express-One Button and Two Button Capacitive Controllers
CY8C20110 CYPRESS-CY8C20110_09 Datasheet
1Mb / 29P
   CapSense Express Button Capacitive Controllers
CY8C20111 CYPRESS-CY8C20111_12 Datasheet
1Mb / 44P
   CapSense짰 Express????One Button and Two Button Capacitive Controllers
CY8C20110 CYPRESS-CY8C20110_12 Datasheet
1Mb / 43P
   CapSense짰 Express??Button Capacitive Controllers
CY8C20110 CYPRESS-CY8C20110_13 Datasheet
1Mb / 46P
   CapSense짰 Express??Button Capacitive Controllers
CY8CMBR2044 CYPRESS-CY8CMBR2044 Datasheet
1Mb / 26P
   Capacitive Button Controllers
CY8C201A0 CYPRESS-CY8C201A0_12 Datasheet
1Mb / 38P
   CapSense짰 Express??Slider Capacitive Controllers
logo
List of Unclassifed Man...
MLX90720 ETC1-MLX90720 Datasheet
151Kb / 12P
   One Button Timer
logo
Semtech Corporation
SX8661 SEMTECH-SX8661 Datasheet
1Mb / 88P
   Low Power, Capacitive Button Touch and Proximity Controller
SX8639 SEMTECH-SX8639 Datasheet
1Mb / 81P
   Low Power, Capacitive Button and Wheel Touch Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com