Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C55_1106 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY8C55_1106
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C55_1106 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY8C55_1106 Datasheet HTML 2Page - Cypress Semiconductor CY8C55_1106 Datasheet HTML 3Page - Cypress Semiconductor CY8C55_1106 Datasheet HTML 4Page - Cypress Semiconductor CY8C55_1106 Datasheet HTML 5Page - Cypress Semiconductor CY8C55_1106 Datasheet HTML 6Page - Cypress Semiconductor CY8C55_1106 Datasheet HTML 7Page - Cypress Semiconductor CY8C55_1106 Datasheet HTML 8Page - Cypress Semiconductor CY8C55_1106 Datasheet HTML 9Page - Cypress Semiconductor CY8C55_1106 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 114 page
background image
PRELIMINARY
PSoC® 5: CY8C55 Family Datasheet
Document Number: 001-66235 Rev. *A
Page 6 of 114
Figure 2-1. 68-pin QFN Part Pinout[4]
(GPIO) P2[6]
(GPIO) P2[7]
(SIO) P12[4]
(SIO) P12[5]
Vssb
Ind
Vboost
Vbat
Vssd
XRES
(SWDIO, GPIO) P1[0]
(SWDCK, GPIO) P1[1]
(GPIO) P1[2]
(SWV, GPIO) P1[3]
(GPIO) P1[4]
(GPIO) P1[5]
Vddio1
P0[3] (GPIO, OpAmp0-/Extref0)
P0[2] (GPIO, OpAmp0+)
P0[1] (GPIO, OpAmp0out)
P0[0] (GPIO, OpAmp2out)
P12[3] (SIO)
P12[2] (SIO)
Vssd
Vdda
Vssa
Vcca
P15[3] (GPIO, kHz XTAL: Xi)
P15[2] (GPIO, kHz XTAL: Xo)
P12[1] (SIO)
P12[0] (SIO)
P3[7] (GPIO, OpAmp3out)
P3[6] (GPIO, OpAmp1out)
Vddio3
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
10
11
12
13
14
15
16
17
1
2
3
4
5
6
7
8
9
QFN
(Top View)
Lines show Vddio
to I/O supply
association
Notes
3. Pins are Do Not Use (DNU) on devices without USB. The pin must be left floating.
4. The center pad on the QFN package should be connected to digital ground (VSSD) for best mechanical, thermal, and electrical performance. If not connected to
ground, it should be electrically floated and not connected to any other signal.
[+] Feedback


Similar Part No. - CY8C55_1106

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C55 CYPRESS-CY8C55_11 Datasheet
5Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C55_1106

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C53 CYPRESS-CY8C53_11 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C54_1106 CYPRESS-CY8C54_1106 Datasheet
3Mb / 105P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C52_1106 CYPRESS-CY8C52_1106 Datasheet
3Mb / 95P
   Programmable System-on-Chip (PSoC) DC to 40 MHz operation
CY8C32_1105 CYPRESS-CY8C32_1105 Datasheet
3Mb / 120P
   Programmable System-on-Chip (PSoC) DC to 50 MHz operation
CY8C34_1105 CYPRESS-CY8C34_1105 Datasheet
4Mb / 127P
   Programmable System-on-Chip (PSoC) DC to 50 MHz operation
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com