Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3666LTI-027 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C3666LTI-027
Description  Programmable System-on-Chip (PSoC) Multiply and divide instructions
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3666LTI-027 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C3666LTI-027 Datasheet HTML 1Page - Cypress Semiconductor CY8C3666LTI-027 Datasheet HTML 2Page - Cypress Semiconductor CY8C3666LTI-027 Datasheet HTML 3Page - Cypress Semiconductor CY8C3666LTI-027 Datasheet HTML 4Page - Cypress Semiconductor CY8C3666LTI-027 Datasheet HTML 5Page - Cypress Semiconductor CY8C3666LTI-027 Datasheet HTML 6Page - Cypress Semiconductor CY8C3666LTI-027 Datasheet HTML 7Page - Cypress Semiconductor CY8C3666LTI-027 Datasheet HTML 8Page - Cypress Semiconductor CY8C3666LTI-027 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 126 page
background image
PSoC® 3: CY8C36 Family
Data Sheet
Programmable System-on-Chip (PSoC®)
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-53413 Rev. *L
Revised May 20, 2011
General Description
With its unique array of configurable blocks, PSoC® 3 is a true system level solution providing microcontroller unit (MCU), memory,
analog, and digital peripheral functions in a single chip. The CY8C36 family offers a modern method of signal acquisition, signal
processing, and control with high accuracy, high bandwidth, and high flexibility. Analog capability spans the range from thermocouples
(near DC voltages) to ultrasonic signals. The CY8C36 family can handle dozens of data acquisition channels and analog inputs on
every general-purpose input/output (GPIO) pin. The CY8C36 family is also a high-performance configurable digital system with some
part numbers including interfaces such as USB, multi-master inter-integrated circuit (I2C), and controller area network (CAN). In
addition to communication interfaces, the CY8C36 family has an easy to configure logic array, flexible routing to all I/O pins, and
current DAC a high-performance single cycle 8051 microprocessor core. You can easily create system-level designs using a rich
library of prebuilt components and boolean primitives using PSoC Creator™, a hierarchical schematic design entry tool. The CY8C36
family provides unparalleled opportunities for analog and digital bill of materials integration while easily accommodating last minute
design changes through simple firmware updates.
Features
Single cycle 8051 CPU core
DC to 67 MHz operation
Multiply and divide instructions
Flash program memory, up to 64 KB, 100,000 write cycles,
20 years retention, and multiple security features
Up to 8-KB flash error correcting code (ECC) or configuration
storage
Up to 8 KB SRAM
Up to 2 KB electrically erasable programmable
read-only memory (EEPROM), 1 M cycles, and 20 years
retention
24-channel direct memory access (DMA) with multilayer
AHB[1] bus access
• Programmable chained descriptors and priorities
• High bandwidth 32-bit transfer support
Low voltage, ultra low-power
Wide operating voltage range: 0.5 V to 5.5 V
High efficiency boost regulator from 0.5-V input through
1.8-V to 5.0-V output
0.8 mA at 3 MHz, 1.2 mA at 6 MHz, 6.6 mA at 48 MHz
Low-power modes including:
• 1-µA sleep mode with real-time clock (RTC) and
low-voltage detect (LVD) interrupt
• 200-nA hibernate mode with RAM retention
Versatile I/O system
28 to 72 I/O (62 GPIOs, eight special input/outputs (SIO), two
USBIOs[2]
Any GPIO to any digital or analog peripheral routability
LCD direct drive from any GPIO, up to 46 × 16 segments[2]
CapSense® support from any GPIO[3]
1.2-V to 5.5-V I/O interface voltages, up to four domains
Maskable, independent interrupt request (IRQ) on any pin or
port
Schmitt-trigger transistor-transistor logic (TTL) inputs
All GPIO configurable as open drain high/low,
pull-up/pull-down, High Z, or strong output
Configurable GPIO pin state at power-on reset (POR)
25 mA sink on SIO
Digital peripherals
20 to 24 programmable logic devices (PLD) based universal
digital blocks (UDB)
Full CAN 2.0b 16-receive (Rx), 8-transmit (Tx) buffers[2]
Full-Speed (FS) USB 2.0 12 Mbps using internal oscillator[2]
Up to four 16-bit configurable timer, counter, and PWM blocks
67-MHz, 24-bit fixed point digital filter block (DFB) to
implement finite impulse response (FIR) and infinite impulse
response (IIR) filters
Library of standard peripherals
• 8-, 16-, 24-, and 32-bit timers, counters, and PWMs
• Serial peripheral interface (SPI), universal asynchronous
transmitter receiver (UART), I2C
• Many others available in catalog
Library of advanced peripherals
• Cyclic redundancy check (CRC)
• Pseudo random sequence (PRS) generator
• Local interconnect network (LIN) bus 2.0
• Quadrature decoder
Analog peripherals (1.71 V
≤ VDDA ≤ 5.5 V)
1.024 V ± 0.1% internal voltage reference across –40 °C to
+85 °C (14 ppm/°C)
Configurable delta-sigma ADC with 8- to12-bit resolution
• Programmable gain stage: ×0.25 to ×16
• 12-bit mode, 192-ksps, 66-dB signal to noise and distortion
ratio (SINAD), ±1-bit INL/DNL
Up to four 8-bit, 8-Msps IDACs or 1-Msps VDACs
Four comparators with 95-ns response time
Up to four uncommitted opamps with 25 mA drive capability
Up to four configurable multifunction analog blocks. Example
configurations are programmable gain amplifier (PGA),
transimpedance amplifier (TIA), mixer, and sample and hold
CapSense support
Programming, debug, and trace
JTAG (4-wire), serial wire debug (SWD) (2-wire), and single
wire viewer (SWV) interfaces
Eight address and one data breakpoint
4-KB instruction trace buffer
Bootloader programming supportable through I2C, SPI,
UART, USB, and other interfaces
Precision, programmable clocking
3- to 62-MHz internal oscillator over full temperature and
voltage range
4- to 25-MHz crystal oscillator for crystal PPM accuracy
Internal PLL clock generation up to 67 MHz
32.768 kHz watch crystal oscillator
Low-power internal oscillator at 1, 33, and 100 kHz
Temperature and packaging
–40 °C to +85 °C degrees industrial temperature
48-pin SSOP, 48-pin QFN, 68-pin QFN, and 100-pin TQFP
package options
Notes
1. AHB – AMBA (advanced microcontroller bus architecture) high-performance bus, an ARM data transfer bus
2. This feature on select devices only. See Ordering Information on page 114 for details.
3. GPIOs with opamp outputs are not recommended for use with CapSense.


Similar Part No. - CY8C3666LTI-027

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C3666LTI-027 CYPRESS-CY8C3666LTI-027 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C3666LTI-027 CYPRESS-CY8C3666LTI-027 Datasheet
4Mb / 131P
   Programmable System-on-Chip (PSoC짰)
CY8C3666LTI-027 CYPRESS-CY8C3666LTI-027 Datasheet
3Mb / 129P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C3666LTI-027

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C38_1105 CYPRESS-CY8C38_1105 Datasheet
4Mb / 130P
   Programmable System-on-Chip (PSoC) Multiply and divide instructions
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com