Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3866LTI-067 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C3866LTI-067
Description  Programmable System-on-Chip (PSoC) Multiply and divide instructions
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3866LTI-067 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C3866LTI-067 Datasheet HTML 6Page - Cypress Semiconductor CY8C3866LTI-067 Datasheet HTML 7Page - Cypress Semiconductor CY8C3866LTI-067 Datasheet HTML 8Page - Cypress Semiconductor CY8C3866LTI-067 Datasheet HTML 9Page - Cypress Semiconductor CY8C3866LTI-067 Datasheet HTML 10Page - Cypress Semiconductor CY8C3866LTI-067 Datasheet HTML 11Page - Cypress Semiconductor CY8C3866LTI-067 Datasheet HTML 12Page - Cypress Semiconductor CY8C3866LTI-067 Datasheet HTML 13Page - Cypress Semiconductor CY8C3866LTI-067 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 130 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *S
Page 10 of 130
Figure 2-6. Example PCB Layout for 100-pin TQFP Part for Optimal Analog Performance
3. Pin Descriptions
IDAC0, IDAC1, IDAC2, IDAC3
Low resistance output pin for high current DACs (IDAC).
OpAmp0out, OpAmp1out, OpAmp2out, OpAmp3out
High current output of uncommitted opamp[12].
Extref0, Extref1
External reference input to the analog system.
OpAmp0–, OpAmp1–, OpAmp2–, OpAmp3–
Inverting input to uncommitted opamp.
OpAmp0+, OpAmp1+, OpAmp2+, OpAmp3+
Noninverting input to uncommitted opamp.
GPIO
General purpose I/O pin provides interfaces to the CPU, digital
peripherals, analog peripherals, interrupts, LCD segment drive,
and CapSense[12].
I2C0: SCL, I2C1: SCL
I2C SCL line providing wake from sleep on an address match.
Any I/O pin can be used for I2C SCL if wake from sleep is not
required.
I2C0: SDA, I2C1: SDA
I2C SDA line providing wake from sleep on an address match.
Any I/O pin can be used for I2C SDA if wake from sleep is not
required.
Ind
Inductor connection to boost pump.
kHz XTAL: Xo, kHz XTAL: Xi
32.768-kHz crystal oscillator pin.
MHz XTAL: Xo, MHz XTAL: Xi
4- to 25-MHz crystal oscillator pin.
nTRST
Optional JTAG test reset programming and debug port
connection to reset the JTAG connection.
SIO
Special I/O provides interfaces to the CPU, digital peripherals
and interrupts with a programmable high threshold voltage,
analog comparator, high sink current, and high impedance state
when the device is unpowered.
SWDCK
Serial wire debug clock programming and debug port
connection.
SWDIO
Serial wire debug input and output programming and debug port
connection.
SWV.
Single wire viewer debug output.
TCK
JTAG test clock programming and debug port connection.
TDI
JTAG test data in programming and debug port connection.
TDO
JTAG test data out programming and debug port connection.
Vddd
Vssd
Vdda
Vssa
Vssd
Plane
Vssa
Plane
Note
12. GPIOs with opamp outputs are not recommended for use with CapSense.
[+] Feedback


Similar Part No. - CY8C3866LTI-067

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C3866LTI-067 CYPRESS-CY8C3866LTI-067 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
CY8C3866LTI-067 CYPRESS-CY8C3866LTI-067 Datasheet
4Mb / 129P
   Programmable System-on-Chip (PSoC짰)
CY8C3866LTI-067 CYPRESS-CY8C3866LTI-067 Datasheet
4Mb / 129P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C3866LTI-067

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C36_1105 CYPRESS-CY8C36_1105 Datasheet
4Mb / 126P
   Programmable System-on-Chip (PSoC) Multiply and divide instructions
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com