Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C5368LTI-026 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY8C5368LTI-026
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C5368LTI-026 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY8C5368LTI-026 Datasheet HTML 4Page - Cypress Semiconductor CY8C5368LTI-026 Datasheet HTML 5Page - Cypress Semiconductor CY8C5368LTI-026 Datasheet HTML 6Page - Cypress Semiconductor CY8C5368LTI-026 Datasheet HTML 7Page - Cypress Semiconductor CY8C5368LTI-026 Datasheet HTML 8Page - Cypress Semiconductor CY8C5368LTI-026 Datasheet HTML 9Page - Cypress Semiconductor CY8C5368LTI-026 Datasheet HTML 10Page - Cypress Semiconductor CY8C5368LTI-026 Datasheet HTML 11Page - Cypress Semiconductor CY8C5368LTI-026 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 8 of 106
Figure 2-3 and Figure 2-4 on page 9 show an example schematic and an example PCB layout, for the 100-pin TQFP part, for optimal
analog performance on a 2-layer board.
The two pins labeled VDDD must be connected together.
The two pins labeled VCCD must be connected together, with capacitance added, as shown in Figure 2-3 and Power System on
page 22. The trace between the two VCCD pins should be as short as possible.
The two pins labeled VSSD must be connected together.
For information on circuit board layout issues for mixed signals, refer to the application note AN57821 - Mixed Signal Circuit Board
Layout Considerations for PSoC® 3 and PSoC 5.
Figure 2-3. Example Schematic for 100-Pin TQFP Part with Power Connections
Note The two VCCD pins must be connected together with as short a trace as possible. A trace under the device is recommended, as
shown in Figure 2-4.
Vssb
10
Ind
11
Vboost
12
Vbat
13
Vssd
14
XRES
15
Vcca
63
Vssa
64
Vdda
65
Vssd
66
SIO, P12[2]
67
SIO, P12[3]
68
P4[0]
69
P4[1]
70
OA2out, P0[0]
71
OA0out, P0[1]
72
OA0+, P0[2]
73
OA0-, REF0, P0[3]
74
Vddio0
75
P5[0]
16
P5[1]
17
P5[2]
18
P5[3]
19
P1[0], SWDIO
20
P1[1], SWDCK
21
P1[2]
22
P1[3], SWV
23
P1[4]
24
P1[5]
25
P6[7]
9
P2[5]
1
P2[6]
2
P2[7]
3
P12[4], SIO
4
P12[5], SIO
5
P6[4]
6
P6[5]
7
P6[6]
8
OA1out, P3[6]
51
OA3out, P3[7]
52
SIO, P12[0]
53
SIO, P12[1]
54
kHzXout, P15[2]
55
kHzXin, P15[3]
56
NC
57
NC
58
NC
59
NC
60
NC
61
NC
62
U2
CY8C55xx
Vssd
Vdda
Vcca
Vssd
Vssa
Vssa
Vssd
Vssd
Vssd
Vssd
0.1 uF
C8
Vssd
Vddd
Vddd
Vddd
Vddd
Vssa
Vssa
Vddd
Vssd
1 uF
C9
0.1 uF
C10
0.1 uF
C11
0.1 uF
C14
0.1 uF
C16
0.1 uF
C12
0.1 uF
C6
0.1 uF
C2
1 uF
C15
1 uF
C1
Vssd
Vddd
Vssd
Vdda
Vssd
Vccd
10 uF, 6.3 V
C13
1 uF
C17
Vssa
Vdda
[+] Feedback


Similar Part No. - CY8C5368LTI-026

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C53 CYPRESS-CY8C53 Datasheet
2Mb / 102P
   Programmable System-on-Chip (PSoC )
CY8C5385AXI-015 CYPRESS-CY8C5385AXI-015 Datasheet
2Mb / 102P
   Programmable System-on-Chip (PSoC )
CY8C5385AXI-025 CYPRESS-CY8C5385AXI-025 Datasheet
2Mb / 102P
   Programmable System-on-Chip (PSoC )
CY8C5385AXI-043 CYPRESS-CY8C5385AXI-043 Datasheet
2Mb / 102P
   Programmable System-on-Chip (PSoC )
CY8C5385AXI-096 CYPRESS-CY8C5385AXI-096 Datasheet
2Mb / 102P
   Programmable System-on-Chip (PSoC )
More results

Similar Description - CY8C5368LTI-026

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C54_1106 CYPRESS-CY8C54_1106 Datasheet
3Mb / 105P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C55_1106 CYPRESS-CY8C55_1106 Datasheet
4Mb / 114P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C52_1106 CYPRESS-CY8C52_1106 Datasheet
3Mb / 95P
   Programmable System-on-Chip (PSoC) DC to 40 MHz operation
CY8C32_1105 CYPRESS-CY8C32_1105 Datasheet
3Mb / 120P
   Programmable System-on-Chip (PSoC) DC to 50 MHz operation
CY8C34_1105 CYPRESS-CY8C34_1105 Datasheet
4Mb / 127P
   Programmable System-on-Chip (PSoC) DC to 50 MHz operation
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com