Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20246A-24LKXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8C20246A-24LKXI
Description  CapSense Applications Operating Range: 1.71 V to 5.5 V
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20246A-24LKXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8C20246A-24LKXI Datasheet HTML 5Page - Cypress Semiconductor CY8C20246A-24LKXI Datasheet HTML 6Page - Cypress Semiconductor CY8C20246A-24LKXI Datasheet HTML 7Page - Cypress Semiconductor CY8C20246A-24LKXI Datasheet HTML 8Page - Cypress Semiconductor CY8C20246A-24LKXI Datasheet HTML 9Page - Cypress Semiconductor CY8C20246A-24LKXI Datasheet HTML 10Page - Cypress Semiconductor CY8C20246A-24LKXI Datasheet HTML 11Page - Cypress Semiconductor CY8C20246A-24LKXI Datasheet HTML 12Page - Cypress Semiconductor CY8C20246A-24LKXI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
CY8C20X36A/46A/66A/96A
Document Number: 001-54459 Rev. *E
Page 9 of 43
24-Pin QFN with USB
Table 3. Pin Definitions – CY8C20396A PSoC Device [8]
Pin No.
Type
Name
Description
Figure 4. CY8C20396A PSoC Device
Digital
Analog
1
I/O
I
P2[5]
2
I/O
I
P2[3]
3
I/O
I
P2[1]
4
IOHR
I
P1[7]
I2C SCL, SPI SS
5
IOHR
I
P1[5]
I2C SDA, SPI MISO
6
IOHR
I
P1[3]
SPI CLK
7
IOHR
I
P1[1]
ISSP CLK[9], I2C SCL, SPI
MOSI
8
Power
VSS
Ground
9
I/O
I
D+
USB D+
10
I/O
I
D-
USB D-
11
Power
VDD
Supply
12
IOHR
I
P1[0]
ISSP DATA[9], I2C SDA, SPI
CLK[10]
13
IOHR
I
P1[2]
14
IOHR
I
P1[4]
Optional external clock input
(EXTCLK)
15
IOHR
I
P1[6]
16
RESET INPUT
XRES
Active high external reset with
internal pull-down
17
IOH
I
P0[0]
18
IOH
I
P0[2]
19
IOH
I
P0[4]
20
IOH
I
P0[6]
21
IOH
I
P0[7]
22
IOH
I
P0[5]
23
IOH
I
P0[3]
Integrating input
24
IOH
I
P0[1]
Integrating input
CP
Power
VSS
Thermal pad must be
connected to Ground
LEGEND I = Input, O = Output, OH = 5 mA High Output Drive, R = Regulated Output
AI, I2C SDA , SPI MISO,P1[5]
QFN
(Top View)
AI, I 2 C SCL, SPI SS,P1[7]
AI, SPI CLK ,P1[3]
1
2
3
4
5
6
18
17
16
15
14
13
P0[0], AI
XRES
P0[2], AI
P2[1], AI
P1[2 ], AI
P1[4] , AI, EXTCLK
P1[6], AI
P2[5], AI
P2[3], AI
Notes
8. The center pad (CP) on the QFN package must be connected to ground (VSS) for best mechanical, thermal, and electrical performance. If not connected to ground,
it must be electrically floated and not connected to any other signal.
9. On power-up , the SDA(P1[0]) drives a strong high for 256 sleep clock cycles and drives resistive low for the next 256 sleep clock cycles. The SCL(P1[1])line drives
resistive low for 512 sleep clock cycles and both the pins transition to high impedance state. On reset, after XRES de-asserts, the SDA and the SCL lines drive
resistive low for 8 sleep clock cycles and transition to high impedance state. Hence, during power-up or reset event, P1[1] and P1[0] may disturb the I2C bus. Use
alternate pins if you encounter issues.
10. Alternate SPI clock.
[+] Feedback


Similar Part No. - CY8C20246A-24LKXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20246A-24LKXI CYPRESS-CY8C20246A-24LKXI Datasheet
922Kb / 38P
   CapSense Applications
CY8C20246A-24LKXI CYPRESS-CY8C20246A-24LKXI Datasheet
791Kb / 47P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
CY8C20246A-24LKXI CYPRESS-CY8C20246A-24LKXI Datasheet
782Kb / 51P
   1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
CY8C20246A-24LKXIT CYPRESS-CY8C20246A-24LKXIT Datasheet
922Kb / 38P
   CapSense Applications
CY8C20246A-24LKXIT CYPRESS-CY8C20246A-24LKXIT Datasheet
791Kb / 47P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
More results

Similar Description - CY8C20246A-24LKXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20336H CYPRESS-CY8C20336H Datasheet
831Kb / 33P
   Haptics Enabled CapSense Controller 1.71-V to 5.5-V operating range
logo
Freescale Semiconductor...
KL26P121M48SF4 FREESCALE-KL26P121M48SF4 Datasheet
1Mb / 60P
   Operating Characteristics Voltage range: 1.71 to 3.6 V
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
NXP Semiconductors
K60P120M100SF2 NXP-K60P120M100SF2 Datasheet
2Mb / 72P
   Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
K60P100M100SF2 NXP-K60P100M100SF2 Datasheet
2Mb / 76P
   Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
K60P100M100SF2V2 NXP-K60P100M100SF2V2 Datasheet
1Mb / 80P
   Voltage range: 1.71 to 3.6 V
Rev. 3, 6/2013
logo
Freescale Semiconductor...
MKE02P64M20SF0 FREESCALE-MKE02P64M20SF0 Datasheet
1Mb / 36P
   Operating characteristics : Flash write voltage range: 2.7 to 5.5 V
logo
Texas Instruments
SN74AHCT1G02DBVR TI-SN74AHCT1G02DBVR Datasheet
867Kb / 13P
[Old version datasheet]   Operating Range of 4.5 V to 5.5 V, Inputs Are TTL-Voltage Compatible
logo
Infineon Technologies A...
6EDL7141 INFINEON-6EDL7141 Datasheet
8Mb / 132P
   5.5 V to 60 V operating supply voltage (recommended operating condition)
Revision 1.00 2021-06-02
logo
EHAOAN.
HS1838T-B-C EHAOAN-HS1838T-B-C Datasheet
1Mb / 8P
   Operating voltage: 2.7 V -5.5 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com