Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C67300-100AXIT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C67300-100AXIT
Description  EZ-Host Programmable Embedded USB Host and Peripheral Controller
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C67300-100AXIT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C67300-100AXIT Datasheet HTML 7Page - Cypress Semiconductor CY7C67300-100AXIT Datasheet HTML 8Page - Cypress Semiconductor CY7C67300-100AXIT Datasheet HTML 9Page - Cypress Semiconductor CY7C67300-100AXIT Datasheet HTML 10Page - Cypress Semiconductor CY7C67300-100AXIT Datasheet HTML 11Page - Cypress Semiconductor CY7C67300-100AXIT Datasheet HTML 12Page - Cypress Semiconductor CY7C67300-100AXIT Datasheet HTML 13Page - Cypress Semiconductor CY7C67300-100AXIT Datasheet HTML 14Page - Cypress Semiconductor CY7C67300-100AXIT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
CY7C67300
Document #: 38-08015 Rev. *K
Page 11 of 102
IDE Features
Programmable IO mode 0–4
Block mode transfers
Direct memory access to/from internal memory through the IDE
data register
IDE Pins
Charge Pump Interface
VBUS for the USB OTG port can be produced by EZ-Host using
its built in charge pump and some external components. Ensure
the circuit connections look similar to the following diagram.
Component details:
D1 and D2: Schottky diodes with a current rating greater than
60 mA
C1: Ceramic capacitor with a capacitance of 0.1 µF
C2: Make capacitor value no more that 6.5 µF since that is the
maximum capacitance allowed by the USB OTG specifications
for a dual role device. The minimum value of C2 is 1 µF. There
are no restrictions on the type of capacitor for C2.
If the VBUS charge pump circuit is not to be used, CSWITCHA,
CSWITCHB, and OTGVBUS can be left unconnected.
Charge Pump Features
Meets OTG Supplement Requirements, see Table 134 on page
85 for details.
Charge Pump Pins
Table 14. IDE Throughput
Mode
ATA/ATAPI-4
Min Cycle Time
Actual
Min Cycle Time
ATA/ATPI-4
Max Transfer Rate
Actual
Max Transfer Rate
PIO Mode 0
600 ns
30T = 625 ns
3.33 MB/s
3.2 MB/s
PIO Mode 1
383 ns
20T = 416.7 ns
5.22 MB/s
4.8 MB/s
PIO Mode 2
240
13T = 270.8 ns
8.33 MB/s
7.38 MB/s
PIO Mode 3
180 ns
10T = 208.3 ns
11.11 MB/s
9.6 MB/s
PIO Mode 4
120 ns
8T = 166.7 ns
16.67 MB/s
12.0 MB/s
T = System clock period = 1/48 MHz.
Table 15. IDE Interface Pins
Pin Name
Pin Number
IORDY
46
IOR
47
IOW
48
CS1
50
CS0
52
A2
53
A1
54
A0
55
D15
56
D14
57
D13
58
D12
59
D11
60
D10
61
D9
65
D8
66
D7
86
D6
87
D5
89
D4
90
D3
91
D2
92
D1
93
D0
94
Figure 5. Charge Pump
Table 16. Charge Pump Interface Pins
Pin Name
Pin Number
OTGVBUS
11
CSwitchA
13
CSwitchB
12
VBUS
D1
D2
C1
C2
CSWITCHA
CSWITCHB
OTGVBUS
CY7C67300
[+] Feedback


Similar Part No. - CY7C67300-100AXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C67300-100AXIT CYPRESS-CY7C67300-100AXIT Datasheet
1Mb / 98P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300-100AXIT CYPRESS-CY7C67300-100AXIT Datasheet
1Mb / 99P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300-100AXIT CYPRESS-CY7C67300-100AXIT Datasheet
917Kb / 112P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
More results

Similar Description - CY7C67300-100AXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300 Datasheet
668Kb / 119P
   EZ-Host Programmable Embedded USB Host/Peripheral Controller
CY7C67300 CYPRESS-CY7C67300_07 Datasheet
1Mb / 98P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_06 Datasheet
268Kb / 9P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_13 Datasheet
917Kb / 112P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_08 Datasheet
1Mb / 99P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67200 CYPRESS-CY7C67200_13 Datasheet
1Mb / 92P
   EZ-OTG??Programmable USB On-The-Go Host/Peripheral Controller
CY7C67200 CYPRESS-CY7C67200 Datasheet
618Kb / 98P
   EZ-OTG Programmable USB On-The-Go Host/Peripheral Controller
logo
Future Technology Devic...
VNC1L FTDI-VNC1L Datasheet
700Kb / 31P
   Embedded USB Host Controller IC
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS Datasheet
499Kb / 29P
   Embedded USB Host/Slave Controller
SL811HS CYPRESS-SL811HS_11 Datasheet
641Kb / 32P
   Embedded USB Host/Slave Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com