Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C67300-100AXA Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C67300-100AXA
Description  EZ-Host Programmable Embedded USB Host and Peripheral Controller
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C67300-100AXA Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C67300-100AXA Datasheet HTML 3Page - Cypress Semiconductor CY7C67300-100AXA Datasheet HTML 4Page - Cypress Semiconductor CY7C67300-100AXA Datasheet HTML 5Page - Cypress Semiconductor CY7C67300-100AXA Datasheet HTML 6Page - Cypress Semiconductor CY7C67300-100AXA Datasheet HTML 7Page - Cypress Semiconductor CY7C67300-100AXA Datasheet HTML 8Page - Cypress Semiconductor CY7C67300-100AXA Datasheet HTML 9Page - Cypress Semiconductor CY7C67300-100AXA Datasheet HTML 10Page - Cypress Semiconductor CY7C67300-100AXA Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 102 page
background image
CY7C67300
Document #: 38-08015 Rev. *K
Page 7 of 102
External Memory Interface Pins
External Memory Interface Block Diagrams
Figure 2 illustrates how to connect a 64k × 8 memory array
(SRAM/ROM) to the EZ-Host external memory interface.
Figure 3 illustrates the interface for connecting a 16-bit ROM or
16-bit RAM to the EZ-Host external memory interface. In 16-bit
mode, up to 256K words of external ROM or RAM are supported.
Note that the address lines do not map directly.
Table 6. External Memory Interface Pins
Pin Name
Pin Number
nWR
64
nRD
62
nXMEMSEL (optional nCS)
34
nXROMSEL (ROM nCS)
35
nXRAMSEL (RAM nCS)
36
A18
95
A17
96
A16
97
A15
38
A14
33
A13
32
A12
31
A11
30
A10
27
A9
25
A8
24
A7
20
A6
17
A5
8
A4
7
A3
3
A2
2
A1
1
nBEL/A0
99
nBEH
98
D15
67
D14
68
D13
69
D12
70
D11
71
D10
72
D9
73
D8
74
D7
76
D6
77
D5
78
D4
79
D3
80
D2
81
D1
82
D0
83
Figure 2. Interfacing to 64k × 8 Memory Array
Figure 3. Interfacing up to 256k × 16 for External Code/Data
Table 6. External Memory Interface Pins (continued)
Pin Name
Pin Number
EZ-Host
CY7C67300
External Memory Array
64K x 8
A[15:0]
nWR
nRD
nXRAMSEL
A[15:0]
WE
OE
CE
D[7:0]
D[7:0]
Interfacing to 64K x 8 External Memory Array
EZ-Host
CY7C67300
External Memory Array
Up to 256k x 16
A[18:1]
nBEL
nBEH
nWR
nRD
nXMEMSEL
A[17:0]
BLE
WE
OE
CE
D[15:0]
D[15:0]
Up to 256k x 16 External Code/Data (Page Mode)
BHE
[+] Feedback


Similar Part No. - CY7C67300-100AXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C67300-100AXA CYPRESS-CY7C67300-100AXA Datasheet
1Mb / 98P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300-100AXA CYPRESS-CY7C67300-100AXA Datasheet
1Mb / 99P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300-100AXA CYPRESS-CY7C67300-100AXA Datasheet
917Kb / 112P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300-100AXAT CYPRESS-CY7C67300-100AXAT Datasheet
1Mb / 98P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300-100AXAT CYPRESS-CY7C67300-100AXAT Datasheet
1Mb / 99P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
More results

Similar Description - CY7C67300-100AXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300 Datasheet
668Kb / 119P
   EZ-Host Programmable Embedded USB Host/Peripheral Controller
CY7C67300 CYPRESS-CY7C67300_07 Datasheet
1Mb / 98P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_06 Datasheet
268Kb / 9P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_13 Datasheet
917Kb / 112P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_08 Datasheet
1Mb / 99P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67200 CYPRESS-CY7C67200_13 Datasheet
1Mb / 92P
   EZ-OTG??Programmable USB On-The-Go Host/Peripheral Controller
CY7C67200 CYPRESS-CY7C67200 Datasheet
618Kb / 98P
   EZ-OTG Programmable USB On-The-Go Host/Peripheral Controller
logo
Future Technology Devic...
VNC1L FTDI-VNC1L Datasheet
700Kb / 31P
   Embedded USB Host Controller IC
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS Datasheet
499Kb / 29P
   Embedded USB Host/Slave Controller
SL811HS CYPRESS-SL811HS_11 Datasheet
641Kb / 32P
   Embedded USB Host/Slave Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com