Electronic Components Datasheet Search |
|
TTC3A332H39H1 Datasheet(PDF) 4 Page - Thinking Electronic Industrial Co.,Ltd |
|
TTC3A332H39H1 Datasheet(HTML) 4 Page - Thinking Electronic Industrial Co.,Ltd |
4 / 7 page NTC Thermistor: : : :TTC03 Series Ф3mm Disc Type for Temperature Sensing/Compensation THINKING ELECTRONIC INDUSTRIAL Co., LTD. 4 www.thinking.com.tw 2008.03 Soldering Recommendation Wave Soldering Profile Recommended Reworking Conditions with Soldering Iron Item Conditions Temperature of Soldering Iron-tip 360℃ (max.) Soldering Time 3 sec (max.) Distance from Thermistor 2 mm (min.) 130±20℃ 260℃ Max Tamb Cooling Time Soldering Preheating 30~90 sec. <1 sec. <10 sec. Note 1 Note 2 Note 3 Note 1: (1~3℃)/sec Note 2: Approx. 200℃/sec Note 3: 5℃/sec. (Max) |
Similar Part No. - TTC3A332H39H1 |
|
Similar Description - TTC3A332H39H1 |