Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSB330HA2C501 Datasheet(PDF) 8 Page - Thinking Electronic Industrial Co.,Ltd

Part # PSB330HA2C501
Description  Motor Starter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PSB330HA2C501 Datasheet(HTML) 8 Page - Thinking Electronic Industrial Co.,Ltd

  PSB330HA2C501 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PSB330HA2C501 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PSB330HA2C501 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PSB330HA2C501 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PSB330HA2C501 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PSB330HA2C501 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PSB330HA2C501 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd PSB330HA2C501 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd PSB330HA2C501 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CPTC Thermistor:PS Series
Motor Starter
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
8
www.thinking.com.tw
2006.07
Reliability Test
Item
Standard
Test conditions / Methods
Specifications
Tensile
Strength of
Terminals *
IEC60068-2-21
Fasten body and apply a force gradually to each
lead until 40±0.5N for 10±1 sec. in the direction
of lead axis.
∣△
R/R25∣≦ 20%
No damage observed
Bending
Strength of
Terminals *
IEC60068-2-21
Hold body and apply a force to each lead unti
l 20±0.5N gradually at 90° to lead axis in the
direction of body, and keep for 10±1 sec., and
do this in the opposite direction.
∣△
R/R25∣≦ 20%
No damage observed
Temp. cycle
IEC60068-2-14
-40±3℃×30min.→+85±2℃×30min. ×5Cycles
excessive time:2min<T<3min
∣△
R/R25∣≦ 20%
No damage observed
Vibration *
IEC60068-2-6
Fasten body to baseboard with solder perfectly and
supply since wave oscillation at frequency from
10 HZ to 55HZ all oscillation with of
0.75 mm Vibrato for 24 cycles in each of 3 naturally
perpendicular plane for a total of 6 hours
∣△
R/R25∣≦ 20%
No damage observed
Shock *
IEC60068-2-27
Putting the PTC product in the shock equipment
shock wave: half-sine
V=1.0m/s;Acceleration:50m/s2 ;Pulse time:30ms
∣△
R/R25∣≦ 20%
No damage observed
The highest
temperature
and max.
voltage load
IEC60738-1
85±5℃, Vmax, Rcref, for 1000±5hrs.
At 25℃ to check exterior, normal resistance,
∣△
R/R25∣≦ 20%
No damage observed
The highest
temperature
storage
IEC60068-2-2
85±5℃, for 1000hrs
∣△
R/R25∣≦ 20 %
No damage observed
Room
Temperature
Intermittent
Load
IEC60738-1
25±5℃, Vmax, Rcref,1min. on and 5min.
off×100,000 cycles
At 25℃ to check exterior, normal resistance,
operating times, Recovery Times,
Power Consumption.
∣△
R/R25∣≦ 20 %
No damage observed
Climatic
sequence
IEC60738-1
+40 ℃,20%R.H X 24hrs →100 ℃ X 16hrs→25℃
X 2hrs→ +40 ℃,95%R.HX 24hrs→0 ℃ X 2hrs→+40
,95%R.HX 24hrs→25 ℃ X (1~2)hrs
to check exterior, normal resistance
∣△
R/R25∣≦ 20 %
No damage observed
Humidity
IEC60068-2-3
40±5℃,90~95%RH,40±5VDC,For 1000±2hrs
∣△
R/R25∣≦ 20 %
No damage obeserved
: Only application for PSB series


Similar Part No. - PSB330HA2C501

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSB33F POWERSEM-PSB33F Datasheet
301Kb / 2P
   Single Phase Rectifier Bridge
PSB33F POWERSEM-PSB33F Datasheet
301Kb / 2P
   Single Phase Rectifier Bridge
PSB33F-06 POWERSEM-PSB33F-06 Datasheet
301Kb / 2P
   Single Phase Rectifier Bridge
PSB33F-12 POWERSEM-PSB33F-12 Datasheet
301Kb / 2P
   Single Phase Rectifier Bridge
PSB33F04 POWERSEM-PSB33F04 Datasheet
301Kb / 2P
   Single Phase Rectifier Bridge (FRED)
More results

Similar Description - PSB330HA2C501

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
105518 PHOENIX-105518 Datasheet
209Kb / 17P
   Hybrid motor starter
logo
Schneider Electric
8538SDA24S8V02S SCHNEIDER-8538SDA24S8V02S Datasheet
63Kb / 1P
   STARTER MOTOR CONTROL <1000VAC
Sep 14, 2023
logo
STMicroelectronics
STM3210B-MCKIT STMICROELECTRONICS-STM3210B-MCKIT Datasheet
67Kb / 3P
   Motor control starter kit
STM32100B-MCKIT STMICROELECTRONICS-STM32100B-MCKIT Datasheet
56Kb / 3P
   Motor control starter kit
logo
List of Unclassifed Man...
MU25A63 ETC2-MU25A63 Datasheet
434Kb / 3P
   Manual Motor Starter MU
logo
Schneider Electric
8539SEG42V02H30S SCHNEIDER-8539SEG42V02H30S Datasheet
69Kb / 3P
   STARTER MOTOR CONTROL <1000VAC
Dec 26, 2023
logo
celduc-relais
SYMC0001 CELDUC-SYMC0001 Datasheet
747Kb / 7P
   Single phase motor soft starter
logo
DB Lectro Inc
HG4506 DBLECTRO-HG4506 Datasheet
46Kb / 2P
   Single Phase Motor Starter Relay
logo
celduc-relais
SYMC0000 CELDUC-SYMC0000 Datasheet
1Mb / 7P
   Single phase motor soft starter
logo
Schneider Electric
2510FG1 SCHNEIDER-2510FG1 Datasheet
88Kb / 2P
   Manual motor starter, fractional horsepower
Aug 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com