Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLA03221SP6D2 Datasheet(PDF) 1 Page - Thinking Electronic Industrial Co.,Ltd

Part # PLA03221SP6D2
Description  For Switching Application
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PLA03221SP6D2 Datasheet(HTML) 1 Page - Thinking Electronic Industrial Co.,Ltd

  PLA03221SP6D2 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PLA03221SP6D2 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PLA03221SP6D2 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PLA03221SP6D2 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PLA03221SP6D2 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PLA03221SP6D2 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PLA03221SP6D2 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd PLA03221SP6D2 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CPTC Thermistor:PL Series
For Switching Application
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
1
www.thinking.com.tw
2006.07
Features
1. RoHS compliant
2. For lighting applications
3. For frequent switching
4. Small size
5. Low, medium and high resistance ratings
6. Delay time are ratings
7. Stable over a long life
8. Operating temperature range:0 ~ +60°C (V=Vmax)
-25 ~ +125°C (V=0)
Recommended Applications
1. Electronic ballast for lamps, switching
Part No. Code
Dimensions
P
L
A
0
3
1
5
1
N
P
8
D
2
B
0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
(Unit: mm)
Product Code
PL
PTC
Thermistor for
Switching
Series
A
Lead Type
Dimensions
03
ψ
3mm
06
ψ
6mm
Resistance (R25)
850
85Ω
151
150Ω
152
1.5KΩ
Tolerance of R25
M
±20%
H
±25%
N
±30%
T
±40%
P
±50%
S
+35 ~ -15%
Q
+35 ~ -20%
Y
Special
Curie temperature
P6
60℃
P8
80℃
A0
100℃
A2
120℃
Withstanding
Voltage(Vac)
C2
320V
D2
420V
E0
500V
F0
600V
G0
700V
H0
800V
Internal
Control
Code
Packaging
B(Y)
Bulk
A(X)
Ammo Box
Pitch 12.7mm
E(V)
Ammo Box
Pitch 15mm
R(W)
Taping & Reel
Pitch 12.7mm
F(U)
Taping & Reel
Pitch 15mm
Note:
The code in ( ) is for
RoHS control.


Similar Part No. - PLA03221SP6D2

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PLA03A-050-R PHIHONG-PLA03A-050-R Datasheet
215Kb / 3P
   3.0 Watt - Unregulated Wall Plug
PLA03A-090-R PHIHONG-PLA03A-090-R Datasheet
215Kb / 3P
   3.0 Watt - Unregulated Wall Plug
PLA03A-120-R PHIHONG-PLA03A-120-R Datasheet
215Kb / 3P
   3.0 Watt - Unregulated Wall Plug
More results

Similar Description - PLA03221SP6D2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R218 STMICROELECTRONICS-GS-R218 Datasheet
48Kb / 3P
   27W SWITCHING REGULATOR FOR AUTOMOTIVE APPLICATION
logo
Fairchild Semiconductor
FJX3012R FAIRCHILD-FJX3012R Datasheet
32Kb / 3P
   Switching Application
FJX4001R FAIRCHILD-FJX4001R Datasheet
42Kb / 4P
   Switching Application
FJX4002R FAIRCHILD-FJX4002R Datasheet
42Kb / 4P
   Switching Application
FJX4007R FAIRCHILD-FJX4007R Datasheet
43Kb / 4P
   Switching Application
FJX4009R FAIRCHILD-FJX4009R Datasheet
39Kb / 4P
   Switching Application
FJX4012R FAIRCHILD-FJX4012R Datasheet
32Kb / 3P
   Switching Application
FJX4013R FAIRCHILD-FJX4013R Datasheet
33Kb / 3P
   Switching Application
KSR1003 FAIRCHILD-KSR1003 Datasheet
37Kb / 4P
   Switching Application
KSR1103 FAIRCHILD-KSR1103 Datasheet
56Kb / 4P
   Switching Application
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com