Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSB100MA2B201 Datasheet(PDF) 4 Page - Thinking Electronic Industrial Co.,Ltd

Part # PSB100MA2B201
Description  Motor Starter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PSB100MA2B201 Datasheet(HTML) 4 Page - Thinking Electronic Industrial Co.,Ltd

  PSB100MA2B201 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PSB100MA2B201 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PSB100MA2B201 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PSB100MA2B201 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PSB100MA2B201 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PSB100MA2B201 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PSB100MA2B201 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd PSB100MA2B201 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd PSB100MA2B201 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CPTC Thermistor:PS Series
Motor Starter
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
4
www.thinking.com.tw
2006.07
PSA Series
Note1: □=Tolerance of R25
Note2: UL&cUL File No. E138827 , CQC File No. CQC03001008127~128 , TUV File No. R50030891
Curie
Temperature
Nominal
Zero-power
Resistance
Maximum
Voltage
Maximum
Current
Operating
Time
Equilibrium
Power
Recovery
Time
Reference
Coil
Resistance
Dimensions
Safety
Approvals
Part No.
Tc (℃)
R25(Ω)
Vmax(VAC) Imax(A)
to(s)
Pmax(W)
trmax(s)
Rref(Ω)
D
(mm)
T
(mm)
UL
cUL
CQC TUV
PSA4R7□AGA805
4.7
180
10
0.3-1.0
3.4
65
15
PSA5R6□AGA805
5.6
180
10
0.3-1.0
3.4
65
15
PSA6R8□AGB005
6.8
200
9
0.3-1.0
3.4
65
15
PSA100□AGB205
10
220
8
0.3-1.0
3.2
65
20
PSA150□AGB405
15
240
7
0.2-0.8
3.2
65
20
PSA220□AGB805
22
280
6
0.2-0.8
3.2
65
25
PSA330□AGC205
33
320
4
.0.2-0.8
3.2
65
45
PSA470□AGC505
47
350
4
0.2-0.8
3.2
65
45
PSA680□AGD005
135±10
68
400
4
0.2-0.8
3.2
65
45
17.5
+0.5
-1.0
2.5
±0.2
PSA4R7□AGA606
4.7
160
10
0.2-0.6
3
50
15
PSA5R6□AGA706
5.6
170
10
0.2-0.6
3
50
15
PSA6R8□AGA806
6.8
180
9
0.2-0.6
3
50
15
PSA100□AGB006
10
200
8
0.2-0.6
3
50
15
PSA150□AGB306
15
230
7
0.2-0.6
3
50
20
PSA220□AGB506
135±10
22
250
6
0.2-0.6
3
50
20
16
+0.5
-1.0
2.5
±0.2
PSA6R8□AGA607
6.8
160
8
0.1-0.6
2.8
45
15
PSA100□AGA807
10
180
7
0.1-0.6
2.8
45
20
PSA150□AGB407
15
240
6
0.1-0.6
2.8
45
25
PSA220□AGB407
22
240
5
0.1-0.5
2.8
45
25
PSA330□AGB507
135±10
33
250
4
0.1-0.5
2.8
45
30
14
+0.5
-1.0
2.5
±0.2


Similar Part No. - PSB100MA2B201

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PSB1003 SUPERWORLD-PSB1003 Datasheet
471Kb / 6P
   SMD POWER INDUCTORS
PSB1003100MZF SUPERWORLD-PSB1003100MZF Datasheet
471Kb / 6P
   SMD POWER INDUCTORS
PSB1003101KZF SUPERWORLD-PSB1003101KZF Datasheet
471Kb / 6P
   SMD POWER INDUCTORS
PSB1003102KZF SUPERWORLD-PSB1003102KZF Datasheet
471Kb / 6P
   SMD POWER INDUCTORS
PSB1003120MZF SUPERWORLD-PSB1003120MZF Datasheet
471Kb / 6P
   SMD POWER INDUCTORS
More results

Similar Description - PSB100MA2B201

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
105518 PHOENIX-105518 Datasheet
209Kb / 17P
   Hybrid motor starter
logo
Schneider Electric
8538SDA24S8V02S SCHNEIDER-8538SDA24S8V02S Datasheet
63Kb / 1P
   STARTER MOTOR CONTROL <1000VAC
Sep 14, 2023
logo
STMicroelectronics
STM3210B-MCKIT STMICROELECTRONICS-STM3210B-MCKIT Datasheet
67Kb / 3P
   Motor control starter kit
STM32100B-MCKIT STMICROELECTRONICS-STM32100B-MCKIT Datasheet
56Kb / 3P
   Motor control starter kit
logo
List of Unclassifed Man...
MU25A63 ETC2-MU25A63 Datasheet
434Kb / 3P
   Manual Motor Starter MU
logo
Schneider Electric
8539SEG42V02H30S SCHNEIDER-8539SEG42V02H30S Datasheet
69Kb / 3P
   STARTER MOTOR CONTROL <1000VAC
Dec 26, 2023
logo
celduc-relais
SYMC0001 CELDUC-SYMC0001 Datasheet
747Kb / 7P
   Single phase motor soft starter
logo
DB Lectro Inc
HG4506 DBLECTRO-HG4506 Datasheet
46Kb / 2P
   Single Phase Motor Starter Relay
logo
celduc-relais
SYMC0000 CELDUC-SYMC0000 Datasheet
1Mb / 7P
   Single phase motor soft starter
logo
Schneider Electric
2510FG1 SCHNEIDER-2510FG1 Datasheet
88Kb / 2P
   Manual motor starter, fractional horsepower
Aug 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com