Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C64713-128AXC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C64713-128AXC
Description  EZ-USB FX1 USB Microcontroller Full Speed USB Peripheral Controller
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64713-128AXC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C64713-128AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C64713-128AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C64713-128AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C64713-128AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C64713-128AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C64713-128AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C64713-128AXC Datasheet HTML 12Page - Cypress Semiconductor CY7C64713-128AXC Datasheet HTML 13Page - Cypress Semiconductor CY7C64713-128AXC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
CY7C64713
Document Number: 38-08039 Rev. *J
Page 10 of 72
External Code Memory, EA = 1
The bottom 16 KBytes of program memory is external, and therefore the bottom 16 KBytes of internal RAM is accessible only as data
memory.
Figure 4. External Code Memory, EA = 1
Inside FX1
Outside FX1
7.5 KBytes
USB regs and
4K FIFO buffers
(RD#,WR#)
0.5 KBytes RAM
Data (RD#,WR#)*
(OK to populate
data memory
here—RD#/WR#
strobes are not
active)
40 KBytes
External
Data
Memory
(RD#,WR#)
(Ok to populate
data memory
here—RD#/WR#
strobes are not
active)
16 KBytes
RAM
Data
(RD#,WR#)*
64 KBytes
External
Code
Memory
(PSEN#)
FFFF
E200
E1FF
E000
3FFF
0000
Data
Code
*SUDPTR, USB upload/download, I2C interface boot access
[+] Feedback


Similar Part No. - CY7C64713-128AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64713-128AXC CYPRESS-CY7C64713-128AXC Datasheet
758Kb / 50P
   EZ-USB FX1??USB Microcontroller Full-speed USB Peripheral Controller
CY7C64713-128AXC CYPRESS-CY7C64713-128AXC Datasheet
1Mb / 54P
   EZ-USB FX1??USB Microcontroller Full-speed USB Peripheral Controller
CY7C64713-128AXC CYPRESS-CY7C64713-128AXC Datasheet
1Mb / 55P
   EZ-USB FX1 USB Microcontroller Full Speed USB Peripheral Controller
More results

Similar Description - CY7C64713-128AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64713 CYPRESS-CY7C64713 Datasheet
1Mb / 55P
   EZ-USB FX1 USB Microcontroller Full Speed USB Peripheral Controller
CY7C64713 CYPRESS-CY7C64713_08 Datasheet
1Mb / 54P
   EZ-USB FX1??USB Microcontroller Full-speed USB Peripheral Controller
CY7C6471314 CYPRESS-CY7C6471314 Datasheet
758Kb / 50P
   EZ-USB FX1??USB Microcontroller Full-speed USB Peripheral Controller
CY7C68013A CYPRESS-CY7C68013A_09 Datasheet
1Mb / 62P
   EZ-USB FX2LP USB Microcontroller High Speed USB Peripheral Controller
CY7C68013 CYPRESS-CY7C68013_02 Datasheet
568Kb / 50P
   EZ-USB FX USB Microcontroller High-Speed USB Peripheral Controller
CY7C68014A CYPRESS-CY7C68014A Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C68013A-128AXC CYPRESS-CY7C68013A-128AXC Datasheet
909Kb / 66P
   EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller
CY7C68013A_0905 CYPRESS-CY7C68013A_0905 Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C68013A CYPRESS-CY7C68013A_08 Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High-Speed USB Peripheral Controller
CY7C68013A CYPRESS-CY7C68013A Datasheet
1Mb / 55P
   EZ-USB FX2LP USB Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com