Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C64356-48LTXCT Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C64356-48LTXCT
Description  enCoRe V Full Speed USB Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64356-48LTXCT Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C64356-48LTXCT Datasheet HTML 4Page - Cypress Semiconductor CY7C64356-48LTXCT Datasheet HTML 5Page - Cypress Semiconductor CY7C64356-48LTXCT Datasheet HTML 6Page - Cypress Semiconductor CY7C64356-48LTXCT Datasheet HTML 7Page - Cypress Semiconductor CY7C64356-48LTXCT Datasheet HTML 8Page - Cypress Semiconductor CY7C64356-48LTXCT Datasheet HTML 9Page - Cypress Semiconductor CY7C64356-48LTXCT Datasheet HTML 10Page - Cypress Semiconductor CY7C64356-48LTXCT Datasheet HTML 11Page - Cypress Semiconductor CY7C64356-48LTXCT Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
CY7C6431x
CY7C6434x, CY7C6435x
Document Number: 001-12394 Rev. *M
Page 8 of 37
Designing with PSoC Designer
The development process for the PSoC device differs from that
of a traditional fixed-function microprocessor. The configurable
analog and digital hardware blocks give the PSoC architecture a
unique flexibility that pays dividends in managing specification
change during development and lowering inventory costs. These
configurable resources, called PSoC blocks, have the ability to
implement a wide variety of user-selectable functions. The PSoC
development process is:
1. Select user modules.
2. Configure user modules.
3. Organize and connect.
4. Generate, verify, and debug.
Select User Modules
PSoC Designer provides a library of prebuilt, pretested hardware
peripheral components called user modules. User modules
make selecting and implementing peripheral devices, both
analog and digital, simple.
Configure User Modules
Each user module that you select establishes the basic register
settings that implement the selected function. They also provide
parameters and properties that allow you to tailor their precise
configuration to your particular application. For example, a Pulse
width modulator (PWM) user module configures one or more
digital PSoC blocks, one for each eight bits of resolution. Using
these parameters, you can establish the pulse width and duty
cycle. Configure the parameters and properties to correspond to
your chosen application. Enter values directly or by selecting
values from drop-down menus. All of the user modules are
documented in datasheets that may be viewed directly in
PSoC Designer or on the Cypress website. These user module
data sheets explain the internal operation of the user module and
provide performance specifications. Each datasheet describes
the use of each user module parameter, and other information
that you may need to successfully implement your design.
Organize and Connect
Build signal chains at the chip level by interconnecting user
modules to each other and the I/O pins. Perform the selection,
configuration, and routing so that you have complete control over
all on-chip resources.
Generate, Verify, and Debug
When you are ready to test the hardware configuration or move
on to developing code for the project, perform the “Generate
Configuration Files” step. This causes PSoC Designer to
generate source code that automatically configures the device to
your specification and provides the software for the system. The
generated code provides APIs with high-level functions to control
and respond to hardware events at run time, and interrupt
service routines that you can adapt as needed.
A complete code development environment allows you to
develop and customize your applications in C, assembly
language, or both.
The last step in the development process takes place inside
PSoC Designer's Debugger (accessed by clicking the Connect
icon). PSoC Designer downloads the HEX image to the ICE
where it runs at full speed. PSoC Designer debugging
capabilities rival those of systems costing many times more. In
addition to traditional single-step, run-to-breakpoint, and
watch-variable features, the debug interface provides a large
trace buffer. It allows you to define complex breakpoint events
that include monitoring address and data bus values, memory
locations, and external signals.
[+] Feedback


Similar Part No. - CY7C64356-48LTXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64356-48LTXCT CYPRESS-CY7C64356-48LTXCT Datasheet
806Kb / 29P
   enCoRe??V Full-Speed USB Controller
CY7C64356-48LTXCT CYPRESS-CY7C64356-48LTXCT Datasheet
711Kb / 28P
   enCoRe V Full Speed USB Controller
CY7C64356-48LTXCT CYPRESS-CY7C64356-48LTXCT Datasheet
928Kb / 32P
   enCoRe V Full Speed USB Controller
CY7C64356-48LTXCT CYPRESS-CY7C64356-48LTXCT Datasheet
1Mb / 40P
   enCoRe??V Full Speed USB Controller
More results

Similar Description - CY7C64356-48LTXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C6431X CYPRESS-CY7C6431X_13 Datasheet
1Mb / 40P
   enCoRe??V Full Speed USB Controller
CY7C6431X_09 CYPRESS-CY7C6431X_09_09 Datasheet
928Kb / 32P
   enCoRe V Full Speed USB Controller
CY7C6435X CYPRESS-CY7C6435X Datasheet
634Kb / 26P
   enCoRe??V Full-Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X Datasheet
806Kb / 29P
   enCoRe??V Full-Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X_09 Datasheet
711Kb / 28P
   enCoRe V Full Speed USB Controller
CY7C64215 CYPRESS-CY7C64215 Datasheet
637Kb / 26P
   enCoRe??III Full Speed USB Controller
CY7C64215 CYPRESS-CY7C64215_08 Datasheet
953Kb / 30P
   enCoRe??III Full Speed USB Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com