Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C63723C-SXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C63723C-SXC
Description  enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63723C-SXC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C63723C-SXC Datasheet HTML 3Page - Cypress Semiconductor CY7C63723C-SXC Datasheet HTML 4Page - Cypress Semiconductor CY7C63723C-SXC Datasheet HTML 5Page - Cypress Semiconductor CY7C63723C-SXC Datasheet HTML 6Page - Cypress Semiconductor CY7C63723C-SXC Datasheet HTML 7Page - Cypress Semiconductor CY7C63723C-SXC Datasheet HTML 8Page - Cypress Semiconductor CY7C63723C-SXC Datasheet HTML 9Page - Cypress Semiconductor CY7C63723C-SXC Datasheet HTML 10Page - Cypress Semiconductor CY7C63723C-SXC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
CY7C63722C
CY7C63723C
CY7C63743C
Document #: 38-08022 Rev. *E
Page 7 of 53
Memory Organization
Program Memory Organization[1]
After reset
Address
14 -bit PC
0x0000
Program execution begins here after a reset
0x0002
USB Bus Reset interrupt vector
0x0004
128-
s timer interrupt vector
0x0006
1.024-ms timer interrupt vector
0x0008
USB endpoint 0 interrupt vector
0x000A
USB endpoint 1 interrupt vector
0x000C
USB endpoint 2 interrupt vector
0x000E
SPI interrupt vector
0x0010
Capture timer A interrupt Vector
0x0012
Capture timer B interrupt vector
0x0014
GPIO interrupt vector
0x0016
Wake-up interrupt vector
0x0018
Program Memory begins here
0x1FDF
8 KB PROM ends here (8K - 32 bytes). See Note below
Figure 1. Program Memory Space with Interrupt Vector Table
Note
1. The upper 32 bytes of the 8K PROM are reserved. Therefore, the user’s program must not overwrite this space.
[+] Feedback


Similar Part No. - CY7C63723C-SXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63723C-SXC CYPRESS-CY7C63723C-SXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
More results

Similar Description - CY7C63723C-SXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63723-SXC CYPRESS-CY7C63723-SXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63743-SXC CYPRESS-CY7C63743-SXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722 CYPRESS-CY7C63722 Datasheet
1Mb / 58P
   enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
CY7C63923-PVXC CYPRESS-CY7C63923-PVXC Datasheet
1Mb / 68P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_11 Datasheet
1Mb / 86P
   enCoRe??II Low Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com