Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C63743C Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C63743C
Description  enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63743C Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C63743C Datasheet HTML 4Page - Cypress Semiconductor CY7C63743C Datasheet HTML 5Page - Cypress Semiconductor CY7C63743C Datasheet HTML 6Page - Cypress Semiconductor CY7C63743C Datasheet HTML 7Page - Cypress Semiconductor CY7C63743C Datasheet HTML 8Page - Cypress Semiconductor CY7C63743C Datasheet HTML 9Page - Cypress Semiconductor CY7C63743C Datasheet HTML 10Page - Cypress Semiconductor CY7C63743C Datasheet HTML 11Page - Cypress Semiconductor CY7C63743C Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
CY7C63722C
CY7C63723C
CY7C63743C
Document #: 38-08022 Rev. *E
Page 8 of 53
Data Memory Organization
The CY7C637xxC microcontrollers provide 256 bytes of data RAM. In normal usage, the SRAM is partitioned into four areas: program
stack, data stack, user variables and USB endpoint FIFOs as shown below.
Figure 2. Data Memory Organization
I/O Register Summary
I/O registers are accessed via the I/O Read (IORD) and I/O Write
(IOWR, IOWX) instructions. IORD reads the selected port into
the accumulator. IOWR writes data from the accumulator to the
selected port. Indexed I/O Write (IOWX) adds the contents of X
to the address in the instruction to form the port address and
writes data from the accumulator to the specified port. Note that
specifying address 0 with IOWX (e.g., IOWX 0h) means the I/O
port is selected solely by the contents of X.
Note: All bits of all registers are cleared to all zeros on reset,
except the Processor Status and Control Register (Figure 33). All
registers not listed are reserved, and should never be written by
firmware. All bits marked as reserved should always be written
as 0 and be treated as undefined by reads.
After reset
Address
8-bit DSP
8-bit PSP
0x00
Program Stack Growth
(User’s firmware moves DSP)
8-bit DSP
User Selected
Data Stack Growth
User Variables
0xE8
USB FIFO for Address A endpoint 2
0xF0
USB FIFO for Address A endpoint 1
0xF8
USB FIFO for Address A endpoint 0
Top of RAM Memory
0xFF
Table 1. I/O Register Summary
Register Name
I/O Address
Read/Write
Function
Fig
Port 0 Data
0x00
R/W
GPIO Port 0
7
Port 1 Data
0x01
R/W
GPIO Port 1
8
Port 2 Data
0x02
R
Auxiliary input register for D+, D–, VREG, XTALIN
Port 0 Interrupt Enable
0x04
W
Interrupt enable for pins in Port 0
37
Port 1 Interrupt Enable
0x05
W
Interrupt enable for pins in Port 1
38
Port 0 Interrupt Polarity
0x06
W
Interrupt polarity for pins in Port 0
39
Port 1 Interrupt Polarity
0x07
W
Interrupt polarity for pins in Port 1
Port 0 Mode0
0x0A
W
Controls output configuration for Port 0
9
Port 0 Mode1
0x0B
W
Port 1 Mode0
0x0C
W
Controls output configuration for Port 1
11
Port 1 Mode1
0x0D
W
12
[+] Feedback


Similar Part No. - CY7C63743C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63743C CYPRESS-CY7C63743C Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63743C CYPRESS-CY7C63743C Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63743C-PXC CYPRESS-CY7C63743C-PXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63743C-QXC CYPRESS-CY7C63743C-QXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63743C-SXC CYPRESS-CY7C63743C-SXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
More results

Similar Description - CY7C63743C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63723-SXC CYPRESS-CY7C63723-SXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63743-SXC CYPRESS-CY7C63743-SXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722 CYPRESS-CY7C63722 Datasheet
1Mb / 58P
   enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
CY7C63923-PVXC CYPRESS-CY7C63923-PVXC Datasheet
1Mb / 68P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_11 Datasheet
1Mb / 86P
   enCoRe??II Low Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com