Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C64345-32LQXCT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C64345-32LQXCT
Description  enCoRe V Full Speed USB Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64345-32LQXCT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C64345-32LQXCT Datasheet HTML 1Page - Cypress Semiconductor CY7C64345-32LQXCT Datasheet HTML 2Page - Cypress Semiconductor CY7C64345-32LQXCT Datasheet HTML 3Page - Cypress Semiconductor CY7C64345-32LQXCT Datasheet HTML 4Page - Cypress Semiconductor CY7C64345-32LQXCT Datasheet HTML 5Page - Cypress Semiconductor CY7C64345-32LQXCT Datasheet HTML 6Page - Cypress Semiconductor CY7C64345-32LQXCT Datasheet HTML 7Page - Cypress Semiconductor CY7C64345-32LQXCT Datasheet HTML 8Page - Cypress Semiconductor CY7C64345-32LQXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
CY7C6431x
CY7C6434x, CY7C6435x
Document Number: 001-12394 Rev. *M
Page 4 of 37
Firmware is required to handle various parts of the USB
interface. The SIE issues interrupts after key USB events to
direct firmware to appropriate tasks:
Fill and empty the USB data buffers in USB SRAM.
Enable PMA channels appropriately.
Coordinate enumeration by decoding USB device requests.
Suspend and resume coordination.
Verify and select data toggle values.
10-bit ADC
The ADC on enCoRe V device is an independent block with a
state machine interface to control accesses to the block. The
ADC is housed together with the temperature sensor core and
can be connected to this or the Analog mux bus. As a default
operation, the ADC is connected to the temperature sensor
diodes to give digital values of the temperature.
Figure 2. ADC System Performance Block Diagram
The ADC User Module contains an integrator block and one
comparator with positive and negative input set by the MUXes.
The input to the integrator stage comes from the analog global
input mux or the temperature sensor with an input voltage range
of 0 V to VREFADC.
In the ADC only configuration (the ADC MUX selects the Analog
mux bus, not the default temperature sensor connection), an
external voltage can be connected to the input of the modulator
for voltage conversion. The ADC is run for a number of cycles
set by the timer, depending upon the desired resolution of the
ADC. A counter counts the number of trips by the comparator,
which is proportional to the input voltage. The Temp Sensor block
clock speed is 36 MHz and is divided down to 1 to 12 MHz for
ADC operation.
SPI
The serial peripheral interconnect (SPI) 3-wire protocol uses
both edges of the clock to enable synchronous communication
without the need for stringent setup and hold requirements.
Figure 3. Basic SPI Configuration
A device can be a master or slave. A master outputs clock and
data to the slave device and inputs slave data. A slave device
inputs clock and data from the master device and outputs data
for input to the master. Together, the master and slave are essen-
tially a circular Shift register, where the master generates the
clocking and initiates data transfers.
A basic data transfer occurs when the master sends eight bits of
data, along with eight clocks. In any transfer, both master and
slave transmit and receive simultaneously. If the master only
sends data, the received data from the slave is ignored. If the
master wishes to receive data from the slave, the master must
send dummy bytes to generate the clocking for the slave to send
data back.
Figure 4. SPI Block Diagram
INTERFACE BLOCK
COMMAND/ STATUS
ADC
TEMP
DIODES
VIN
SYSTEM BUS
TEMP SENSOR/ ADC
Interface to the M8 C
( Processor ) Core
SPI Master
SPI Slave
MOSI
MISO
SCLK
Data is output by
both the Master
and Slave on
one edge of the
clock.
Data is registered at the
input of both devices on the
opposite edge of the clock.
SPI Block
Registers
SYSCLK
DATA_OUT
DATA_IN
CLK_IN
CLK_OUT
INT
SS_
SCLK
MOSI,
MISO
SCLK
MOSI,
MISO
CONFIGURATION[7:0]
CONTROL[7:0]
TRANSMIT[7:0]
RECEIVE[7:0]
[+] Feedback


Similar Part No. - CY7C64345-32LQXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64345-32LQXCT CYPRESS-CY7C64345-32LQXCT Datasheet
806Kb / 29P
   enCoRe??V Full-Speed USB Controller
CY7C64345-32LQXCT CYPRESS-CY7C64345-32LQXCT Datasheet
711Kb / 28P
   enCoRe V Full Speed USB Controller
CY7C64345-32LQXCT CYPRESS-CY7C64345-32LQXCT Datasheet
928Kb / 32P
   enCoRe V Full Speed USB Controller
CY7C64345-32LQXCT CYPRESS-CY7C64345-32LQXCT Datasheet
1Mb / 40P
   enCoRe??V Full Speed USB Controller
More results

Similar Description - CY7C64345-32LQXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C6431X CYPRESS-CY7C6431X_13 Datasheet
1Mb / 40P
   enCoRe??V Full Speed USB Controller
CY7C6431X_09 CYPRESS-CY7C6431X_09_09 Datasheet
928Kb / 32P
   enCoRe V Full Speed USB Controller
CY7C6435X CYPRESS-CY7C6435X Datasheet
634Kb / 26P
   enCoRe??V Full-Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X Datasheet
806Kb / 29P
   enCoRe??V Full-Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X_09 Datasheet
711Kb / 28P
   enCoRe V Full Speed USB Controller
CY7C64215 CYPRESS-CY7C64215 Datasheet
637Kb / 26P
   enCoRe??III Full Speed USB Controller
CY7C64215 CYPRESS-CY7C64215_08 Datasheet
953Kb / 30P
   enCoRe??III Full Speed USB Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com