Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSA100MAGB304 Datasheet(PDF) 1 Page - Thinking Electronic Industrial Co.,Ltd

Part # PSA100MAGB304
Description  Motor Starter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PSA100MAGB304 Datasheet(HTML) 1 Page - Thinking Electronic Industrial Co.,Ltd

  PSA100MAGB304 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PSA100MAGB304 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PSA100MAGB304 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PSA100MAGB304 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PSA100MAGB304 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PSA100MAGB304 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PSA100MAGB304 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd PSA100MAGB304 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd PSA100MAGB304 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CPTC Thermistor:PS Series
Motor Starter
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
1
www.thinking.com.tw
2006.07
Features
1. RoHS compliant
Two versions available
PSA versions are uncased , metallized disk for clamp-contacting
PSB versions are cased
2. Voltage ratings: from 160VAC to 500VAC
3. Stable over a long life
4. No noise generated
5. Operating temperature range:
-10 ~ +85°C (V=Vmax)
-25 ~ +125°C (V=0)
6. Agency Recognition: UL / cUL / CQC / TUV
Recommended Applications
1. Home appliances (Fridge, Air conditioner)
Part No. Code
P
S
B
3
3
0
M
A
2
C
5
0
1
0
0
Y
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Product Code
PS
PTC
Thermistor for
Motor Starter
Series
A
Disc Type
B
Case Type
Resistance (R25)
4R7
4.7Ω
330
33Ω
101
100Ω
Tolerance of R25
M
±20%
H
±25%
N
±30%
Y
Special
Curie Temperature
A0
100℃
A2
120℃
A3
130℃
AG
135℃
Maximum
Voltage
A4
140V
A8
180V
B5
250V
C5
350V
D2
420V
E0
500V
Internal Control
Code
Structure
Code
01~09
RoHS
Control Code
Y
RoHS Series


Similar Part No. - PSA100MAGB304

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA10A-050 PHIHONG-PSA10A-050 Datasheet
304Kb / 2P
   10 Watt Adapter - Compact Shirt Pocket Size
PSA10A-090 PHIHONG-PSA10A-090 Datasheet
304Kb / 2P
   10 Watt Adapter - Compact Shirt Pocket Size
PSA10A-120 PHIHONG-PSA10A-120 Datasheet
304Kb / 2P
   10 Watt Adapter - Compact Shirt Pocket Size
PSA10A-150 PHIHONG-PSA10A-150 Datasheet
304Kb / 2P
   10 Watt Adapter - Compact Shirt Pocket Size
PSA10A-240 PHIHONG-PSA10A-240 Datasheet
304Kb / 2P
   10 Watt Adapter - Compact Shirt Pocket Size
More results

Similar Description - PSA100MAGB304

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
105518 PHOENIX-105518 Datasheet
209Kb / 17P
   Hybrid motor starter
logo
Schneider Electric
8538SDA24S8V02S SCHNEIDER-8538SDA24S8V02S Datasheet
63Kb / 1P
   STARTER MOTOR CONTROL <1000VAC
Sep 14, 2023
logo
STMicroelectronics
STM3210B-MCKIT STMICROELECTRONICS-STM3210B-MCKIT Datasheet
67Kb / 3P
   Motor control starter kit
STM32100B-MCKIT STMICROELECTRONICS-STM32100B-MCKIT Datasheet
56Kb / 3P
   Motor control starter kit
logo
List of Unclassifed Man...
MU25A63 ETC2-MU25A63 Datasheet
434Kb / 3P
   Manual Motor Starter MU
logo
Schneider Electric
8539SEG42V02H30S SCHNEIDER-8539SEG42V02H30S Datasheet
69Kb / 3P
   STARTER MOTOR CONTROL <1000VAC
Dec 26, 2023
logo
celduc-relais
SYMC0001 CELDUC-SYMC0001 Datasheet
747Kb / 7P
   Single phase motor soft starter
logo
DB Lectro Inc
HG4506 DBLECTRO-HG4506 Datasheet
46Kb / 2P
   Single Phase Motor Starter Relay
logo
celduc-relais
SYMC0000 CELDUC-SYMC0000 Datasheet
1Mb / 7P
   Single phase motor soft starter
logo
Schneider Electric
2510FG1 SCHNEIDER-2510FG1 Datasheet
88Kb / 2P
   Manual motor starter, fractional horsepower
Aug 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com