Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4245-15AXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C4245-15AXC
Description  256/512/1K/4K x 18 Synchronous FIFOs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4245-15AXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C4245-15AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C4245-15AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C4245-15AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C4245-15AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C4245-15AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C4245-15AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C4245-15AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C4245-15AXC Datasheet HTML 12Page - Cypress Semiconductor CY7C4245-15AXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
CY7C4205/CY7C4215
CY7C4225/CY7C4245
Document Number: 001-45652 Rev. *B
Page 9 of 25
Figure 3. Block Diagram of Synchronous FIFO Memory
with Programmable Flags used in Depth Expansion Configuration
42X5–23
WRITECLOCK (WCLK)
WRITE ENABLE (WEN)
RESET(RS)
LOAD (LD)
FF
PAF
PAF
FF
EF
PAE
PAE
EF
WXI RXI
FIRSTLOAD (FL)
READCLOCK (RCLK)
READ ENABLE (REN)
OUTPUT ENABLE (OE)
WXO RXO
7C4205
7C4215
7C4225
7C4245
PAF
FF
EF
PAE
WXI RXI
WXO RXO
7C4205
7C4215
7C4225
7C4245
VCC
FIRSTLOAD (FL)
PAF
FF
EF
PAE
WXI RXI
WXO RXO
7C4205
7C4215
7C4225
7C4245
VCC
FIRSTLOAD (FL)
DATAIN (D)
DATAOUT (Q)
[+] Feedback


Similar Part No. - CY7C4245-15AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4245-15AC CYPRESS-CY7C4245-15AC Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4245-15AI CYPRESS-CY7C4245-15AI Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4245-15ASC CYPRESS-CY7C4245-15ASC Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4245-15ASI CYPRESS-CY7C4245-15ASI Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
More results

Similar Description - CY7C4245-15AXC

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4225V CYPRESS-CY7C4225V Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com