Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTF3A502J34D1 Datasheet(PDF) 4 Page - Thinking Electronic Industrial Co.,Ltd

Part # TTF3A502J34D1
Description  Insulation Film Type for Temperature Sensing/Compensation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TTF3A502J34D1 Datasheet(HTML) 4 Page - Thinking Electronic Industrial Co.,Ltd

  TTF3A502J34D1 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TTF3A502J34D1 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TTF3A502J34D1 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TTF3A502J34D1 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TTF3A502J34D1 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NTC Thermistor:
:TTF Type
Insulation Film Type for Temperature Sensing/Compensation
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
4
www.thinking.com.tw
2008.05
Recommended Reworking Conditions With Soldering Iron
Item
Conditions
Temperature of Soldering Iron-tip
360℃ (max.)
Soldering Time
3 sec (max.)
Distance from Coating
Can't touch film bottom
Reliability
Item
Standard
Test conditions / Methods
Specifications
Tensile
Strength of
Terminals
IEC60068-2-21
Gradually applying the force specified and keeping the unit fixed for
10±1 sec..
Terminal cross-sectional area
Force
(mm2)
(Kg)
0.07<S≦0.2
0.5
No visible damage
Bending
Strength of
Terminals
IEC60068-2-21
Hold specimen and apply the force specified below to each lead. Bend
the specimen to 90°, th en return to the original position. Repeat the
procedure in the opposite direction.
Terminal cross-sectional area
Force
(mm2)
(Kg)
0.07<S≦0.2
0.25
No visible damage
Solderability
IEC60068-2-20
235 ± 5℃ ,
2 ± 0.5 sec
At least 95% of terminal
electrode is covered by
new solder
Resistance to
Soldering Heat
IEC60068-2-20
260 ± 5℃ ,
10 ± 1 sec
No visible damage
∣△R25/R25∣≦ 3 %
High
Temperature
Storage
IE600C68-2-2
100 ± 5℃ , 1000 ± 24 hrs
No visible damage
∣△R25/R25∣≦ 5 %
Damp Heat,
Steady State
IEC60068-2-3
40 ± 2℃ ,
90~95% RH , 1000 ± 24 hrs
No visible damage
∣△R25/R25∣≦ 3 %
Rapid Change of
Temperature
IEC60068-2-14
The conditions shown below shall be repeated 5 cycles
Step
Temperature (℃)
Period (minutes)
1
-40 ± 5
30 ± 3
2
Room temperature
5 ± 3
3
100 ± 5
30 ± 3
4
Room temperature
5 ± 3
No visible damage
∣△R25/R25∣≦ 3 %
Life Test
IEC 60539-1
25 ± 5℃, Pmax. , 1000 ± 24 hrs
No visible damage
∣△R25/R25∣≦ 5 %
Insulation Test
MIL-STD-202F-
Method 302
500 VDC 1 min
No visible damage
≧100 MΩ
Hi-pot Test
MIL-STD-202F-
Method 301
1000 VAC 10mA 1 min
No visible damage


Similar Part No. - TTF3A502J34D1

ManufacturerPart #DatasheetDescription
logo
ABB
TTF300 ABB-TTF300 Datasheet
2Mb / 32P
   Field-mount temperature transmitter
03.2023
More results

Similar Description - TTF3A502J34D1

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TGMAA503F3993DA6 THINKING-TGMAA503F3993DA6 Datasheet
94Kb / 4P
   Glass Encapsulated Type for Temperature Sensing/Compensation
DHT0A50213552 THINKING-DHT0A50213552 Datasheet
210Kb / 6P
   Glass Axial Type for Temperature Sensing/Compensation
TTC3A901139D1 THINKING-TTC3A901139D1 Datasheet
150Kb / 7P
   3mm Disc Type for Temperature Sensing/Compensation
logo
List of Unclassifed Man...
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
logo
Thinking Electronic Ind...
TCF3A20213181 THINKING-TCF3A20213181 Datasheet
109Kb / 5P
   Lead Frame for Temperature Sensing/Compensation
TTC050055 THINKING-TTC050055 Datasheet
384Kb / 8P
   圭5 mm Disc Type for Temperature Sensing/Compensation
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
IRC - a TT electronics ...
RGT2-30001002G IRCTT-RGT2-30001002G Datasheet
183Kb / 3P
   Thick Film Temperature Compensation Resistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com