Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTC05222J Datasheet(PDF) 2 Page - Thinking Electronic Industrial Co.,Ltd

Part # TTC05222J
Description  圭5 mm Disc Type for Temperature Sensing/Compensation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TTC05222J Datasheet(HTML) 2 Page - Thinking Electronic Industrial Co.,Ltd

  TTC05222J Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TTC05222J Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TTC05222J Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TTC05222J Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TTC05222J Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TTC05222J Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd TTC05222J Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd TTC05222J Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTC Thermistor:
:TTC05 Series
Ф5 mm Disc Type for Temperature Sensing/Compensation
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
2
www.thinking.com.tw
2011.02
All specifications are subject to change without notice.
Electrical Characteristics
Safety Approvals
Zero Power
Resistance
at 25°C
Tolerance
of
R25
B25/50
Value
Max.
Power
Dissipation
at 25℃
Dissipation
Factor
Thermal
Time
Constant
Operating
Temperature
Range
Part No.
R25( )
( ±%)
(K)
Pmax(mW)
δ(mW/°C)
τ(Sec.)
TL~TU(°C)
UL
/cUL
CSA
TUV
CQC
TTC05005□
5
2400
TTC05010□
10
2800
TTC05015□
15
2800
TTC05020□
20
2800
TTC05025□
25
2900
TTC05045□
45
3100
TTC05050□
50
3100
TTC05060□
60
3100
TTC05085□
85
3200
TTC05090□
90
3200
TTC05101□
100
3200
TTC05121□
120
3300
TTC05151□
150
3300
TTC05201□
200
3500
TTC05221□
220
3500
TTC05251□
250
3500
TTC05301□
300
3800
TTC05471□
470
3500
TTC05501□
500
3700
TTC05681□
680
3800
TTC05701□
700
3800
TTC05102□
1000
3800
TTC05152□
1500
3950
TTC05202□
2000
4000
TTC05222□
2200
4000
TTC05252□
2500
4000
TTC05302□
3000
4000
TTC05332□
3300
4000
TTC05402□
4000
4000
TTC05472□
4700
4050
TTC05502□
5000
3950
TTC05602□
6000
4050
TTC05682□
6800
4050
TTC05802□
8000
4050
TTC05103□
10000
4050
TTC05123□
12000
4050
TTC05153□
15000
4150
TTC05203□
20000
4250
TTC05303□
30000
4250
TTC05473□
47000
4300
TTC05503□
50000
4300
TTC05104□
100000
4400
TTC05154□
150000
4500
TTC05204□
200000
4600
TTC05224□
220000
4600
TTC05474□
470000
5、10、15
4750
450
Approx.
4.5
Approx.
20
-30~+125
Note : □ = Tolerance of R25
Note2: UL file no. E138827
CSA file no. 97495
TUV file no. R 50050155
CQC file no. CQC05001011991;CQC05001011994


Similar Part No. - TTC05222J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
TTC05005JI ETC2-TTC05005JI Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
TTC05005JS ETC2-TTC05005JS Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
TTC05005KI ETC2-TTC05005KI Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
TTC05005KS ETC2-TTC05005KS Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
More results

Similar Description - TTC05222J

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TTC3A901139D1 THINKING-TTC3A901139D1 Datasheet
150Kb / 7P
   3mm Disc Type for Temperature Sensing/Compensation
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TGMAA503F3993DA6 THINKING-TGMAA503F3993DA6 Datasheet
94Kb / 4P
   Glass Encapsulated Type for Temperature Sensing/Compensation
TTF3A50211 THINKING-TTF3A50211 Datasheet
103Kb / 5P
   Insulation Film Type for Temperature Sensing/Compensation
DHT0A50213552 THINKING-DHT0A50213552 Datasheet
210Kb / 6P
   Glass Axial Type for Temperature Sensing/Compensation
logo
List of Unclassifed Man...
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
logo
Thinking Electronic Ind...
TCF3A20213181 THINKING-TCF3A20213181 Datasheet
109Kb / 5P
   Lead Frame for Temperature Sensing/Compensation
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
List of Unclassifed Man...
SLC0100 ETC1-SLC0100 Datasheet
165Kb / 3P
   CLASS I TEMPERATURE COMPENSATION TYPE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com