Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM0A103G3912 Datasheet(PDF) 9 Page - Thinking Electronic Industrial Co.,Ltd

Part # TSM0A103G3912
Description  SMD NTC Thermistor for Temperature Sensing
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TSM0A103G3912 Datasheet(HTML) 9 Page - Thinking Electronic Industrial Co.,Ltd

  TSM0A103G3912 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TSM0A103G3912 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TSM0A103G3912 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TSM0A103G3912 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TSM0A103G3912 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TSM0A103G3912 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd TSM0A103G3912 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd TSM0A103G3912 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd TSM0A103G3912 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
NTC Thermistor:
:TSM Series
SMD NTC Thermistor for Temperature Sensing
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
9
www.thinking.com.tw
2011.06
All specifications are subject to change without notice.
Quantity
Storage Conditions of Products
Storage Conditions :
1. Storage Temperature: -10℃~+40℃
2. Relative Humidity: ≦75%RH
3. Keep away from corrosive atmosphere and sunlight.
Shelf Life : 1 year
Type
Quantity (pcs/reel)
0201
15,000
0402
10,000
0603
4,000
0805
3,500


Similar Part No. - TSM0A103G3912

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM006 STMICROELECTRONICS-TSM006 Datasheet
179Kb / 13P
   Primary PWM Controller
July 2004 Revision 1
TSM006ID STMICROELECTRONICS-TSM006ID Datasheet
179Kb / 13P
   Primary PWM Controller
July 2004 Revision 1
TSM006IDT STMICROELECTRONICS-TSM006IDT Datasheet
179Kb / 13P
   Primary PWM Controller
July 2004 Revision 1
TSM007 STMICROELECTRONICS-TSM007 Datasheet
131Kb / 12P
   Primary PWM Controller
TSM007ID STMICROELECTRONICS-TSM007ID Datasheet
131Kb / 12P
   Primary PWM Controller
More results

Similar Description - TSM0A103G3912

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TSM1C103F34D3R THINKING-TSM1C103F34D3R Datasheet
162Kb / 8P
   SMD NTC Thermistor for Temperature Sensing
TPM0S541P115RT THINKING-TPM0S541P115RT Datasheet
268Kb / 11P
   SMD PTC Thermistor for Temperature Sensing
logo
Texas Instruments
TMP61 TI1-TMP61_19 Datasheet
1Mb / 29P
[Old version datasheet]   Silicon-Based Linear Thermistor for Temperature Sensing
logo
List of Unclassifed Man...
LNSZ10 ETC-LNSZ10 Datasheet
228Kb / 10P
   NTC Thermistor SMD
MF11 ETC2-MF11 Datasheet
246Kb / 2P
   Temperature Compensation NTC Thermistor
logo
Texas Instruments
TMP61 TI1-TMP61 Datasheet
1Mb / 29P
[Old version datasheet]   Silicon-Based Linear Thermistor for Temperature Sensing
TMP61-Q1 TI1-TMP61-Q1 Datasheet
889Kb / 27P
[Old version datasheet]   Small Silicon-Based Linear Thermistor for Temperature Sensing
TMP61-Q1 TI1-TMP61-Q1_19 Datasheet
890Kb / 27P
[Old version datasheet]   Small Silicon-Based Linear Thermistor for Temperature Sensing
logo
List of Unclassifed Man...
CWF1-103J3380 ETC2-CWF1-103J3380 Datasheet
838Kb / 5P
   Precision NTC Thermistor Probes for Temperature Measurement
logo
Tyco Electronics
LT7330001K0JTG MACOM-LT7330001K0JTG Datasheet
69Kb / 1P
   Temperature Sensing Chip Resistor (P.T.C. Thermistor)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com