Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCK10252L Datasheet(PDF) 7 Page - Thinking Electronic Industrial Co.,Ltd

Part # SCK10252L
Description  Power Thermistor for Limiting Inrush Current
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

SCK10252L Datasheet(HTML) 7 Page - Thinking Electronic Industrial Co.,Ltd

Back Button SCK10252L Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd SCK10252L Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd SCK10252L Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd SCK10252L Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd SCK10252L Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd SCK10252L Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd SCK10252L Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd SCK10252L Datasheet HTML 10Page - Thinking Electronic Industrial Co.,Ltd SCK10252L Datasheet HTML 11Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
NTC Thermistor:
:SCK Series
Power Thermistor for Limiting Inrush Current
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
7
www.thinking.com.tw
2011.02
All specifications are subject to change without notice.
Max. Current Derating Curve
R-T Characteristic Curves (representative)
0.1
1
10
100
1000
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150 160 170
0.1
1
10
100
1000
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100 110 120 130 140 150
SCK05052~SCK0520X3
Temperature (
)
SCK08042~SCK0830X
SCK0830X
SCK08201
SCK08152
SCK08102
SCK08082
SCK08073
SCK08063
SCK08053
SCK084R72
SCK08042
Temperature (
)
TU:Maximum operating temperature (℃)
TL:Minimum operating temperature (℃)
For example:
Ambient temperature(Ta)=60℃
Maximum operating temperature(TU)=200℃
ITa=[1-(Ta-25)/(Tu-25)]×Imax=80%Imax.
SCK05121
SCK05101
SCK05081
SCK0520X3
SCK05052
100%
0
TL
0
25
TU
Ambient temperature (
℃)
ITa
Imax


Similar Part No. - SCK10252L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCK10 ETC2-SCK10 Datasheet
115Kb / 1P
   NTC THERMISTORS
logo
Pulse A Technitrol Comp...
SCK1001 PULSE-SCK1001 Datasheet
505Kb / 2P
   G. Fast Transformer - 106 MHz
SCK1002 PULSE-SCK1002 Datasheet
505Kb / 2P
   G. Fast Transformer - 106 MHz
More results

Similar Description - SCK10252L

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
SCK THINKING-SCK Datasheet
692Kb / 22P
   Power Thermistor for Limiting Inrush Current
logo
Littelfuse
ST10001B LITTELFUSE-ST10001B Datasheet
685Kb / 3P
   Power Thermistors Inrush Current Limiting Power Thermistor
logo
EPCOS
B57364S0109M000 EPCOS-B57364S0109M000_09 Datasheet
342Kb / 15P
   NTC thermistors for inrush current limiting
B57153S0479M000 EPCOS-B57153S0479M000_08 Datasheet
344Kb / 15P
   NTC thermistors for inrush current limiting
B57235S100M EPCOS-B57235S100M Datasheet
416Kb / 18P
   NTC thermistors for inrush current limiting
B57153S479M EPCOS-B57153S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57153S330M EPCOS-B57153S330M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
91930 EPCOS-91930 Datasheet
195Kb / 6P
   NTC thermistors for inrush current limiting
B57153S100M EPCOS-B57153S100M Datasheet
417Kb / 18P
   NTC thermistors for inrush current limiting
B57464 EPCOS-B57464 Datasheet
192Kb / 6P
   NTC thermistors for inrush current limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com