Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4225-10AXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C4225-10AXI
Description  256/512/1K/4K x 18 Synchronous FIFOs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4225-10AXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C4225-10AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C4225-10AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C4225-10AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C4225-10AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C4225-10AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C4225-10AXI Datasheet HTML 11Page - Cypress Semiconductor CY7C4225-10AXI Datasheet HTML 12Page - Cypress Semiconductor CY7C4225-10AXI Datasheet HTML 13Page - Cypress Semiconductor CY7C4225-10AXI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
CY7C4205/CY7C4215
CY7C4225/CY7C4245
Document Number: 001-45652 Rev. *B
Page 10 of 25
Maximum Ratings[6]
(Exceeding maximum ratings may shorten the useful life of the
device. User guidelines are not tested)
Storage temperature
 65
C to +150 C
Ambient temperature with
power applied
 55
C to +125 C
Supply voltage to ground potential
 0.5 V to +7.0 V
DC voltage applied to outputs
in High-Z state
 0.5 V to +7.0 V
DC input voltage
3.0 V to +7.0 V
Output current into outputs (LOW) .............................. 20 mA
Static discharge voltage ........................................... >2001 V
(per MIL-STD-883, Method 3015)
Latch-up current ...................................................... >200mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0
C to +70C
5 V ± 10%
Industrial[4]
-40
C to +85C
5 V ± 10%
Electrical Characteristics Over the Operating Range[6]
Parameter
Description
Test Conditions
-10
-15
Unit
Min
Max
Min
Max
VOH
Output HIGH voltage
VCC = Min
IOH = 2.0 mA
2.4
2.4
V
VOL
Output LOW voltage
VCC = Min
IOL = 8.0 mA
0.4
0.4
V
VIH[7]
Input HIGH voltage
2.2
VCC
2.2
VCC
V
VIL[7]
Input LOW voltage
3.0
0.8
3.0
0.8
V
IIX
Input leakage current
VCC = Max
10
+10
10
+10
A
IOS [8]
Output short circuit current
VCC = Max
VOUT = GND
90
90
A
IOZL
IOZH
Output OFF,
High Z current
OE > VIH,
VSS < VO < VCC
10
+10
10
+10
A
ICC[9]
Operating current
VCC = Max
IOUT = 0 mA
Com’l
45
45
mA
Ind’l
50
50
mA
ISB[10]
Standby current
VCC = Max
IOUT = 0 mA
Com’l
10
10
mA
Ind’l
15
15
mA
Capacitance[11]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input capacitance
TA = 25 C, f = 1 MHz,
VCC = 5.0 V
5pF
COUT
Output capacitance
7
pF
Notes
4. TA is the “instant on” case temperature.
5. See the last page of this specification for Group A subgroup testing information.
6. The Voltage on any input or I/O pin cannot exceed the power pin during power-up
7. The VIH and VIL specifications apply for all inputs except WXI, RXI. The WXI, RXI pin is not a TTL input. It is connected to either RXO, WXO of the previous device
or VSS.
8. Test no more than one output at a time for not more than one second.
9. Input signals switch from 0 V to 3 V with a rise/fall time less than 3 ns, clocks and clock enables switch at 20 MHz, while the data inputs switch at 10 MHz. Outputs
are unloaded.
10. All input signals are connected to VCC. All outputs are unloaded.
11. Tested initially and after any design or process changes that may affect these parameters.
[+] Feedback


Similar Part No. - CY7C4225-10AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4225-10AC CYPRESS-CY7C4225-10AC Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4225-10AI CYPRESS-CY7C4225-10AI Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4225-10ASC CYPRESS-CY7C4225-10ASC Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4225-10ASI CYPRESS-CY7C4225-10ASI Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
More results

Similar Description - CY7C4225-10AXI

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4225V CYPRESS-CY7C4225V Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com